Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB10BTK1001 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # RB10BTK1001
Description  Thin Film Chip Resistors RB series Standard
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RB10BTK1001 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button RB10BTK1001 Datasheet HTML 5Page - List of Unclassifed Manufacturers RB10BTK1001 Datasheet HTML 6Page - List of Unclassifed Manufacturers RB10BTK1001 Datasheet HTML 7Page - List of Unclassifed Manufacturers RB10BTK1001 Datasheet HTML 8Page - List of Unclassifed Manufacturers RB10BTK1001 Datasheet HTML 9Page - List of Unclassifed Manufacturers RB10BTK1001 Datasheet HTML 10Page - List of Unclassifed Manufacturers RB10BTK1001 Datasheet HTML 11Page - List of Unclassifed Manufacturers RB10BTK1001 Datasheet HTML 12Page - List of Unclassifed Manufacturers RB10BTK1001 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Thin Film Chip Resistors
RB series Standard
(Halogen –Free)
Document No
TRB-XX0S031M
Issued date
2013/01/17
page
10/13
TA-I TECHNOLOGY CO., LTD
8.2 Reel Specifications
UNIT: mm
8.3 Peel – off force :
Peel – off force of paper and blister tape is in accordance with “JIS ”
that is , 0.1 to 0.7 N at a peel-off speed of 300 mm / minute.
pull
top cover tape
300 mm/min
10 ~ 15°
standard: 0.1 ~ 0.7 N
carrier tape
UNIT:mm
Type
ФA
ФB
ФC
W
T
RB 04 / 06
RB10 / 12
178.0 ±2.0
60.0 ±1.0
13.0 ±1.0
9.0 ±1.0
11.4 ±1.0


Similar Part No. - RB10BTK1001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RB10-X331 ETC2-RB10-X331 Datasheet
633Kb / 14P
   Absorbing impact and noise
RB1006 ETC2-RB1006 Datasheet
244Kb / 2P
   It denotes the values at the maximum energy absorption per one cycle.
RB1007 ETC2-RB1007 Datasheet
244Kb / 2P
   It denotes the values at the maximum energy absorption per one cycle.
logo
Allied Components Inter...
RB1010 ALLIED-RB1010 Datasheet
363Kb / 1P
   Radial Bobbin Inductors
RB1010-100K-RC ALLIED-RB1010-100K-RC Datasheet
363Kb / 1P
   Radial Bobbin Inductors
More results

Similar Description - RB10BTK1001

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NTR NIC-NTR Datasheet
114Kb / 5P
   Thin Film Chip Resistors
logo
List of Unclassifed Man...
RT0201 ETC1-RT0201 Datasheet
41Kb / 2P
   Thin Film Chip Resistors
logo
Bourns Electronic Solut...
CRT BOURNS-CRT Datasheet
390Kb / 3P
   Thin Film Precision Chip Resistors
logo
IRC - a TT electronics ...
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
logo
MERITEK ELECTRONICS COR...
RN73 MERITEK-RN73 Datasheet
424Kb / 5P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MC_PRE VISHAY-MC_PRE Datasheet
165Kb / 11P
   Precision Thin Film Chip Resistors
Revision: 16-Jan-13
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C4759FP500 VISHAY-MCT06030C4759FP500 Datasheet
153Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C2203FP500 VISHAY-MCT06030C2203FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
logo
Bourns Electronic Solut...
CRT0603-CV-1003ELF BOURNS-CRT0603-CV-1003ELF Datasheet
425Kb / 4P
   Thin Film Precision Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com