Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RLM12JTAMR001 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # RLM12JTAMR001
Description  Current Sensing Resistors RLM Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RLM12JTAMR001 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  RLM12JTAMR001 Datasheet HTML 1Page - List of Unclassifed Manufacturers RLM12JTAMR001 Datasheet HTML 2Page - List of Unclassifed Manufacturers RLM12JTAMR001 Datasheet HTML 3Page - List of Unclassifed Manufacturers RLM12JTAMR001 Datasheet HTML 4Page - List of Unclassifed Manufacturers RLM12JTAMR001 Datasheet HTML 5Page - List of Unclassifed Manufacturers RLM12JTAMR001 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Current Sensing Resistors
RLM Series
( Halogen-Free )
Document No
TRLM-120S030A
Issued date
2012/12/13
page
6/6
TA-I TECHNOLOGY CO., LTD
14. Recommend IR
– Reflow profile: (solder: Sn96.5 / Ag3 / Cu0.5)
Peak : 250
0
5
℃ , 5 sec
Pre
–heat zone : 150 to 180 ℃, 90±30 sec
Soldering zone : 230℃ or higher , 30±10 sec
15. ECN
Engineering Change Notice: The customer will be informed with ECN if there is significant
modification on the characteristics and materials described in approval sheet.
16. Manufacturing Country & City:
TA-I TECHNOLOGY CO., LTD. (Taiwan
– Tao Yuan)
Tel: (+886) 3-3246169
Fax: (+886) 3-3246167
Associated companies:
(1)TA-I TECHNOLOGY (SU ZHOU) CO., LTD. (China
– Su Zhou)
Tel: (+86) 512-63457879
Fax: (+86) 512-63457869
(2) TA-I TECHNOLOGY ELECTRONIC (DONGGUAN) CO., LTD. (China
–Dongguan)
Tel: (+86) 769-8339-4790〜3
Fax : (+86) 769-8339-4794
(3) FORTUNE TASK RESISTOR FACTORY (China
– Dongguan)
Tel: (+86) 769-8339-4790〜3
Fax : (+86) 769-8339-4794
(4) TAI OHM ELECTRONICS (M) SDN. BHD. (Malaysia
– Penang)
Tel: (+60) 4-3900480
Fax: (+60) 4-3901481
(5) P.T.TAI ELECTRONIC Indonesia (Indonesia
– Jakarta)
Tel: (+62) 21-44820254
Fax: (+62) 21-44820256


Similar Part No. - RLM12JTAMR001

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RLM121 VISHAY-RLM121 Datasheet
230Kb / 6P
   Ceramic Disc Capacitors, Class 1
Revision: 31-Jan-06
More results

Similar Description - RLM12JTAMR001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RLM25FECR010 ETC-RLM25FECR010 Datasheet
489Kb / 6P
   Lead-Free Current Sensing Resistors RLM Series
RLM10FTSMR020 ETC-RLM10FTSMR020 Datasheet
503Kb / 6P
   Lead-Free Current Sensing Resistors RLM Series
RLM20FECR010 ETC-RLM20FECR010 Datasheet
432Kb / 6P
   Lead-Free Current Sensing Resistors RLM Series
RLM25FEEMR50M ETC-RLM25FEEMR50M Datasheet
502Kb / 6P
   Lead-Free Current Sensing Resistors RLM Series
RLM25FECMR010 ETC-RLM25FECMR010 Datasheet
493Kb / 6P
   Lead-Free Current Sensing Resistors RLM Series
logo
Riedon Powertron
UP-1 RIEDON-UP-1 Datasheet
295Kb / 1P
   Current Sensing Resistors
logo
KOA Speer Electronics, ...
SL2TTE KOA-SL2TTE Datasheet
177Kb / 6P
   Current Sensing Chip Resistors
logo
NIC-Components Corp.
NCSR NIC-NCSR Datasheet
484Kb / 5P
   Current Sensing Chip Resistors
logo
Bourns Electronic Solut...
CRF0805 BOURNS-CRF0805 Datasheet
265Kb / 1P
   Current Sensing Chip Resistors
logo
List of Unclassifed Man...
PCR-4T ETC-PCR-4T Datasheet
541Kb / 1P
   PRECISION CURRENT SENSING RESISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com