Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RLM25FECMR003 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # RLM25FECMR003
Description  Lead-Free Current Sensing Resistors RLM Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RLM25FECMR003 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  RLM25FECMR003 Datasheet HTML 1Page - List of Unclassifed Manufacturers RLM25FECMR003 Datasheet HTML 2Page - List of Unclassifed Manufacturers RLM25FECMR003 Datasheet HTML 3Page - List of Unclassifed Manufacturers RLM25FECMR003 Datasheet HTML 4Page - List of Unclassifed Manufacturers RLM25FECMR003 Datasheet HTML 5Page - List of Unclassifed Manufacturers RLM25FECMR003 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Lead-Free Current Sensing Resistors
RLM Series
( Halogen-Free )
Document No
TRLM-250S148B
Issued date
2014/03/31
Page
6/6
TA-I TECHNOLOGY CO., LTD
14. Recommend IR
– Reflow profile : (solder : Sn96.5 / Ag3 / Cu0.5)
Peak : 250
0
5
℃ , 5 sec
Pre
– heat Zone : 150 to 180 ℃, 90±30 sec
Soldering Zone : 230℃ or higher , 30±10 sec
Iron Solder:350±10℃ , 3+1/-0 sec
15. ECN
Engineering Change Notice: The customer will be informed with ECN if there is significant
modification on the characteristics and materials described in Approval Sheet.
16. Manufacturing Country & City :
TA-I TECHNOLOGY CO., LTD. ( Taiwan
– Tao Yuan )
Tel: (+886) 3-3246169
Fax : (+886) 3-3246167
Associated companies :
(1)TA-I TECHNOLOGY ( SU ZHOU ) CO., LTD. ( China
– Su Zhou)
Tel :(+86) 512-63457879
Fax : (+86) 512-63457869
(2) TA-I TECHNOLOGY ELECTRONIC (DONGGUAN ) CO., LTD. ( China
–Dongguan )
Tel : (+86) 769-8339-4790〜3
Fax : (+86) 769-8339-4794
(3) FORTUNE TASK RESISTOR FACTORY
( China
– Dongguan )
Tel : (+86) 769-8339-4790〜3
Fax : (+86) 769-8339-4794
(4) TAI OHM ELECTRONICS ( M ) SDN. BHD. ( Malaysia
– Penang )
Tel :(+60) 4- 3900480
Fax : (+60) 4-3901481
(5) P.T.TAI ELECTRONIC Indonesia ( Indonesia
– Jakarta )
Tel :(+62) 21-44820254
Fax : (+62) 21-44820256


Similar Part No. - RLM25FECMR003

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RLM25FECMR50M ETC-RLM25FECMR50M Datasheet
502Kb / 6P
   Lead-Free Current Sensing Resistors RLM Series
More results

Similar Description - RLM25FECMR003

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RLM25FECR010 ETC-RLM25FECR010 Datasheet
489Kb / 6P
   Lead-Free Current Sensing Resistors RLM Series
RLM10FTSMR020 ETC-RLM10FTSMR020 Datasheet
503Kb / 6P
   Lead-Free Current Sensing Resistors RLM Series
RLM20FECR010 ETC-RLM20FECR010 Datasheet
432Kb / 6P
   Lead-Free Current Sensing Resistors RLM Series
RLM25FEEMR50M ETC-RLM25FEEMR50M Datasheet
502Kb / 6P
   Lead-Free Current Sensing Resistors RLM Series
RLM12FTCMR001 ETC-RLM12FTCMR001 Datasheet
357Kb / 6P
   Current Sensing Resistors RLM Series
RLF06FECMR001 ETC-RLF06FECMR001 Datasheet
403Kb / 6P
   Lead-Free Current Sensing Resistors
RLN06FCR005 ETC-RLN06FCR005 Datasheet
365Kb / 6P
   Lead-Free Current Sensing Resistors
RLN37FECR010 ETC-RLN37FECR010 Datasheet
299Kb / 6P
   Lead-Free Current Sensing Resistors
RLS12FTCR010 ETC-RLS12FTCR010 Datasheet
464Kb / 8P
   Lead-Free Current Sensing Resistors
logo
Cyntec Co., Ltd.
RLM-0816-FF CYNTEC-RLM-0816-FF Datasheet
945Kb / 8P
   RLM-0816-FF Series Current Sensor Resistor (Lead / Halogen Free)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com