Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CN24GTN43R2 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CN24GTN43R2
Description  Thick Film Chip Resistor Networks
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CN24GTN43R2 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CN24GTN43R2 Datasheet HTML 1Page - List of Unclassifed Manufacturers CN24GTN43R2 Datasheet HTML 2Page - List of Unclassifed Manufacturers CN24GTN43R2 Datasheet HTML 3Page - List of Unclassifed Manufacturers CN24GTN43R2 Datasheet HTML 4Page - List of Unclassifed Manufacturers CN24GTN43R2 Datasheet HTML 5Page - List of Unclassifed Manufacturers CN24GTN43R2 Datasheet HTML 6Page - List of Unclassifed Manufacturers CN24GTN43R2 Datasheet HTML 7Page - List of Unclassifed Manufacturers CN24GTN43R2 Datasheet HTML 8Page - List of Unclassifed Manufacturers CN24GTN43R2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Thick Film Chip Resistor Arrays
Thick Film Chip Resistor Networks
(Lead-Free for CN Series Standard)
Halogen-Free
Document No. TCN-XX0S001R
Revise Date
2012/11/07
page number
5 /11
TA-I TECHNOLOGY CO., LTD
5. Reliability Tests:
Test Items
Reference
standard
Condition of Test
Test Limits (△R )
Temperature Coefficient
of Resistance
IEC60115-1-4.8
JIS-C5201-1-4.8
-55〜 +125 ℃
Refer 4.0
Short Time Overload
IEC60115-1-4.13
JIS-C5201-1-4.13
2.5 X rated voltage for 5 sec
±
(2.0%+0.1Ω)
0Ω : 50 mΩ or less
Intermittent Overload
IEC60115-1-4.39
JIS-C5201-1-4.39
2.5X rated voltage or Max Overloading Voltage ,
1 sec “ON” 25 sec “OFF” , 10000 cycles
±
(5.0%+0.1Ω)
0Ω : 50mΩ or less
Load Life
IEC60115-1-4.25.1
JIS-C5201-1-4.25.1
1000 hours at rated voltage , 70℃ , 1.5hours
“ON “, 0.5hour “OFF”
1%:±(1.0%+0.05Ω)
5%:±(3.0%+0.1Ω)
0Ω :100 mΩ or less
Load Life with Humidity
IEC60115-1-4.24
JIS-C5201-1-4.24
1000 hours at rated voltage , 40±2℃,
90~95% RH 1.5hours “ON “, 0.5hour “OFF”
1%:±(1.0%+0.05Ω)
5%:±(3.0%+0.1Ω)
0Ω :100 mΩ or less
Rapid Change of Temperature
IEC60115-1-4.19
JIS-C5201-1-4.19
-55℃ (30 min. ) / +155 ℃(30 min. ) 5 cycles
1%:±(0.5%+0.05Ω)
5%:±(1.0%+0.05Ω)
0Ω :50 mΩ or less
Solderability
IEC60115-1-4.17
JIS-C5201-1-4.17
245±5℃ solder, 2±0.5 sec dwell.
Solder : Sn96.5 / Ag3.0 / Cu0.5
At least 95% of surface area
of electrode shall be covered
with new solder.
Core body
IEC60115-1-4.15
JIS-C5201-1-4.15
Pressure 1.0 kgf a R0.5 pressure rod for 10 sec
Without mechanical damage
such as breaks. Electrical
characteristics shall be satisfied
Dielectric
Withstanding
Voltage (Voltage Proof)
IEC60115-1-4.7
JIS-C5201-1-4.7
Applying voltage 100V for 1 minute.
No
abnormalities
such
as
flashover,
burning
dielectric
breakdown shall appear.
Resistance to Solder Heat
IEC60115-1-4.18
JIS-C5201-1-4.18
270 ±5℃ solder , 10 ±1 sec dwell .
0.5%,1%:±(1.0%+0.05Ω)
2%,5%:±(2.0%+0.1Ω)
0Ω : 50mΩ or less
Note* : RCWV : Rated continuous working voltage .


Similar Part No. - CN24GTN43R2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CN24GT0 ETC-CN24GT0 Datasheet
703Kb / 10P
   Thick Film Chip Resistors Arrays
More results

Similar Description - CN24GTN43R2

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
RA-RB MERITEK-RA-RB Datasheet
142Kb / 2P
   Thick Film Resistor Networks
logo
Riedon Powertron
TF3006A RIEDON-TF3006A Datasheet
195Kb / 2P
   Thick Film Resistor Networks
logo
American Accurate Compo...
CRN062V102JAM AAC-CRN062V102JAM Datasheet
312Kb / 6P
   Thick Film Chip Resistor Arrays & Networks
logo
ABCO ELECTRONICS CO.LTD
ANR9X472J ABCO-ANR9X472J Datasheet
560Kb / 2P
   THICK FILM RESISTOR NETWORKS
logo
Bourns Electronic Solut...
4B04B BOURNS-4B04B Datasheet
109Kb / 1P
   Thick Film Surge Resistor Networks
logo
List of Unclassifed Man...
898 ETC1-898 Datasheet
174Kb / 4P
   DAUL-IN-LINE THICK FILM RESISTOR NETWORKS
logo
Vishay Siliconix
SOMC VISHAY-SOMC Datasheet
120Kb / 3P
   Thick Film, Dual-in-Line Resistor Networks
Revision: 21-Aug-06
logo
List of Unclassifed Man...
898-5-R220 ETC1-898-5-R220 Datasheet
61Kb / 4P
   Dual-In-Line Thick Film Resistor Networks
logo
Samsung semiconductor
RC1608J000CS SAMSUNG-RC1608J000CS Datasheet
5Mb / 40P
   THICK-FILM CHIP RESISTOR
logo
Riedon Powertron
CLR0201 RIEDON-CLR0201_13 Datasheet
167Kb / 1P
   Thick Film Chip Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com