Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB10BTS1001 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # RB10BTS1001
Description  Thin Film Chip Resistors RB series Standard
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RB10BTS1001 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button RB10BTS1001 Datasheet HTML 4Page - List of Unclassifed Manufacturers RB10BTS1001 Datasheet HTML 5Page - List of Unclassifed Manufacturers RB10BTS1001 Datasheet HTML 6Page - List of Unclassifed Manufacturers RB10BTS1001 Datasheet HTML 7Page - List of Unclassifed Manufacturers RB10BTS1001 Datasheet HTML 8Page - List of Unclassifed Manufacturers RB10BTS1001 Datasheet HTML 9Page - List of Unclassifed Manufacturers RB10BTS1001 Datasheet HTML 10Page - List of Unclassifed Manufacturers RB10BTS1001 Datasheet HTML 11Page - List of Unclassifed Manufacturers RB10BTS1001 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Thin Film Chip Resistors
RB series Standard
(Halogen –Free)
Document No
TRB-XX0S031M
Issued date
2013/01/17
page
8/13
TA-I TECHNOLOGY CO., LTD
Ex. : 0603 , 120Ω , 0.1%
Marking is 121
7.4 ±0.1% , ±0.5% , ±1%( E96/3digitals)
The resistance value by 3 digits is requirement for customer.
7.5 No Marking for RB04
8. Taping & Reel
8.1 Taping Dimensions
8.1.1 4 mm pitch paper
Packing
Type
A
B
W
F
E
P1
P2
P0
D0
T
Paper Tape
RB06 1.1±0.1 1.9±0.1
8.0±0.2 3.5±0.05 1.75±0.1
4.0±0.1
2.0±0.1
4.0±0.1
+0.1
Ф1.5
-0
0.64±0.1
RB10 1.6±0.15 2.4±0.2
0.84±0.1
RB12 2.0±0.15 3.6±0.2
UNIT: mm
121


Similar Part No. - RB10BTS1001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RB10-X331 ETC2-RB10-X331 Datasheet
633Kb / 14P
   Absorbing impact and noise
RB1006 ETC2-RB1006 Datasheet
244Kb / 2P
   It denotes the values at the maximum energy absorption per one cycle.
RB1007 ETC2-RB1007 Datasheet
244Kb / 2P
   It denotes the values at the maximum energy absorption per one cycle.
logo
Allied Components Inter...
RB1010 ALLIED-RB1010 Datasheet
363Kb / 1P
   Radial Bobbin Inductors
RB1010-100K-RC ALLIED-RB1010-100K-RC Datasheet
363Kb / 1P
   Radial Bobbin Inductors
More results

Similar Description - RB10BTS1001

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NTR NIC-NTR Datasheet
114Kb / 5P
   Thin Film Chip Resistors
logo
List of Unclassifed Man...
RT0201 ETC1-RT0201 Datasheet
41Kb / 2P
   Thin Film Chip Resistors
logo
Bourns Electronic Solut...
CRT BOURNS-CRT Datasheet
390Kb / 3P
   Thin Film Precision Chip Resistors
logo
IRC - a TT electronics ...
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
logo
MERITEK ELECTRONICS COR...
RN73 MERITEK-RN73 Datasheet
424Kb / 5P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MC_PRE VISHAY-MC_PRE Datasheet
165Kb / 11P
   Precision Thin Film Chip Resistors
Revision: 16-Jan-13
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C4759FP500 VISHAY-MCT06030C4759FP500 Datasheet
153Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C2203FP500 VISHAY-MCT06030C2203FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
logo
Bourns Electronic Solut...
CRT0603-CV-1003ELF BOURNS-CRT0603-CV-1003ELF Datasheet
425Kb / 4P
   Thin Film Precision Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com