Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB04DTS1001 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # RB04DTS1001
Description  Thin Film Chip Resistors RB series Standard
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RB04DTS1001 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button RB04DTS1001 Datasheet HTML 2Page - List of Unclassifed Manufacturers RB04DTS1001 Datasheet HTML 3Page - List of Unclassifed Manufacturers RB04DTS1001 Datasheet HTML 4Page - List of Unclassifed Manufacturers RB04DTS1001 Datasheet HTML 5Page - List of Unclassifed Manufacturers RB04DTS1001 Datasheet HTML 6Page - List of Unclassifed Manufacturers RB04DTS1001 Datasheet HTML 7Page - List of Unclassifed Manufacturers RB04DTS1001 Datasheet HTML 8Page - List of Unclassifed Manufacturers RB04DTS1001 Datasheet HTML 9Page - List of Unclassifed Manufacturers RB04DTS1001 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Thin Film Chip Resistors
RB series Standard
(Halogen –Free)
Document No
TRB-XX0S031M
Issued date
2013/01/17
page
6/13
TA-I TECHNOLOGY CO., LTD
7. Marking
7.1 ±0.1% , ±0.5% , ±1% (E96 ) : RB10 / RB12
Resistance value is expressed by 4 digits , the first three digits represent the significant
figures of nominal resistance value inΩ, and the fourth digit represents exponent for base of 10.
E.G. : 1000 = 100×10
0 = 100Ω
7.2
±
0.1% , ±0.5% , ±1% (RB06/E96)
When the marking space is too small in such small-sized resistors as RB06, the
marking can not made by 4 digits and may be made by two digits combined
with one English capital.
Symbol for E96 series nominal resistance value
Symbol
E96
Symbol
E96
Symbol
E96
Symbol
E96
01
100
25
178
49
316
73
562
02
102
26
182
50
324
74
576
03
105
27
187
51
332
75
590
04
107
28
191
52
340
76
604
05
110
29
196
53
348
77
619
06
113
30
200
54
357
78
634
07
115
31
205
55
365
79
649
08
118
32
210
56
374
80
665
09
121
33
215
57
383
81
681
10
124
34
221
58
392
82
698
11
127
35
226
59
402
83
715
12
130
36
232
60
412
84
732
13
133
37
237
61
422
85
750
14
137
38
243
62
432
86
768
15
140
39
249
63
442
87
787
16
143
40
255
64
453
88
806
17
147
41
261
65
464
89
825
18
150
42
267
66
475
90
845
19
154
43
274
67
487
91
866
20
158
44
280
68
499
92
887
21
162
45
287
69
511
93
909
22
165
46
294
70
523
94
931
23
169
47
301
71
536
95
953
24
174
48
309
72
549
96
976
Symbol for multipliers
Symbol
A
B
C
D
E
F
G
H
X
Y
Z
multipliers
10
0
10
1
10
2
10
3
10
4
10
5
10
6
10
7
10
-1
10
-2
10
-3
Ex: 02c=102 ×10
2=10.2kΩ


Similar Part No. - RB04DTS1001

ManufacturerPart #DatasheetDescription
logo
Rohm
RB048RSM10S ROHM-RB048RSM10S Datasheet
2Mb / 9P
   Schottky Barrier Diode
2022/04/26_Rev.001
RB048RSM10STF ROHM-RB048RSM10STF Datasheet
2Mb / 9P
   Schottky Barrier Diode
2022/04/26_Rev.001
RB048RSM15S ROHM-RB048RSM15S Datasheet
2Mb / 9P
   Schottky Barrier Diode
2022/04/26_Rev.001
RB048RSM15STF ROHM-RB048RSM15STF Datasheet
2Mb / 9P
   Schottky Barrier Diode
2022/04/26_Rev.001
More results

Similar Description - RB04DTS1001

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NTR NIC-NTR Datasheet
114Kb / 5P
   Thin Film Chip Resistors
logo
List of Unclassifed Man...
RT0201 ETC1-RT0201 Datasheet
41Kb / 2P
   Thin Film Chip Resistors
logo
Bourns Electronic Solut...
CRT BOURNS-CRT Datasheet
390Kb / 3P
   Thin Film Precision Chip Resistors
logo
IRC - a TT electronics ...
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
logo
MERITEK ELECTRONICS COR...
RN73 MERITEK-RN73 Datasheet
424Kb / 5P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MC_PRE VISHAY-MC_PRE Datasheet
165Kb / 11P
   Precision Thin Film Chip Resistors
Revision: 16-Jan-13
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C4759FP500 VISHAY-MCT06030C4759FP500 Datasheet
153Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C2203FP500 VISHAY-MCT06030C2203FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
logo
Bourns Electronic Solut...
CRT0603-CV-1003ELF BOURNS-CRT0603-CV-1003ELF Datasheet
425Kb / 4P
   Thin Film Precision Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com