Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W681511 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # W681511
Description  SINGLE-CHANNEL VOICEBAND CODEC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

W681511 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  W681511 Datasheet HTML 1Page - List of Unclassifed Manufacturers W681511 Datasheet HTML 2Page - List of Unclassifed Manufacturers W681511 Datasheet HTML 3Page - List of Unclassifed Manufacturers W681511 Datasheet HTML 4Page - List of Unclassifed Manufacturers W681511 Datasheet HTML 5Page - List of Unclassifed Manufacturers W681511 Datasheet HTML 6Page - List of Unclassifed Manufacturers W681511 Datasheet HTML 7Page - List of Unclassifed Manufacturers W681511 Datasheet HTML 8Page - List of Unclassifed Manufacturers W681511 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
W681511
Publication Release Date: January 2009
- 2 -
Revision A11
1. GENERAL DESCRIPTION
The
W681511 is a general-purpose single channel PCM CODEC with pin-selectable μ-Law or A-Law
companding. The device is compliant with the ITU G.712 specification. It operates off of a single +5V
power supply and is available in 20-pin SOG package options. Functions performed include
digitization and reconstruction of voice signals, and band limiting and smoothing filters required for
PCM systems. The filters are compliant with ITU G.712 specification.
W681511 performance is
specified over the industrial temperature range of –40
°C to +85°C.
The
W681511 includes an on-chip precision voltage reference and an additional power amplifier,
capable of driving 300
Ω loads differentially up to a level of 6.3V peak-to-peak. The analog section is
fully differential, reducing noise and improving the power supply rejection ratio. The data transfer
protocol supports both long-frame and short-frame synchronous communications for PCM
applications, and IDL and GCI communications for ISDN applications.
W681511 accepts seven
master clock rates between 256 kHz and 4.096 MHz, and an on-chip pre-scaler automatically
determines the division ratio for the required internal clock.
For fast evaluation and prototyping purposes, the
W681511DK development kit is available.
2. FEATURES
Single +5V power supply
Typical power dissipation of 25 mW,
power-down mode of 0.5
μW
Fully-differential analog circuit design
On-chip precision reference of 1.575 V for
a 0 dBm TLP at 600
Ω
Push-pull power amplifiers with external
gain adjustment with 300
Ω load capability
Seven master clock rates of 256 kHz to
4.096 MHz
Pin-selectable
μ-Law
and
A-Law
companding (compliant with ITU G.711)
CODEC A/D and D/A filtering compliant
with ITU G.712
Industrial temperature range (–40
°C to
+85
°C)
Package: 20-pin SOG
ApplIcations
Digital Telephone Systems
Central
Office
Equipment
(Gateways,
Switches, Routers)
PBX Systems (Gateways, Switches)
PABX/SOHO Systems
Local Loop card
SOHO Routers
VoIP Terminals
Enterprise Phones
ISDN Terminals
Analog line cards
Digital Voice Recorders


Similar Part No. - W681511

ManufacturerPart #DatasheetDescription
logo
Winbond
W681511 WINBOND-W681511 Datasheet
406Kb / 34P
   SINGLE-CHANNEL VOICEBAND CODEC
W681511 WINBOND-W681511 Datasheet
520Kb / 33P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
Nuvoton Technology Corp...
W681511 NUVOTON-W681511 Datasheet
931Kb / 32P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
Winbond
W681511IS WINBOND-W681511IS Datasheet
520Kb / 33P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
Nuvoton Technology Corp...
W681511SG NUVOTON-W681511SG Datasheet
931Kb / 32P
   SINGLE-CHANNEL VOICEBAND CODEC
More results

Similar Description - W681511

ManufacturerPart #DatasheetDescription
logo
Winbond
W6811 WINBOND-W6811 Datasheet
457Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
W681512 WINBOND-W681512 Datasheet
316Kb / 38P
   SINGLE-CHANNEL VOICEBAND CODEC
W6811 WINBOND-W6811_05 Datasheet
598Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
W6810 WINBOND-W6810 Datasheet
405Kb / 36P
   SINGLE-CHANNEL VOICEBAND CODEC
W681511 WINBOND-W681511_05 Datasheet
520Kb / 33P
   SINGLE-CHANNEL VOICEBAND CODEC
W681511 WINBOND-W681511 Datasheet
406Kb / 34P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
Nuvoton Technology Corp...
W681511 NUVOTON-W681511 Datasheet
931Kb / 32P
   SINGLE-CHANNEL VOICEBAND CODEC
W681512 NUVOTON-W681512 Datasheet
942Kb / 34P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
Winbond
W6810 WINBOND-W6810_06 Datasheet
328Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
W681310 WINBOND-W681310_07 Datasheet
324Kb / 38P
   3V SINGLE-CHANNEL VOICEBAND CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com