Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15CT8.5 Datasheet(PDF) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # 15CT8.5
Description  TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

15CT8.5 Datasheet(HTML) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  15CT8.5 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. 15CT8.5 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. 15CT8.5 Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd. 15CT8.5 Datasheet HTML 4Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Test
Current
Stand-
off
Voltage
UNI
BI
Min
Max
IT (mA)VWM (V)
GDD
BDD
6.40
7.82
10.0
5.0
GDE
BDE
6.40
7.07
10.0
5.0
GDF
BDF
6.67
8.15
10.0
6.0
GDG
BDG
6.70
7.37
10.0
6.0
GDH
BDH
7.22
8.82
10.0
6.5
GDK
BDK
7.22
7.98
10.0
6.5
GDL
BDL
7.78
9.51
10.0
7.0
GDM
BDM
7.78
8.60
10.0
7.0
GDN
BDN
8.33
10.2
1.0
7.5
GDP
BDP
8.33
9.21
1.0
7.5
GDQ
BDQ
8.89
10.9
1.0
8.0
GDR
BDR
8.89
9.83
1.0
8.0
GDS
BDS
9.44
11.5
1.0
8.5
GDT
BDT
9.44
10.4
1.0
8.5
GDU
BDU
10.0
12.2
1.0
9.0
GDV
BDV
10.0
11.1
1.0
9.0
GDW
BDW
11.1
13.6
1.0
10
GDX
BDX
11.1
12.3
1.0
10
GDY
BDY
12.2
14.9
1.0
11
GDZ
BDZ
12.2
13.5
1.0
11
GED
BED
13.3
16.3
1.0
12
GEE
BEE
13.3
14.7
1.0
12
GEF
BEF
14.4
17.6
1.0
13
GEG
BEG
14.4
15.9
1.0
13
GEH
BEH
15.6
19.1
1.0
14
GEK
BEK
15.6
17.2
1.0
14
GEL
BEL
16.7
20.4
1.0
15
GEM
BEM
16.7
18.5
1.0
15
GEN
BEN
17.8
21.8
1.0
16
GEP
BEP
17.8
19.7
1.0
16
GEQ
BEQ
18.9
23.1
1.0
17
GER
BER
18.9
20.9
1.0
17
GES
BES
20.0
24.4
1.0
18
GET
BET
20.0
22.1
1.0
18
GEU
BEU
22.2
27.1
1.0
20
GEV
BEV
22.2
24.5
1.0
20
GEW
BEW
24.4
29.8
1.0
22
GEX
BEX
24.4
26.9
1.0
22
GEY
BEY
26.7
32.6
1.0
24
GEZ
BEZ
26.7
29.5
1.0
24
GFD
BFD
28.9
35.3
1.0
26
GFE
BFE
28.9
31.9
1.0
26
GFF
BFF
31.1
38.0
1.0
28
GFG
BFG
31.1
34.4
1.0
28
GFH
BFH
33.3
40.7
1.0
30
GFK
BFK
33.3
36.8
1.0
30
GFL
BFL
36.7
44.9
1.0
33
Notes: (1) Pulse test : Tp ≦ 50ms
(2) Surge current waveform Per Fig. 3 and derate Per Fig. 2
(3) Ratings at 25
°C ambient temperature unless otherwise specified.
TRR
Industry No.
TRR
House No.
Marking Code
Breakdown
Voltage at IT
(1)
V(BR) (V)
Maximum
Reverse
Leakage
at VWM
Maximum
Peak Pulse
Surge
Current
(2)
Maximum
Clamping
Voltage
at IPPM
ID (µA)
IPPM (A)
VC (V)
9.6
SMCJ5.0A
15CT5A
1000
163.0
9.2
SMCJ5.0
15CT5
1000
156.2
11.4
SMCJ6.0A
15CT6A
1000
145.6
10.3
SMCJ6.0
15CT6
1000
131.6
12.3
SMCJ6.5A
15CT6.5A
500
133.9
11.2
SMCJ6.5
15CT6.5
500
122.0
13.3
SMCJ7.0A
15CT7A
200
125.0
12.0
SMCJ7.0
15CT7
200
112.8
14.3
SMCJ7.5A
15CT7.5A
100
116.3
12.9
SMCJ7.5
15CT7.5
100
104.9
15.0
SMCJ8.0A
15CT8A
20
110.3
13.6
SMCJ8.0
15CT8
50
100.0
15.9
SMCJ8.5A
15CT8.5A
10
104.2
14.4
SMCJ8.5A
15CT8.5
20
94.3
16.9
SMCJ9.0A
15CT9A
5
97.4
15.4
SMCJ9.0
15CT9
10
88.8
18.8
SMCJ10A
15CT10A
5
88.2
17.0
SMCJ10
15CT10
5
79.8
20.1
SMCJ11A
15CT11A
5
82.4
18.2
SMCJ11
15CT11
5
74.6
22.0
SMCJ12A
15CT12A
5
75.4
19.9
SMCJ12
15CT12
5
68.2
23.8
SMCJ13A
15CT13A
1.0
69.8
21.5
SMCJ13
15CT13
1.0
63.0
25.8
SMCJ14A
15CT14A
1.0
64.7
23.2
SMCJ14
15CT14
1.0
58.1
26.9
SMCJ15A
15CT15A
1.0
61.5
24.4
SMCJ15
15CT15
1.0
55.8
28.8
SMCJ16A
15CT16A
1.0
57.7
26.0
SMCJ16
15CT16
1.0
52.1
30.5
SMCJ17A
15CT17A
1.0
54.3
27.6
SMCJ17
15CT17
1.0
49.2
32.2
SMCJ18A
15CT18A
1.0
51.4
29.2
SMCJ18
15CT18
1.0
46.6
35.8
SMCJ20A
15CT20A
1.0
46.3
32.4
SMCJ20
15CT20
1.0
41.9
39.4
SMCJ22A
15CT22A
1.0
42.3
35.5
SMCJ22
15CT22
1.0
38.1
43.0
SMCJ24A
15CT24A
1.0
38.6
38.9
SMCJ24
15CT24
1.0
34.9
46.6
SMCJ26A
15CT26A
1.0
35.6
42.1
SMCJ26
15CT26
1.0
32.2
50.0
SMCJ28A
15CT28A
1.0
33.0
45.4
SMCJ28
15CT28
1.0
30.0
53.5
SMCJ30A
15CT30A
1.0
31.0
48.4
SMCJ30
15CT30
1.0
28.0
SMCJ33
15CT33
1.0
25.4
59.0
http://www.trr-jx.com
SMCJ5.0 THRU SMCJ188A
TRANSIENT VOLTAGE SUPPRESSORS


Similar Part No. - 15CT8.5

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
15CTA-R ADAM-TECH-15CTA-R Datasheet
70Kb / 1P
   909 Rahway Avenue
15CTAB ADAM-TECH-15CTAB Datasheet
129Kb / 1P
   HEADER & HOUSING SYSTEMS
15CTAR ADAM-TECH-15CTAR Datasheet
129Kb / 1P
   HEADER & HOUSING SYSTEMS
15CTB-R ADAM-TECH-15CTB-R Datasheet
69Kb / 1P
   909 Rahway Avenue
15CTBB ADAM-TECH-15CTBB Datasheet
129Kb / 1P
   HEADER & HOUSING SYSTEMS
More results

Similar Description - 15CT8.5

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com