Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMS1250UL Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # EMS1250UL
Description  PowerVerter 1250W Ambulance/EMS Inverter/Charger with 2 Outlets
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EMS1250UL Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  EMS1250UL Datasheet HTML 1Page - List of Unclassifed Manufacturers EMS1250UL Datasheet HTML 2Page - List of Unclassifed Manufacturers EMS1250UL Datasheet HTML 3Page - List of Unclassifed Manufacturers EMS1250UL Datasheet HTML 4Page - List of Unclassifed Manufacturers EMS1250UL Datasheet HTML 5Page - List of Unclassifed Manufacturers EMS1250UL Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Output frequency regulation
60 Hz (+/- 0.3 Hz)
Overload protection
Includes 12A input breaker dedicated to the charging system and 12A output breaker for AC output loads
Outlet quantity / type
2 NEMA 5-15R
Outlet details
2 Hospital-Grade GFCI duplex outlets
INPUT
Nominal Input Voltage(s) Supported
120V AC
Recommended Electrical Service
DC INPUT: Requires 12VDC input source capable of delivering 127A for the required duration (when used at full
continuous capacity - DC requirements increase during Over-Power and Double-Boost operation). For automotive
applications, professional hardwire
Maximum input amps / watts
DC INPUT: Full continuous load - 127A at 12VDC. AC INPUT: 32 amps at 120VAC with full inverter and charger
load (11 A max charger-only / combined input load to support charger and AC output is automatically controllable to
66%-33%-0% based on AC output lo
Input connection type
DC INPUT: 175A Anderson DC connector. AC INPUT: NEMA 5-15P hospital-grade input plug
Voltage compatibility (VAC)
120
Voltage compatibility (VDC)
12
BATTERY
Expandable battery runtime
Runtime is expandable with any number of user supplied wet or gel type batteries
DC system voltage (VDC)
12
Battery charge
14A/55A (selectable)
LEDS ALARMS & SWITCHES
Switches
3 position on/off/remote switch enables simple on/off power control plus "auto/remote" setting that enables distant
on/off control of the inverter system when used in conjunction with included External switch for wired remote control
of APS unit APSRM4 ac
Front panel LEDs
Set of 6 LEDs offer continuous status information on load percentage (6 levels reported) and battery charge level (7
levels reported). See manual for sequences.
SURGE / NOISE SUPPRESSION
AC suppression joule rating
760
PHYSICAL
Shipping Dimensions (HWD/in)
12.5 x 11 x 10.75
Shipping Dimensions (HWD/cm)
21.75 x 27.94 x 27.31
Shipping weight (lbs)
24.8
Shipping weight (kg)
11.2
Unit Dimensions (HWD/in)
7 x 8.75 x 9
Unit Dimensions (HWD/cm)
17.78 x 22.23 x 22.86
Unit weight (lbs)
23.2
3 / 5


Similar Part No. - EMS1250UL

ManufacturerPart #DatasheetDescription
logo
Rohm
EMS1 ROHM-EMS1 Datasheet
42Kb / 3P
   Emitter common (dual digital transistors)
logo
EXCEL CELL ELECTRONIC C...
EMS1006 ECE-EMS1006 Datasheet
314Kb / 9P
   MACHINE PIN SOCKET
EMS1008 ECE-EMS1008 Datasheet
314Kb / 9P
   MACHINE PIN SOCKET
logo
Excelics Semiconductor,...
EMS101-C EXCELICS-EMS101-C Datasheet
182Kb / 3P
   DC-6GHz GaAs MMIC SPDT SWITCH
EMS101-P EXCELICS-EMS101-P Datasheet
49Kb / 2P
   DC-6GHz GaAs MMIC SPDT SWITCH
More results

Similar Description - EMS1250UL

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
APSX1250 TRIPPLITE-APSX1250 Datasheet
509Kb / 4P
   PowerVerter APS X 1250W 12VDC 230V Inverter/Charger with Auto-Transfer Switching, 2-C13 Outlets
logo
List of Unclassifed Man...
UT1250UL ETC2-UT1250UL Datasheet
539Kb / 6P
   PowerVerter짰 1250W Utility/Work Truck Inverter/Charger with 2 Outlets
APS1250 ETC2-APS1250 Datasheet
529Kb / 6P
   PowerVerter짰 APS 1250W Inverter/Charger with Auto-Transfer Switching and 2 Outlets
APS750 ETC2-APS750 Datasheet
161Kb / 4P
   PowerVerter APS 750W Inverter/Charger with Auto-Transfer Switching and 2 Outlets
logo
Tripp Lite. All Rights ...
PV1800GFCI TRIPPLITE-PV1800GFCI Datasheet
170Kb / 3P
   1800W PowerVerter Compact Inverter with 2 GFCI Outlets
logo
List of Unclassifed Man...
PV1250FC ETC2-PV1250FC Datasheet
501Kb / 4P
   PowerVerter짰 Plus 1250W Industrial-Strength Inverter with 2 Outlets
logo
Tripp Lite. All Rights ...
PV3000HF TRIPPLITE-PV3000HF Datasheet
167Kb / 3P
   3000W PowerVerter Compact Inverter for Trucks with 4 Outlets
logo
List of Unclassifed Man...
RV1250ULHW ETC2-RV1250ULHW Datasheet
524Kb / 6P
   PowerVerter짰 1250W RV Inverter/Charger with Hardwire Input/Output
logo
Tripp Lite. All Rights ...
PV3000GFCI TRIPPLITE-PV3000GFCI Datasheet
170Kb / 3P
   3000W PowerVerter Plus Heavy-Duty Inverter with 4 GFCI Outlets
APSX4048SW TRIPPLITE-APSX4048SW Datasheet
540Kb / 4P
   PowerVerter APS X Series 4000W Inverter/Charger
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com