Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTR04FTF474B103 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MTR04FTF474B103
Description  Muti-Layer Thermistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MTR04FTF474B103 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MTR04FTF474B103 Datasheet HTML 1Page - List of Unclassifed Manufacturers MTR04FTF474B103 Datasheet HTML 2Page - List of Unclassifed Manufacturers MTR04FTF474B103 Datasheet HTML 3Page - List of Unclassifed Manufacturers MTR04FTF474B103 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTR04FTF474B103 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTR04FTF474B103 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTR04FTF474B103 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTR04FTF474B103 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTR04FTF474B103 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Muti-Layer Thermistor
(Negative Temperature Coefficient)
Document No
TMTR-XXOS002A
Issued date
2012/10/02
Page
4/10
TA-I TECHNOLOGY CO., LTD
Part
Designation
Zero
Power
Resistance
at 25℃
(KΩ)
Tolerance of
Resistance
(±%)
B value
(25-85)
(K)
Tolerance of B
value
(±%)
Max Power
Rated at
25℃
(mW)
Typical
Dissipation
Constant
(mW/℃)
Operation
Temperature
range
(℃)
MTR10□T□344B472
4.7
2、3、5
3435
1、3
400 mW
Approx.
4 mW/℃
-40~125
MTR10□T□344B502
5.0
2、3、5
3435
1、3
MTR10□T□344B103
10
1、2、3、5
3435
1、3
MTR10□T□355B103
10
2、3、5
3550
1、3
MTR10□T□397B103
10
1、2、3、5
3970
1、3
MTR10□T□390B223
22
3、5
3900
1、3
MTR10□T□400B473
47
2、3、5
4000
1、3
MTR10□T□400B503
50
2、3、5
4000
1、3
MTR10□T□400B104
100
2、3、5
4000
1、3
MTR10□T□410B204
200
2、3、5
4100
1、3


Similar Part No. - MTR04FTF474B103

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MTR MERITEK-MTR Datasheet
284Kb / 8P
   Power Resistors
logo
Vishay Siliconix
MTR VISHAY-MTR Datasheet
92Kb / 3P
   Wire Bondable Thin Film Multi-Tap Resistor Arrays
Revision: 18-Apr-13
logo
Heyco.
MTR HEYCO-MTR Datasheet
157Kb / 1P
   Unscrewing Snap Rivets
logo
MERITEK ELECTRONICS COR...
MTR100DBD0100-H MERITEK-MTR100DBD0100-H Datasheet
284Kb / 8P
   Power Resistors
MTR100DBD1001-H MERITEK-MTR100DBD1001-H Datasheet
284Kb / 8P
   Power Resistors
More results

Similar Description - MTR04FTF474B103

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
NTC LEIDITECH-NTC Datasheet
992Kb / 4P
   Thermistor
logo
Vincotech
80-M2122PA200SC-K709F40 VINCOTECH-80-M2122PA200SC-K709F40 Datasheet
591Kb / 6P
   Integrated thermistor
logo
Murata Manufacturing Co...
NXRS15WF104FA5B MURATA-NXRS15WF104FA5B Datasheet
214Kb / 3P
   NXR Thermistor
NXRS15XM202EA1B MURATA-NXRS15XM202EA1B Datasheet
212Kb / 3P
   NXR Thermistor
NXRT15WB473FA5B MURATA-NXRT15WB473FA5B Datasheet
206Kb / 3P
   NXR Thermistor
NXRS15XH103FA5B MURATA-NXRS15XH103FA5B Datasheet
210Kb / 3P
   NXR Thermistor
NXRS15XM202EA3A016 MURATA-NXRS15XM202EA3A016_17 Datasheet
214Kb / 3P
   NXR Thermistor
NXRS15XV302FA5B MURATA-NXRS15XV302FA5B Datasheet
203Kb / 3P
   NXR Thermistor
logo
Chenmko Enterprise Co. ...
CHT857BPT CHENMKO-CHT857BPT Datasheet
127Kb / 4P
   PNP Muti-Chip General Purpose Amplifier
logo
Murata Manufacturing Co...
NXRS15WB333JA5B MURATA-NXRS15WB333JA5B Datasheet
215Kb / 3P
   NXR Thermistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com