Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC2400 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LC2400
Description  Line Conditioner - Automatic voltage regulation with surge protection
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LC2400 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LC2400 Datasheet HTML 1Page - List of Unclassifed Manufacturers LC2400 Datasheet HTML 2Page - List of Unclassifed Manufacturers LC2400 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Output nominal voltage
120V / 60Hz
Outlet quantity / type
6 (4 NEMA5-15R, 2 NEMA5-20R)
INPUT
Input cord length (ft.)
6
Input cord length (m)
1.83
UPC ASSIGNMENT
Unit Carton UPC#
037332040060
LEDS ALARMS & SWITCHES
Front panel LEDs
7 LEDs show incoming voltage status, protection present and line fault conditions
SURGE / NOISE SUPPRESSION
UPS AC suppression joule rating
1440 joules
EMI / RFI AC noise suppression
80 dB
PHYSICAL
Shipping weight (lbs)
13.00
Shipping weight (kg)
5.90
Unit Dimensions (HWD/in)
6.75 x 5.75 x 6.75
Unit Dimensions (HWD/cm)
17.15 x 14.61 x 17.15
Material of construction
Plastic
Form factors supported
Small Tower
WARRANTY
Product Warranty Period (Worldwide)
2-year limited warranty
Connected Equipment Insurance
(U.S., Canada & Puerto Rico)
$25,000 Ultimate Lifetime Insurance
© 2014 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
2 / 2


Similar Part No. - LC2400

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
LC2400 TRIPPLITE-LC2400 Datasheet
493Kb / 3P
   2400W 120V Power Conditioner
More results

Similar Description - LC2400

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LC1800 ETC2-LC1800 Datasheet
543Kb / 3P
    Line Conditioner - Automatic voltage regulation with surge protection
LS604WM ETC2-LS604WM Datasheet
516Kb / 3P
   Line Conditioner - Automatic voltage regulation with surge protection
LCR2400 ETC2-LCR2400 Datasheet
485Kb / 3P
   Line Conditioner - Automatic voltage regulation with surge protection
LC1200 ETC2-LC1200 Datasheet
544Kb / 4P
   Line Conditioner / AVR System - Automatic voltage regulator / Power conditioner / AC surge suppressor
LR1000 ETC2-LR1000 Datasheet
542Kb / 4P
   Line Conditioner / AVR System - Automatic voltage regulator / power conditioner / AC surge suppressor
LR2000 ETC2-LR2000 Datasheet
547Kb / 4P
   Line Conditioner / AVR System - Automatic voltage regulator / Power conditioner / AC surge suppressor
LS606M ETC2-LS606M Datasheet
489Kb / 4P
   Line Conditioner / AVR System - Automatic voltage regulator / AC surge suppressor
logo
Tripp Lite. All Rights ...
AVS30D TRIPPLITE-AVS30D Datasheet
526Kb / 2P
   230V Automatic Voltage Switch with Surge Protection, 380 Joules, Hardwired
AVS5D TRIPPLITE-AVS5D Datasheet
521Kb / 3P
   230V Automatic Voltage Switch with Surge Protection, 190 Joules, Direct Plug-In
logo
Bourns Electronic Solut...
4B06B-504-RC BOURNS-4B06B-504-RC Datasheet
354Kb / 1P
   Surge Line Protection Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com