Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PR40 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PR40
Description  40-Amp DC Power Supply - Precision Regulated AC-to-DC Conversion
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PR40 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PR40 Datasheet HTML 1Page - List of Unclassifed Manufacturers PR40 Datasheet HTML 2Page - List of Unclassifed Manufacturers PR40 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
OUTPUT
Output Capacity Details
Intermittent Communications Service (ICS) Amps - 40Continuous Duty Amps - 28
PHYSICAL
Unit Dimensions (HWD/in)
6.75 x 10.5 x 11.5
Unit Dimensions (HWD/cm)
17.15 x 26.67 x 29.21
Unit weight (lbs)
27
Unit weight (kg)
12.25
WARRANTY
Product Warranty Period (Worldwide)
1-year limited warranty
© 2014 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
2 / 2


Similar Part No. - PR40

ManufacturerPart #DatasheetDescription
logo
3M Electronics
PR40 3M-PR40 Datasheet
425Kb / 4P
   3M Scotch-Weld??Plastic and Rubber Instant Adhesives
logo
MKS Instruments.
PR4000B MKS-PR4000B Datasheet
181Kb / 2P
   Digital Power Supply and REadout
logo
Shanghai Cyanlite Techn...
PR40WD60 CYANLITE-PR40WD60 Datasheet
1Mb / 3P
   LED Round Panel Light - CYNTHIA
More results

Similar Description - PR40

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PR50 ETC2-PR50 Datasheet
480Kb / 3P
   50-Amp DC Power Supply - Precision Regulated AC-to-DC Conversion
PR25 ETC2-PR25 Datasheet
481Kb / 3P
   25-Amp DC Power Supply - Precision Regulated AC-to-DC Conversion
PR60 ETC2-PR60 Datasheet
478Kb / 3P
   60-Amp DC Power Supply - Precision Regulated AC-to-DC Conversion
logo
Tripp Lite. All Rights ...
TLC11 TRIPPLITE-TLC11 Datasheet
143Kb / 1P
   DC Power Supply - Precision Regulated AC-to-DC Conversion
logo
List of Unclassifed Man...
PR10 ETC2-PR10 Datasheet
479Kb / 3P
   10-Amp DC Power Supply - Precision Regulated AC-to-DC Conversi
logo
NTE Electronics
57-9D-500-1 NTE-57-9D-500-1 Datasheet
537Kb / 1P
   9V AC-DC Switching Regulated Power Supply
57-18D-500-1 NTE-57-18D-500-1 Datasheet
416Kb / 1P
   18V AC-DC Switching Regulated Power Supply
57-24D-500-3 NTE-57-24D-500-3 Datasheet
777Kb / 1P
   24V AC-DC Switching Regulated Power Supply
57-12D-500-1 NTE-57-12D-500-1 Datasheet
2Mb / 1P
   12V AC-DC Switching Regulated Power Supply
logo
TRACO Electronic AG
TMM40 TRACOPOWER-TMM40 Datasheet
997Kb / 5P
   AC/DC Power Supply TMM 40 Series, 40 Watt
Rev. March 16, 2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com