Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6287 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # L6287
Description  Miniature LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L6287 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  L6287 Datasheet HTML 1Page - Hamamatsu Corporation L6287 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
l L5766: Red LED (peak emission wavelength: 660 nm)
l L6287: High-power infrared LED
(peak emission wavelength: 940 nm)
l Miniature plastic package with lens
Applications
l Displacement meters
l Optical proximity switches
l Low-speed optical links (L5766)
LED
Red LED/Infrared LED
Miniature LED
L5766/L6287
L5766 is a red LED molded into a clear plastic package that emits light at a peak wavelength of 660 nm. L6287 is a high-power infrared LED
having the same type of package that emits light at a peak wavelength of 940 nm.
s
Absolute maximum ratings (Ta=25 °C)
Parameter
Symbol
Condition
L5766
L6287
Unit
Forward current
IF
60
mA
Reverse voltage
VR
5
V
Pulse forward current
IFP
Pulse width: 100 µs
Duty ratio: 1 %
0.5
1.0
A
Power dissipation
P
90
mW
Operating temperature
Topr
-25 to +85
°C
Storage temperature
Tstg
-30 to +85
°C
Soldering
-
260 °C, 3 s
at least 2.5 mm away from package surface
-
s
Electrical and optical characteristics (Ta=25 °C)
L5766
L6287
Parameter
Symbol
Condition
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Peak emission wavelength
λp
IF=20 mA
-
660
-
-
940
-
nm
Spectral half width
∆λ
IF=20 mA
-
20
-
-
45
-
nm
Forward voltage
VF
IF=20 mA
-
1.82.3
-
1.25
1.45
V
Reverse current
IR
VR=5 V
-
-
10
-
-
10
µA
Fiber coupled optical power *
Po
IF=20 mA
8--
--
-
µW
Radiant flux
φe
IF=20 mA
-
-
-
1.4
-
-
mW
Terminal capacitance
Ct
VR=0 V, f=1 MHz
-
30
-
-
20
-
pF
Rise time
tr
IF=20 mA
-
-
300
-
-
-
ns
Fall time
tf
IF=20 mA
--
300
-
--
ns
* Optical fiber: APF 485/500 µm, L=1 m, open area ratio=0.5; Measurement conditions: The center of the optical fiber is
aligned with the center of the lens on the package. The distance between the fiber end and the lens top is 0.2 mm.


Similar Part No. - L6287

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6287 STMICROELECTRONICS-L6287 Datasheet
91Kb / 9P
   POWER COMBO DRIVER
More results

Similar Description - L6287

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L5766 HAMAMATSU-L5766_15 Datasheet
106Kb / 2P
   Miniature LED
logo
Microsemi Corporation
LX1995 MICROSEMI-LX1995_05 Datasheet
152Kb / 9P
   Miniature LED Driver
logo
LEDTRONICS, INC
FF120-0UR-005P LEDTRONICS-FF120-0UR-005P Datasheet
2Mb / 28P
   Miniature Based LED Lamps
logo
OPTEK Technologies
OPR5200 OPTEK-OPR5200 Datasheet
121Kb / 1P
   MINIATURE SURFACE MOUNT LED
logo
Nihon Kaiheiki Industry...
CWSC21JCACS NKK-CWSC21JCACS Datasheet
207Kb / 5P
   LED Miniature Power Rockers
logo
Sanken electric
SECU1211C20 SANKEN-SECU1211C20 Datasheet
793Kb / 11P
   1.6횞0.8횞1.1t Miniature Surface Mount LED
SECU1811C-N20 SANKEN-SECU1811C-N20 Datasheet
781Kb / 10P
   1.6횞0.8횞1.1t Miniature Surface Mount LED
SECU1911C-N20 SANKEN-SECU1911C-N20 Datasheet
780Kb / 10P
   1.6횞0.8횞1.1t Miniature Surface Mount LED
logo
Bivar, Inc.
1.8BC-YG BIVAR-1.8BC-YG Datasheet
147Kb / 1P
   1.8 SUB-MINIATURE RADIAL LED
10/21/08
1.8BC BIVAR-1.8BC Datasheet
156Kb / 1P
   1.8 SUB-MINIATURE RADIAL LED
07/12/07
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com