Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM13 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RM13
Description  Thick Film Chip Resistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RM13 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RM13 Datasheet HTML 1Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 2Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 3Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 4Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 5Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 6Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 7Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 8Page - List of Unclassifed Manufacturers RM13 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Thick Film Chip Resistors
( Lead-Free for RM series standard )
Halogen-Free
Document No.
TRM-XX0S002C
Revise Date
2014/06/23
page number
5/13
TA-I TECHNOLOGY CO., LTD
6. Reliability Tests:
Test Items
Reference
standard
Condition of Test
Test Limits △R
Temperature Coefficient
of Resistance
IEC60115-1-4.8
JIS-C5201-1-4.8
-55〜 +125 ℃
Refer 5.0
Short Time Overload
IEC60115-1-4.13
JIS-C5201-1-4.13
2.5 X rated voltage for 5 sec
±
(1% + 0.05Ω )
Remarks :
0201 : ±(3% + 0.1Ω )
0402 : ±(2% + 0.1Ω )
0Ω : 50mΩ or less
Intermittent Overload
EC60115-1-4.39
JIS-C5201-1-4.39
3.0 X rated voltage or Max Overloading
voltage ,1sec “ON” , 25sec “OFF” , 10000
cycles
(Remarks : 0201-NA , 0402 2.5 X RCWV * )
±
(5.0% + 0.1Ω)
0Ω : 50mΩ or less
Endurance (Load Life)
IEC60115-1-4.25.1
JIS-C5201-1-4.25.1
1000 hours at rated voltage, 70℃ , 1.5hours
“ON “, 0.5hour “OFF”
0.1%,0.5%,1%:±(1.0%+0.05Ω)
2%,5%:±(3.0%+0.1Ω)
Remarks :
0201 : ±(5.0%+0.1Ω)
0402 : ±(3.0%+0.1Ω)
: 100mΩ or less
Load Life with Humidity
IEC60115-1-4.24
JIS-C5201-1-4.24
1000 hours at rated voltage , 40±2℃,
90~95% RH 1.5hours “ON “, 0.5hour “OFF”
0.1%,0.5%,1%:±(1.0%+0.05Ω)
2%, 5%:±(3.0%+0.1Ω)
Remarks :
0201: ±(5.0%+0.1Ω)
0402: ±(3.0%+0.1Ω)
0Ω : 100mΩ or less
Rapid Change
of Temperature
IEC60115-1-4.19
JIS-C5201-1-4.19
-55℃ (30 min. ) / +155 ℃(30 min. ) 5 cycles
0.1%,0.5%,1%:±(0.5%+0.05Ω)
2%, 5%:±(1.0%+0.05Ω)
Remarks :
0201: ±(3.0%+0.1Ω)
0Ω : 50mΩ or less
Solderability
IEC60115-1-4.17
JIS-C5201-1-4.17
245±5℃ solder, 2±0.5 sec dwell.
Solder : Sn96.5 / Ag3.0 / Cu0.5
At least 95% of surface area
of electrode shall be covered
with new solder.
Robustness of Termination
(Bending)
IEC60115-1-4.33
JIS-C5201-1-4.33
3mm deflection
2mm deflection (RM20,25)
0.1%,0.5%,1%:±(0.5%+0.05Ω)
2%,5%:±(1.0%+0.05Ω)
Remarks : 0201 ±(1.0%+0.1Ω)
0Ω : 50mΩ or less
Dielectric Withstanding
Voltage (Voltage Proof)
IEC60115-1-4.7
JIS-C5201-1-4.7
Applying voltage :
0201 : 50V , 0402 & 0603 : 300V The other
500V for a minute .
No
abnormalities
such
as
flashover,
burning
dielectric
breakdown shall appear.
Insulation Resistance
IEC60115-1-4.6
JIS-C5201-1-4.6
Applying voltage 100V for 1 minute.
Remark : 0201 50V
1GΩ
Resistance to Dry Heat
IEC60115-1-4.23.2
JIS-C5201-1-4.23.2
155±5℃ for 96±4Hrs
Remark : 0201 125±5℃
0.1%,0.5%,1%:±(1.0%+0.05Ω)
2%,5%:±(2.0%+0.1Ω)
Remark 0201 : ±(2.0%+0.1Ω)
0Ω : 50mΩ or less
Resistance to Solder Heat
IEC60115-1-4.18
JIS-C5201-1-4.18
270 ±5℃ solder , 10 ±1 sec dwell .
0.1%,0.5%,1%:±(0.5%+0.05Ω)
2%, 5%:±(1.0%+0.05Ω)
Remarks :
0201 ±(3.0%+0.1Ω)
0Ω : 50mΩ or less
Note* : RCWV : Rated continuous working voltage .


Similar Part No. - RM13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RM13 ETC-RM13 Datasheet
589Kb / 11P
   Thick Film Chip Resistors
logo
Rectron Semiconductor
RM135N100HD RECTRON-RM135N100HD Datasheet
198Kb / 7P
   N-Channel Super Trench Power MOSFET
RM13N600T2 RECTRON-RM13N600T2 Datasheet
575Kb / 8P
   13Amps 600V N-Channel Power MOSFET
RM13P40S8 RECTRON-RM13P40S8 Datasheet
247Kb / 7P
   P-Channel Enhancement Mode Power MOSFET
logo
Winchester Electronics ...
RM13W3P-50-TD WINCHESTER-RM13W3P-50-TD Datasheet
69Kb / 1P
   13W3P D-SUB CONNECTOR
More results

Similar Description - RM13

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com