Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMF02GT103 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # RMF02GT103
Description  Automotive Grade Thick Film Chip Resistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RMF02GT103 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button RMF02GT103 Datasheet HTML 3Page - List of Unclassifed Manufacturers RMF02GT103 Datasheet HTML 4Page - List of Unclassifed Manufacturers RMF02GT103 Datasheet HTML 5Page - List of Unclassifed Manufacturers RMF02GT103 Datasheet HTML 6Page - List of Unclassifed Manufacturers RMF02GT103 Datasheet HTML 7Page - List of Unclassifed Manufacturers RMF02GT103 Datasheet HTML 8Page - List of Unclassifed Manufacturers RMF02GT103 Datasheet HTML 9Page - List of Unclassifed Manufacturers RMF02GT103 Datasheet HTML 10Page - List of Unclassifed Manufacturers RMF02GT103 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Automotive Grade
Thick Film Chip Resistors
( RMF series standard )
Halogen-Free
Document No.
TRMF-XX0S001A
Revise Date
2014/02/06
page number
7/13
TA-I TECHNOLOGY CO., LTD
Symbol for E96 series nominal resistance value
Symbol
E96
Symbol
E96
Symbol
E96
Symbol
E96
01
100
25
178
49
316
73
562
02
102
26
182
50
324
74
576
03
105
27
187
51
332
75
590
04
107
28
191
52
340
76
604
05
110
29
196
53
348
77
619
06
113
30
200
54
357
78
634
07
115
31
205
55
365
79
649
08
118
32
210
56
374
80
665
09
121
33
215
57
383
81
681
10
124
34
221
58
392
82
698
11
127
35
226
59
402
83
715
12
130
36
232
60
412
84
732
13
133
37
237
61
422
85
750
14
137
38
243
62
432
86
768
15
140
39
249
63
442
87
787
16
143
40
255
64
453
88
806
17
147
41
261
65
464
89
825
18
150
42
267
66
475
90
845
19
154
43
274
67
487
91
866
20
158
44
280
68
499
92
887
21
162
45
287
69
511
93
909
22
165
46
294
70
523
94
931
23
169
47
301
71
536
95
953
24
174
48
309
72
549
96
976
Symbol for multipliers
Symbol
A
B
C
D
E
F
G
H
X
Y
Z
multipliers
10
0
10
1
10
2
10
3
10
4
10
5
10
6
10
7
10
-1
10
-2
10
-3
E.G : 01A = 100×10
0 = 100Ω
Notes :
When the resistance value is not in the list of E96 , 3 digitals with underline in E-24 series
is used as mark .
E.G. : 0603 , 120Ω , 1%
Marking is 121
7.4 ±0.5% ,±1%( E96/3digitals)
The resistance value by 3 digits is requirement for customer.
121
01A


Similar Part No. - RMF02GT103

ManufacturerPart #DatasheetDescription
logo
RFE international
RMF04 RFE-RMF04 Datasheet
54Kb / 1P
   SURFACE MOUNT RESISTORS
2014.10.13
RMF06 RFE-RMF06 Datasheet
54Kb / 1P
   SURFACE MOUNT RESISTORS
2014.10.13
logo
TAITRON Components Inco...
RMF08C TAITRON-RMF08C Datasheet
265Kb / 6P
   Metal Film Resistor Normal & Miniature Style
More results

Similar Description - RMF02GT103

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AC0201DR-071RL YAGEO-AC0201DR-071RL Datasheet
774Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
AC0603FR YAGEO-AC0603FR Datasheet
312Kb / 10P
   THICK FILM CHIP RESISTORS Automotive grade
AC0402 YAGEO-AC0402 Datasheet
345Kb / 11P
   THICK FILM CHIP RESISTORS Automotive grade
AC0201DR-071R YAGEO-AC0201DR-071R Datasheet
955Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
logo
Vishay Siliconix
RCA VISHAY-RCA_V01 Datasheet
106Kb / 5P
   Automotive Grade Thick Film, Rectangular Chip Resistors
01-Jan-2022
RCA VISHAY-RCA Datasheet
99Kb / 5P
   Automotive Grade Thick Film, Rectangular Chip Resistors
Revision: 14-Feb-08
logo
YAGEO Corporation
AC0402BRE0710R YAGEO-AC0402BRE0710R Datasheet
529Kb / 7P
   THICK FILM CHIP RESISTORS Automotive Precision grade
AC0612DR-071R YAGEO-AC0612DR-071R Datasheet
639Kb / 9P
   THICK FILM WIDE TERMINAL CHIP RESISTORS AUTOMOTIVE GRADE
RE0805DR-071KL YAGEO-RE0805DR-071KL Datasheet
281Kb / 7P
   THICK FILM CHIP RESISTORS Precision grade
logo
RCD COMPONENTS INC.
MCT0805S-R100-B RCD-MCT0805S-R100-B Datasheet
25Kb / 1P
   THICK FILM PRECISION CHIP RESISTORS MILITARY GRADE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com