Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT10PTN103 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RT10PTN103
Description  Thick Film Trimmable Chip Resistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT10PTN103 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RT10PTN103 Datasheet HTML 1Page - List of Unclassifed Manufacturers RT10PTN103 Datasheet HTML 2Page - List of Unclassifed Manufacturers RT10PTN103 Datasheet HTML 3Page - List of Unclassifed Manufacturers RT10PTN103 Datasheet HTML 4Page - List of Unclassifed Manufacturers RT10PTN103 Datasheet HTML 5Page - List of Unclassifed Manufacturers RT10PTN103 Datasheet HTML 6Page - List of Unclassifed Manufacturers RT10PTN103 Datasheet HTML 7Page - List of Unclassifed Manufacturers RT10PTN103 Datasheet HTML 8Page - List of Unclassifed Manufacturers RT10PTN103 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Thick Film Trimmable Chip Resistors
( Lead-Free for RT series standard )
Document No.
TRT-XX2P003C
Issued Date
2011/04/20
page
5 / 10
TA-I TECHNOLOGY CO., LTD
7. Marking
7.1
No Marking
8. Taping & Reel :
8.1 Taping Dimensions
8.1.1
4 mm pitch paper:
Packing
Type
A
B
W
F
E
P1
P2
P0
D0
T
Paper
RT06
1.1±0.1
1.9±0.1
8.0±0.2
3.5±0.05
1.75±0.1
4.0±0.1
2.0±0.05
4.0±0.1
+0.1
ψ1.5
-0
0.64±0.1
RT10
1.6±0.15
2.4±0.2
0.84±0.1
RT12
2.0±0.15
3.6±0.2
RT13
2.8±0.2
3.6±0.2
8.1.2
2 mm pitch paper :
Packing
Type
A
B
W
F
E
P1
P2
P0
D0
T
Paper
RT04
0.7±0.05
1.2±0.05
8.0±0.2
3.5±0.05
1.75±0.1
2.0±0.1
2.0±0.1
4.0±0.1
+0.1
ψ1.5
-0
0.45±0.1
RT06
1.1±0.1
1.9±0.1
2.0±0.1
2.0±0.1
0.64±0.1


Similar Part No. - RT10PTN103

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
RT10 AVX-RT10 Datasheet
146Kb / 2P
   RoHS Compliant Mini-TurboCapTM Small Footprint, High Volumetric Efficiency, High-CV SMPS Capacitors
logo
Vishay Siliconix
RT100 VISHAY-RT100 Datasheet
143Kb / 2P
   Wirewound Rheostat/Potentiometer
Revision 27-Jun-02
RT100 VISHAY-RT100 Datasheet
117Kb / 4P
   Wirewound Rheostat/Potentiometer
Revision: 24-Sep-08
RT100 VISHAY-RT100 Datasheet
119Kb / 4P
   Wirewound Rheostat / Potentiometer
Revision: 24-Aug-16
logo
Microsemi Corporation
RT100KP100A MICROSEMI-RT100KP100A Datasheet
138Kb / 4P
   Preferred 100 kW Transient Voltage Suppressor for AIRCRAFT POWER BUS PROTECTION
More results

Similar Description - RT10PTN103

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
FCR SEI-FCR Datasheet
321Kb / 4P
   Trimmable Thick Film Chip Resistor
11/18/2020
logo
YAGEO Corporation
TR0402KR-071R YAGEO-TR0402KR-071R Datasheet
426Kb / 8P
   TRIMMABLE CHIP RESISTORS
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com