Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT06MT103 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # RT06MT103
Description  Thick Film Trimmable Chip Resistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT06MT103 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button RT06MT103 Datasheet HTML 2Page - List of Unclassifed Manufacturers RT06MT103 Datasheet HTML 3Page - List of Unclassifed Manufacturers RT06MT103 Datasheet HTML 4Page - List of Unclassifed Manufacturers RT06MT103 Datasheet HTML 5Page - List of Unclassifed Manufacturers RT06MT103 Datasheet HTML 6Page - List of Unclassifed Manufacturers RT06MT103 Datasheet HTML 7Page - List of Unclassifed Manufacturers RT06MT103 Datasheet HTML 8Page - List of Unclassifed Manufacturers RT06MT103 Datasheet HTML 9Page - List of Unclassifed Manufacturers RT06MT103 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Thick Film Trimmable Chip Resistors
( Lead-Free for RT series standard )
Document No.
TRT-XX2P003C
Issued Date
2011/04/20
page
7 / 10
TA-I TECHNOLOGY CO., LTD
8.3. Peel
–off force :
Peel
–off force of paper and blister tape is in accordance with “JIS-C5202 ”
that is , 0.1 to 0.7 N at a peel-off speed of 300 mm / minute.
pull
top cover tape
300 mm/min
10〜15∘
standard: 0.1 ~ 0.7 N
carrier tape
9. Label :
9.1 Manufacture Label :
Date Code
Resistance
Tolerance
Type
Lot No:
9.2 Customer Label ( By customer request ):
Lead-Free Products
Product Spec.
Customer No:
Date
Year Month
QTY: 5000 PCS
102
P
00860166K-
0008
0603
TA-I TECH
LEAD FREE
0603 30%(T) 1KΩ
105A702723 RT06PTN102
04.05.21


Similar Part No. - RT06MT103

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT0603 ETC-RT0603 Datasheet
56Kb / 1P
   RT series, high-precision trimmable chip resistors
RT0603 ETC1-RT0603 Datasheet
41Kb / 2P
   Thin Film Chip Resistors
logo
YAGEO Corporation
RT0603 YAGEO-RT0603 Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT0603 YAGEO-RT0603 Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT0603 YAGEO-RT0603 Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
More results

Similar Description - RT06MT103

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
FCR SEI-FCR Datasheet
321Kb / 4P
   Trimmable Thick Film Chip Resistor
11/18/2020
logo
YAGEO Corporation
TR0402KR-071R YAGEO-TR0402KR-071R Datasheet
426Kb / 8P
   TRIMMABLE CHIP RESISTORS
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com