Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRF18-110V16-EF Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # TRF18-110V16-EF
Description  Lead Free SMD Resettable Fuse
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TRF18-110V16-EF Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  TRF18-110V16-EF Datasheet HTML 1Page - List of Unclassifed Manufacturers TRF18-110V16-EF Datasheet HTML 2Page - List of Unclassifed Manufacturers TRF18-110V16-EF Datasheet HTML 3Page - List of Unclassifed Manufacturers TRF18-110V16-EF Datasheet HTML 4Page - List of Unclassifed Manufacturers TRF18-110V16-EF Datasheet HTML 5Page - List of Unclassifed Manufacturers TRF18-110V16-EF Datasheet HTML 6Page - List of Unclassifed Manufacturers TRF18-110V16-EF Datasheet HTML 7Page - List of Unclassifed Manufacturers TRF18-110V16-EF Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Lead Free SMD Resettable Fuse
Document No
TRF18OS002A
Issued date
2011/08/15
Page
5/8
TA-I TECHNOLOGY CO., LTD
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
6. Thermal Derating Chart
Part
Designation
-40℃
-20℃
0℃
23℃
40℃
50℃
60℃
70℃
85℃
TRF18-010V60-EF
0.16
0.14
0.12
0.10
0.08
0.07
0.06
0.05
0.03
TRF18-014V60-EF
0.23
0.19
0.17
0.14
0.12
0.10
0.09
0.08
0.06
TRF18-020V30-EF
0.29
0.26
0.23
0.20
0.17
0.15
0.14
0.12
0.10
TRF18-020V60-EF
0.29
0.26
0.23
0.20
0.17
0.15
0.14
0.12
0.10
TRF18-030V30-EF
0.44
0.39
0.35
0.30
0.26
0.23
0.21
0.18
0.15
TRF18-050V15-EF
0.77
0.68
0.59
0.50
0.44
0.40
0.37
0.33
0.29
TRF18-075V13-EF
1.15
1.01
0.88
0.75
0.65
0.60
0.55
0.49
0.43
TRF18-075V24-EF
1.15
1.01
0.88
0.75
0.65
0.60
0.55
0.49
0.43
TRF18-110V06-EF
1.59
1.43
1.26
1.10
0.95
0.87
0.80
0.71
0.60
TRF18-110V16-EF
1.59
1.43
1.26
1.10
0.95
0.87
0.80
0.71
0.60
TRF18-110V24-EF
2.00
1.70
1.40
1.10
0.95
0.88
0.80
0.73
0.61
TRF18-125V06-EF
1.80
1.63
1.43
1.25
1.08
0.99
0.91
0.81
0.68
TRF18-150V06-EF
2.17
1.95
1.72
1.50
1.30
1.18
1.09
0.97
0.82
TRF18-150V24-EF
2.10
1.90
1.70
1.50
1.25
1.13
1.00
0.88
0.69
TRF18-160V08-EF
2.30
2.20
1.90
1.60
1.45
1.30
1.15
1.03
0.91
TRF18-200V08-EF
3.08
2.71
2.35
2.00
1.80
1.60
1.50
1.40
1.25
TRF18-250V16-EF
3.85
3.45
3.00
2.50
2.05
1.85
1.75
1.30
1.10
TRF18-260V06-EF
4.00
3.52
3.06
2.60
2.34
2.08
1.95
1.39
1.04
Maximum ambient operating temperature(Tmao) vs. hold current (Ihold) (Amps)
7.
Typical Time to Trip at 23 °C
The Time to Trip curves represent typical performance of a device in a simulated application environment.
Actual performance in specific customer applications may differ from these values due to the influence of
other variables.


Similar Part No. - TRF18-110V16-EF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRF10-010V15-EF ETC-TRF10-010V15-EF Datasheet
249Kb / 6P
   Lead Free SMD Resettable Fuse
TRF10-020V09-EF ETC-TRF10-020V09-EF Datasheet
249Kb / 6P
   Lead Free SMD Resettable Fuse
TRF10-035V06-EF ETC-TRF10-035V06-EF Datasheet
249Kb / 6P
   Lead Free SMD Resettable Fuse
TRF10-050V06-EF ETC-TRF10-050V06-EF Datasheet
249Kb / 6P
   Lead Free SMD Resettable Fuse
TRF10-075V06-EF ETC-TRF10-075V06-EF Datasheet
249Kb / 6P
   Lead Free SMD Resettable Fuse
More results

Similar Description - TRF18-110V16-EF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRF12-012V30-EF ETC-TRF12-012V30-EF Datasheet
381Kb / 7P
   Lead Free SMD Resettable Fuse
TRF06-020V09-TF ETC-TRF06-020V09-TF Datasheet
257Kb / 6P
   Lead Free SMD Resettable Fuse
TRF10-010V15-EF ETC-TRF10-010V15-EF Datasheet
249Kb / 6P
   Lead Free SMD Resettable Fuse
logo
AiT Semiconductor Inc.
LO-RHO-F0603L AITSEMI-LO-RHO-F0603L Datasheet
196Kb / 3P
   SMD PPTC RESETTABLE FUSE
REV1.0
LO-RHO-F1210L AITSEMI-LO-RHO-F1210L Datasheet
206Kb / 3P
   SMD PPTC RESETTABLE FUSE
REV1.0
F0805L AITSEMI-F0805L Datasheet
319Kb / 4P
   SMD PPTC RESETTABLE FUSE
REV1.0
F2920L AITSEMI-F2920L Datasheet
398Kb / 5P
   SMD PPTC RESETTABLE FUSE
REV1.0
LO-RHO-F1206L AITSEMI-LO-RHO-F1206L Datasheet
221Kb / 3P
   SMD PPTC RESETTABLE FUSE
REV1.0
F1210L AITSEMI-F1210L Datasheet
429Kb / 5P
   SMD PPTC RESETTABLE FUSE
REV1.0
F1812L AITSEMI-F1812L Datasheet
541Kb / 5P
   SMD PPTC RESETTABLE FUSE
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com