Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMF13JE103 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RMF13JE103
Description  Automotive Grade Thick Film Chip Resistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RMF13JE103 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RMF13JE103 Datasheet HTML 1Page - List of Unclassifed Manufacturers RMF13JE103 Datasheet HTML 2Page - List of Unclassifed Manufacturers RMF13JE103 Datasheet HTML 3Page - List of Unclassifed Manufacturers RMF13JE103 Datasheet HTML 4Page - List of Unclassifed Manufacturers RMF13JE103 Datasheet HTML 5Page - List of Unclassifed Manufacturers RMF13JE103 Datasheet HTML 6Page - List of Unclassifed Manufacturers RMF13JE103 Datasheet HTML 7Page - List of Unclassifed Manufacturers RMF13JE103 Datasheet HTML 8Page - List of Unclassifed Manufacturers RMF13JE103 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Automotive Grade
Thick Film Chip Resistors
( RMF series standard )
Halogen-Free
Document No.
TRMF-XX0S001A
Revise Date
2014/02/06
page number
5/13
TA-I TECHNOLOGY CO., LTD
6. Reliability Tests:
Test Items
Reference standard
Condition of Test
Test Limits △R
Temperature Coefficient
of Resistance
IEC 60115-1 4.8
-At +25/–55 °C and +25/+125 °C
Refer 5.0
Short Time Overload
IEC60115-1 4.13
2.5 X rated voltage for 5 sec
±(1% + 0.05Ω )
Remarks :
0402 : ±(2% + 0.1Ω )
0201 : ±(3% + 0.1Ω )
0Ω : 50mΩ or less
High Temperature
Exposure (Storage)
AEC-Q200-REV C-Test 3
MIL-STD-202 Method 108
1000 hrs. @ T=125°C. Unpowered.
Measurement at 24±2 hours after test
conclusion.
0.5%,1%:±(1.0%+0.05Ω)
2%,5%:±(2.0%+0.1Ω)
0201 : ±(3% + 0.1Ω )
0Ω : 50mΩ or less
Moisture Resistance
AEC-Q200-REV C-Test 6
MIL-STD-202 Method 106
T=24 hours / Cycle ,10Cycles . Notes :
Steps 7a& 7b not required. Unpowered .
0.5%,1%:±(1.0%+0.05Ω)
2%,5%:±(2.0%+0.1Ω)
0201 : ±(3% + 0.1Ω )
0Ω : 50mΩ or less
Biased Humidity
AEC-Q200-REV C-Test 7
MIL-STD-202 Method 103
1000 hours 85°C/85%RH. Note: Specified
conditions: 10% of operating power(not
exceeding max working voltage).
Measurement at 24±2 hours after test
conclusion.
±(3% + 0.1Ω )
0201 : ±(5% + 0.1Ω )
0Ω : 100mΩ or less
Operational Life
AEC-Q200-REV C-Test 8
MIL-STD-202 Method 108
1000 hours TA=70°C at rated power.
Measurement at 24±2 hours after test
conclusion.
0.5%,1%: ±(1% + 0.1Ω )
2%.5% : ±(3% + 0.1Ω )
0201 : ±(5% + 0.1Ω)
0Ω : 100mΩ or less
External Visual
AEC-Q200-REV C-Test 9
MIL-STD-883 Method 2009
Electrical test not required.
Inspect device construction, marking and
workmanship.
Physical
Dimension
AEC-Q200-REV C-Test 10
JESD22 Method JB-100
Verify physical dimensions to the
applicable device detail specification. Note:
User(s) and Suppliers spec. Electrical test
not required.
Resistance to
Solvents
AEC-Q200-REV C-Test 12
MIL-STD-202 Method 215
a:Isopropyl Alcohol:Mineral Spirits= 1:3
b:Terpene Defluxer (Bioact EC-7R)
c:Deionized water :Propylene Glycol
Monomethyl Ether:monoethanolamine =
42:1:1
Marking and protective layer
can not be detached
Mechanical Shock
AEC-Q200-REV C-Test 13
MIL-STD-202 Method 213
Wave Form : Tolerance for half sine shock
pluse.
Peak value is 100g’s. Normal
duration(D) is 6(ms)
±
(1% + 0.1Ω )
0Ω : 50mΩ or less
Vibration
AEC-Q200-REV C-Test 14
MIL-STD-202 Method 204
5 g's for 20 min., 12 cycles each of 3
orientations. Note: Test from 10-2000 Hz.
±
(1% + 0.1Ω )
0Ω : 50mΩ or less
Resistance to
Soldering Heat
AEC-Q200-REV C-Test 15
MIL-STD-202 Method 210
Condition B :
Immerse the specimens in and eutectic
solder at 260±5℃ for 10±1S .
0.5%,1% : ±(0.5% + 0.05Ω )
2%.5% : ±(1% + 0.1Ω )
0201 : ±(2% + 0.1Ω )
0Ω : 50mΩ or less
Thermal Shock
AEC-Q200-REV C-Test 16
MIL-STD-202 Method 107
-55C/+155C. Note: Number of cycles
required-300, Maximum transfer time-20
seconds, Dwell time-15 minutes. Air-Air.
±
(1% + 0.1Ω )
0Ω : 50mΩ or less


Similar Part No. - RMF13JE103

ManufacturerPart #DatasheetDescription
logo
RFE international
RMF10 RFE-RMF10 Datasheet
54Kb / 1P
   SURFACE MOUNT RESISTORS
2014.10.13
logo
Riedon Powertron
RMF100 RIEDON-RMF100 Datasheet
524Kb / 2P
   Film Resistors
logo
RFE international
RMF12 RFE-RMF12 Datasheet
54Kb / 1P
   SURFACE MOUNT RESISTORS
2014.10.13
logo
Riedon Powertron
RMF125 RIEDON-RMF125 Datasheet
524Kb / 2P
   Film Resistors
logo
Belden Inc.
RMF1C1.0 BELDEN-RMF1C1.0 Datasheet
129Kb / 2P
   RailTuff™ Medium wall cable 600V 1 C 1 mm² Str TC,XLPO Ins
04-17-2023
More results

Similar Description - RMF13JE103

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AC0201DR-071RL YAGEO-AC0201DR-071RL Datasheet
774Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
AC0603FR YAGEO-AC0603FR Datasheet
312Kb / 10P
   THICK FILM CHIP RESISTORS Automotive grade
AC0402 YAGEO-AC0402 Datasheet
345Kb / 11P
   THICK FILM CHIP RESISTORS Automotive grade
AC0201DR-071R YAGEO-AC0201DR-071R Datasheet
955Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
logo
Vishay Siliconix
RCA VISHAY-RCA_V01 Datasheet
106Kb / 5P
   Automotive Grade Thick Film, Rectangular Chip Resistors
01-Jan-2022
RCA VISHAY-RCA Datasheet
99Kb / 5P
   Automotive Grade Thick Film, Rectangular Chip Resistors
Revision: 14-Feb-08
logo
YAGEO Corporation
AC0402BRE0710R YAGEO-AC0402BRE0710R Datasheet
529Kb / 7P
   THICK FILM CHIP RESISTORS Automotive Precision grade
AC0612DR-071R YAGEO-AC0612DR-071R Datasheet
639Kb / 9P
   THICK FILM WIDE TERMINAL CHIP RESISTORS AUTOMOTIVE GRADE
RE0805DR-071KL YAGEO-RE0805DR-071KL Datasheet
281Kb / 7P
   THICK FILM CHIP RESISTORS Precision grade
logo
RCD COMPONENTS INC.
MCT0805S-R100-B RCD-MCT0805S-R100-B Datasheet
25Kb / 1P
   THICK FILM PRECISION CHIP RESISTORS MILITARY GRADE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com