Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT13NT1540 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RT13NT1540
Description  Thick Film Trimmable Chip Resistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT13NT1540 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RT13NT1540 Datasheet HTML 1Page - List of Unclassifed Manufacturers RT13NT1540 Datasheet HTML 2Page - List of Unclassifed Manufacturers RT13NT1540 Datasheet HTML 3Page - List of Unclassifed Manufacturers RT13NT1540 Datasheet HTML 4Page - List of Unclassifed Manufacturers RT13NT1540 Datasheet HTML 5Page - List of Unclassifed Manufacturers RT13NT1540 Datasheet HTML 6Page - List of Unclassifed Manufacturers RT13NT1540 Datasheet HTML 7Page - List of Unclassifed Manufacturers RT13NT1540 Datasheet HTML 8Page - List of Unclassifed Manufacturers RT13NT1540 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Thick Film Trimmable Chip Resistors
( Lead-Free for RT series standard )
Document No.
TRT-XX2P003C
Issued Date
2011/04/20
page
3 / 10
TA-I TECHNOLOGY CO., LTD
5. Ratings & Characteristics :
Type
Power
Rating
at 70℃
Max.
Working
Voltage
Max.
Over- Load
Voltage
T.C.R
(PPM/℃)
Resistance Range(Ω)
K(±10%)
M(±20%)
N(±30%)
P(0~-30%)
RT04
1/16W
50V
100V
±200
10Ω-1MΩ
10Ω-1MΩ
10Ω-1MΩ
10Ω-1MΩ
on quest :
0805 : 3
RT06
1/10W
50V
100V
RT10
1/8W
150V
300V
RT12
1/4W
200V
400V
RT13
1/3W
200V
400V
Note : Except for the above standardized products, we also provide the customized products.
5.1 Derating Curve :
For resistors operated at ambient temperature over 70℃ , power rating shall be derated in
accordance with figure 1.
P max.
100
Power ratio ( % )
50
0
-55
50
70
100
125
Ambient
Temp. (
C )
Figure 1
5.2 Rated Voltage:
The rated voltage is calculated by the following formula:
E =
P * R
E=Rated Voltage(V)
P=Rated Power(W)
R=Resistance Value(Ω)


Similar Part No. - RT13NT1540

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
RT1300B6 CTS-RT1300B6 Datasheet
56Kb / 2P
   LVD SCSI Terminator RoHS Compliant Parts Available
RT1300B6 CTS-RT1300B6 Datasheet
70Kb / 2P
   Configuration Selector Guide
RT1300B6TR13 CTS-RT1300B6TR13 Datasheet
56Kb / 2P
   LVD SCSI Terminator RoHS Compliant Parts Available
RT1300B6TR13 CTS-RT1300B6TR13 Datasheet
70Kb / 2P
   Configuration Selector Guide
RT1300B6TR7 CTS-RT1300B6TR7 Datasheet
56Kb / 2P
   LVD SCSI Terminator RoHS Compliant Parts Available
More results

Similar Description - RT13NT1540

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
FCR SEI-FCR Datasheet
321Kb / 4P
   Trimmable Thick Film Chip Resistor
11/18/2020
logo
YAGEO Corporation
TR0402KR-071R YAGEO-TR0402KR-071R Datasheet
426Kb / 8P
   TRIMMABLE CHIP RESISTORS
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com