Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMF13GE103 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # RMF13GE103
Description  Automotive Grade Thick Film Chip Resistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RMF13GE103 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button RMF13GE103 Datasheet HTML 5Page - List of Unclassifed Manufacturers RMF13GE103 Datasheet HTML 6Page - List of Unclassifed Manufacturers RMF13GE103 Datasheet HTML 7Page - List of Unclassifed Manufacturers RMF13GE103 Datasheet HTML 8Page - List of Unclassifed Manufacturers RMF13GE103 Datasheet HTML 9Page - List of Unclassifed Manufacturers RMF13GE103 Datasheet HTML 10Page - List of Unclassifed Manufacturers RMF13GE103 Datasheet HTML 11Page - List of Unclassifed Manufacturers RMF13GE103 Datasheet HTML 12Page - List of Unclassifed Manufacturers RMF13GE103 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Automotive Grade
Thick Film Chip Resistors
( RMF series standard )
Halogen-Free
Document No.
TRMF-XX0S001A
Revise Date
2014/02/06
page number
11/13
TA-I TECHNOLOGY CO., LTD
10. Recommended land patterns :
Land pattern
Type
Size
Dimension ( mm )
a
b
c
RMF
02 (0201 )
0.25~0.3
0.7~0.9
0.3~0.4
RMF
04 (0402 )
0.50~0.6
1.4~1.6
0.4~0.6
RMF
06 (0603 )
0.7~0.9
2.0~2.2
0.8~1.0
RMF
10 (0805 )
1.0~1.4
3.2~3.8
0.9~1.4
RMF
12 (1206 )
2.0~2.4
4.4~5.0
1.2~1.8
RMF
13 (1210 )
2.0~2.4
4.4~5.0
2.3~3.5
RMF
20 (2010 )
3.3~3.7
5.7~6.5
2.3~3.5
RMF
25 (2512 )
3.6~4.0
7.6~8.6
2.3~3.5
11. Recommend IR – Reflow profile : (solder : Sn96.5 / Ag3 / Cu0.5)


Similar Part No. - RMF13GE103

ManufacturerPart #DatasheetDescription
logo
RFE international
RMF10 RFE-RMF10 Datasheet
54Kb / 1P
   SURFACE MOUNT RESISTORS
2014.10.13
logo
Riedon Powertron
RMF100 RIEDON-RMF100 Datasheet
524Kb / 2P
   Film Resistors
logo
RFE international
RMF12 RFE-RMF12 Datasheet
54Kb / 1P
   SURFACE MOUNT RESISTORS
2014.10.13
logo
Riedon Powertron
RMF125 RIEDON-RMF125 Datasheet
524Kb / 2P
   Film Resistors
logo
Belden Inc.
RMF1C1.0 BELDEN-RMF1C1.0 Datasheet
129Kb / 2P
   RailTuff™ Medium wall cable 600V 1 C 1 mm² Str TC,XLPO Ins
04-17-2023
More results

Similar Description - RMF13GE103

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AC0201DR-071RL YAGEO-AC0201DR-071RL Datasheet
774Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
AC0603FR YAGEO-AC0603FR Datasheet
312Kb / 10P
   THICK FILM CHIP RESISTORS Automotive grade
AC0402 YAGEO-AC0402 Datasheet
345Kb / 11P
   THICK FILM CHIP RESISTORS Automotive grade
AC0201DR-071R YAGEO-AC0201DR-071R Datasheet
955Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
logo
Vishay Siliconix
RCA VISHAY-RCA_V01 Datasheet
106Kb / 5P
   Automotive Grade Thick Film, Rectangular Chip Resistors
01-Jan-2022
RCA VISHAY-RCA Datasheet
99Kb / 5P
   Automotive Grade Thick Film, Rectangular Chip Resistors
Revision: 14-Feb-08
logo
YAGEO Corporation
AC0402BRE0710R YAGEO-AC0402BRE0710R Datasheet
529Kb / 7P
   THICK FILM CHIP RESISTORS Automotive Precision grade
AC0612DR-071R YAGEO-AC0612DR-071R Datasheet
639Kb / 9P
   THICK FILM WIDE TERMINAL CHIP RESISTORS AUTOMOTIVE GRADE
RE0805DR-071KL YAGEO-RE0805DR-071KL Datasheet
281Kb / 7P
   THICK FILM CHIP RESISTORS Precision grade
logo
RCD COMPONENTS INC.
MCT0805S-R100-B RCD-MCT0805S-R100-B Datasheet
25Kb / 1P
   THICK FILM PRECISION CHIP RESISTORS MILITARY GRADE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com