Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMF04DE103 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # RMF04DE103
Description  Automotive Grade Thick Film Chip Resistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RMF04DE103 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button RMF04DE103 Datasheet HTML 5Page - List of Unclassifed Manufacturers RMF04DE103 Datasheet HTML 6Page - List of Unclassifed Manufacturers RMF04DE103 Datasheet HTML 7Page - List of Unclassifed Manufacturers RMF04DE103 Datasheet HTML 8Page - List of Unclassifed Manufacturers RMF04DE103 Datasheet HTML 9Page - List of Unclassifed Manufacturers RMF04DE103 Datasheet HTML 10Page - List of Unclassifed Manufacturers RMF04DE103 Datasheet HTML 11Page - List of Unclassifed Manufacturers RMF04DE103 Datasheet HTML 12Page - List of Unclassifed Manufacturers RMF04DE103 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Automotive Grade
Thick Film Chip Resistors
( RMF series standard )
Halogen-Free
Document No.
TRMF-XX0S001A
Revise Date
2014/02/06
page number
9/13
TA-I TECHNOLOGY CO., LTD
8.1.3 4 mm pitch Emboss :
Packing
Type
A
B
W
F
E
P1
P2
P0
D0
T
Emboss
RMF20
2.8±0.2
5.3±0.2
12.0±0.2
5.5±0.05
1.75±0.1
4.0±0.1
2.0±0.05
4.0±0.05
+0.1
ψ
1.5
-0
0.85±0.15
RMF25
3.6±0.2
6.9±0.2
8.2 Reel Specifications:
UNIT: mm
Type
ψ
A
ψ
B
ψ
C
W
T
RMF02 / 04 / 06
RMF10 /12 /13
178.0 ± 2.0
60.0 ± 1.0
13.0 ± 1.0
9.0 ± 1.0
11.5 ± 1.0
RMF20 / 25
13.0 ± 1.0
15.5 ± 1.0


Similar Part No. - RMF04DE103

ManufacturerPart #DatasheetDescription
logo
RFE international
RMF04 RFE-RMF04 Datasheet
54Kb / 1P
   SURFACE MOUNT RESISTORS
2014.10.13
More results

Similar Description - RMF04DE103

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AC0201DR-071RL YAGEO-AC0201DR-071RL Datasheet
774Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
AC0603FR YAGEO-AC0603FR Datasheet
312Kb / 10P
   THICK FILM CHIP RESISTORS Automotive grade
AC0402 YAGEO-AC0402 Datasheet
345Kb / 11P
   THICK FILM CHIP RESISTORS Automotive grade
AC0201DR-071R YAGEO-AC0201DR-071R Datasheet
955Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
logo
Vishay Siliconix
RCA VISHAY-RCA_V01 Datasheet
106Kb / 5P
   Automotive Grade Thick Film, Rectangular Chip Resistors
01-Jan-2022
RCA VISHAY-RCA Datasheet
99Kb / 5P
   Automotive Grade Thick Film, Rectangular Chip Resistors
Revision: 14-Feb-08
logo
YAGEO Corporation
AC0402BRE0710R YAGEO-AC0402BRE0710R Datasheet
529Kb / 7P
   THICK FILM CHIP RESISTORS Automotive Precision grade
AC0612DR-071R YAGEO-AC0612DR-071R Datasheet
639Kb / 9P
   THICK FILM WIDE TERMINAL CHIP RESISTORS AUTOMOTIVE GRADE
RE0805DR-071KL YAGEO-RE0805DR-071KL Datasheet
281Kb / 7P
   THICK FILM CHIP RESISTORS Precision grade
logo
RCD COMPONENTS INC.
MCT0805S-R100-B RCD-MCT0805S-R100-B Datasheet
25Kb / 1P
   THICK FILM PRECISION CHIP RESISTORS MILITARY GRADE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com