Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

03-09-2092 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 03-09-2092
Description  2.36mm Diameter Standard .093 Pin and Socket Plug Housings, 9 Circuits, 3 Rows
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

03-09-2092 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  03-09-2092 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/03/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
03-09-2092
Status:
Active
Overview:
Standard .093" Pin and Socket Connectors
Description:
2.36mm Diameter Standard .093" Pin and Socket Plug Housings, 9 Circuits, 3 Rows
Documents:
3D Model
Product Specification PS-1292-002 (PDF)
Drawing (PDF)
Product Specification PS-43660-9999 (PDF)
Product Specification PS-02-09 (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-1292-001 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
1292
Application
Power, Wire-to-Wire
Comments
14.0A max. can be achieved when housing is used with
42477 or 42478 terminals
Overview
Standard .093" Pin and Socket Connectors
Product Name
Standard .093"
UPC
800753614888
Physical
Circuits (maximum)
9
Color - Resin
Natural
Flammability
94V-2
Gender
Plug
Glow-Wire Compliant
No
Material - Resin
Nylon
Net Weight
3.542/g
Number of Rows
3
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
5.03mm
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
11A
Material Info
Old Part Number
1292-P1
Reference - Drawing Numbers
Product Specification
PS-02-09, PS-1292-001, PS-1292-002, PS-43660-9999
Sales Drawing
SD-1292-0001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
1292Series
Mates With
03-09-1091 , 03-09-1092 , 03-09-1093 ,
03-09-1094
Use With
1189 Crimp Terminals, 1190 Crimp
Terminals, 1380 Male Crimp Terminals,
1381 Female Crimp Terminals, 1433 Crimp
Terminals, 1434 Male Crimp Terminals,
1973 , 2151 , 2273 , 2870 , 2871 , 4272 ,
4550 , 6271
This document was generated on 10/03/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 03-09-2092

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
03-09-2092 MOLEX1-03-09-2092 Datasheet
169Kb / 3P
   2.36mm (.093") Diameter Standard .093 Pin and Socket Plug Housings, 9 Circuits, 3 Rows
03-09-2092 MOLEX1-03-09-2092 Datasheet
154Kb / 3P
   2.36mm (.093") Diameter Standard .093 Pin and Socket Plug Housings, 9 Circuits, 3 Rows
03-09-2092 MOLEX1-03-09-2092 Datasheet
44Kb / 1P
   2.36mm Diameter Standard
03-09-2092-C MOLEX1-03-09-2092-C Datasheet
154Kb / 3P
   2.36mm (.093") Diameter Standard .093 Pin and Socket Plug Housings, 9 Circuits, 3 Rows
03-09-2092-P MOLEX1-03-09-2092-P Datasheet
154Kb / 3P
   2.36mm (.093") Diameter Standard .093 Pin and Socket Plug Housings, 9 Circuits, 3 Rows
More results

Similar Description - 03-09-2092

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0003092092 MOLEX1-0003092092 Datasheet
169Kb / 3P
   2.36mm (.093") Diameter Standard .093 Pin and Socket Plug Housings, 9 Circuits, 3 Rows
0003092091 MOLEX1-0003092091 Datasheet
154Kb / 3P
   2.36mm (.093") Diameter Standard .093 Pin and Socket Plug Housings, 9 Circuits, 3 Rows
0003092092 MOLEX1-0003092092_18 Datasheet
39Kb / 1P
   2.36mm Diameter Standard .093 Pin and Socket Plug Housings, 9 Circuits, 3 Rows
03-09-2091 MOLEX11-03-09-2091 Datasheet
46Kb / 1P
   2.36mm Diameter Standard .093 Pin and Socket Plug Housings, 9 Circuits, 3 Rows
0003091091 MOLEX1-0003091091 Datasheet
155Kb / 3P
   2.36mm (.093") Diameter Standard .093 Pin and Socket Receptacle Housings, 9 Circuits, 3 Rows
0003091094 MOLEX1-0003091094 Datasheet
154Kb / 3P
   2.36mm (.093") Diameter Standard .093 Pin and Socket Receptacle Housings, 9 Circuits, 3 Rows
03-09-1091 MOLEX11-03-09-1091 Datasheet
44Kb / 1P
   2.36mm Diameter Standard .093 Pin and Socket Receptacle Housings, 9 Circuits, 3 Rows
03-09-1094 MOLEX11-03-09-1094 Datasheet
44Kb / 1P
   2.36mm Diameter Standard .093 Pin and Socket Receptacle Housings, 9 Circuits, 3 Rows
0003091093 MOLEX1-0003091093_18 Datasheet
37Kb / 1P
   2.36mm Diameter Standard .093" Pin and Socket Receptacle Housings, 9 Circuits
0003091094 MOLEX1-0003091094_18 Datasheet
38Kb / 2P
   2.36mm Diameter Standard .093 Pin and Socket Receptacle Housings, 9 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com