Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F-XMS Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # F-XMS
Description  1W, FIXED INPUT, ISOLATED&UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

F-XMS Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  F-XMS Datasheet HTML 1Page - Microdc power Technology Co., Ltd F-XMS Datasheet HTML 2Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
F
F-X
-XMS
MS S
Series
eries
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 2
PRODUCT
PRODUCT PROGRAM
PROGRAM
Part
Number
Input
Output
Efficiency
(%,Typ)
Package
Style
Voltage (VDC
)
Voltage
(VDC)
Current (mA)
Nominal
Range
Min
Max
F0303XMS
3.3
3.0-3.6
3.3
300
30
70
SIP4
F0305XMS
3.3
3.0-3.6
5
200
20
73
SIP4
F0309XMS
3.3
3.0-3.6
9
111
12
74
SIP4
F0503XMS
5
4.5-5.5
3.3
300
30
71
SIP4
F0505XMS
5
4.5-5.5
5
200
20
69
SIP4
F0509XMS
5
4.5-5.5
9
111
12
76
SIP4
F0512XMS
5
4.5-5.5
12
83
9
78
SIP4
F0515XMS
5
4.5-5.5
15
67
7
78
SIP4
F1203XMS
12
10.8-13.2
3.3
300
30
74
SIP4
F1205XMS
12
10.8-13.2
5
200
20
71
SIP4
F1209XMS
12
10.8-13.2
9
111
12
74
SIP4
F1212XMS
12
10.8-13.2
12
83
9
78
SIP4
F1215XMS
12
10.8-13.2
15
67
7
79
SIP4
MODEL
MODEL SELECTION
SELECTION
F
F
05
05
05
05
X
X
MS
MS
Product Series
Input Voltage
Output Voltage
Fixed Input
Mini SIP4 Package
MICRODC R ESERVES THE COPYRIGHT
1W, FIXED INPUT, ISOLATED&UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
FEATURES
FEATURES
High Efficiency up to 79%
3000VDC Isolation
Temperature Range: -40℃~+85℃
No Heat sink Required
No External Component Required
No External Component Required
Industry Standard Pin out
RoHS Compliance
DESCRIPTION
DESCRIPTION
The F-XMS Series is specially designed for
applications where a group of polar power
supplies are isolated from the input power
supply in a distributed power supply system on
a circuit board.
These products apply to:
1) Where the voltage of the input power
supply is fixed (voltage variation ≤10%);
2) Where isolation is necessary between
input and output (isolation voltage ≤3000VDC);
3) Where the regulation of the output voltage
and the output ripple noise are not demanding.
Such as:purely digital circuits,ordinary low
frequency analog circuits,and IGBT power
device driving circuits.
ISOLATION
ISOLATION SPECIFICATIONS
SPECIFICATIONS
Item
Test conditions
Min
Typ
Max
Units
Isolation voltage
Tested for 1 minute and 1 mA max
3000
VDC
Isolation resistance
Test at 500VDC
1000
MΩ
Isolation Capacitance
60
pF
COMMON
COMMON SPECIFICATIONS
SPECIFICATIONS
Item
Test conditions
Min
Typ
Max
Units
Storage humidity
95
%
Operating Temperature
-40
85
Storage Temperature
-55
125
Temp. rise at full load
15
30
Lead temperature
1.5mm from case for 10 seconds
300
Short circuit protection*
1
S
Cooling
Free air convection
Case material
Plastic (UL94-V0)
MTBF
3500
K hours
Weight
4.3
g
*Supply voltage must be discontinued at the end of short circuit duration.


Similar Part No. - F-XMS

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
F-XM MICRODC-F-XM Datasheet
452Kb / 2P
   1W, FIXED INPUT, ISOLATED&UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
F-XM-W25 MICRODC-F-XM-W25 Datasheet
544Kb / 3P
   0.25Watt | DC-DC Converter
F-XMD-1W MICRODC-F-XMD-1W Datasheet
1,020Kb / 2P
   3KV ISOLATED 1 W UNREGULATED SINGLE OUTPUT DIP8 DC/DC Converter
More results

Similar Description - F-XMS

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
1TM14 GAPTEC-1TM14 Datasheet
3Mb / 4P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated - Unregulated
1MD8A GAPTEC-1MD8A Datasheet
753Kb / 3P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T8CE GAPTEC-1T8CE Datasheet
871Kb / 3P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T8A-3.5U GAPTEC-1T8A-3.5U Datasheet
1Mb / 4P
   1W- Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
logo
Microdc power Technolog...
F-XM MICRODC-F-XM Datasheet
452Kb / 2P
   1W, FIXED INPUT, ISOLATED&UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1T8A GAPTEC-1T8A Datasheet
1Mb / 5P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T8CE-3UP GAPTEC-1T8CE-3UP Datasheet
872Kb / 3P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T8E GAPTEC-1T8E Datasheet
1Mb / 3P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T8A-3UP GAPTEC-1T8A-3UP Datasheet
1Mb / 5P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T8B GAPTEC-1T8B Datasheet
179Kb / 2P
   1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com