Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS4816 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PS4816
Description  16-outlet Vertical Power Strip with 15-ft. Cord
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS4816 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PS4816 Datasheet HTML 1Page - List of Unclassifed Manufacturers PS4816 Datasheet HTML 2Page - List of Unclassifed Manufacturers PS4816 Datasheet HTML 3Page - List of Unclassifed Manufacturers PS4816 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Mouser Electronics
Authorized Distributor
Click to View Pricing, Inventory, Delivery & Lifecycle Information:
Tripp Lite:
PS4816


Similar Part No. - PS4816

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PS4816 TRIPPLITE-PS4816 Datasheet
47Kb / 3P
   16-Outlet Vertical Power Strip, 15 ft. (4.57 m) Cord, 5-15P, 48 in.
PS4816B TRIPPLITE-PS4816B Datasheet
170Kb / 3P
   16-Outlet Vertical Power Strip, 120V, 15A, NEMA 5-15P, 15 ft. (4.57 m) Cord, 48 in., Black Housing
PS4816B TRIPPLITE-PS4816B Datasheet
48Kb / 3P
   16-Outlet Vertical Power Strip, 120V, 15A, NEMA 5-15P, 15 ft. (4.57 m) Cord, 48 in., Black Housing
PS4816B TRIPPLITE-PS4816B_V01 Datasheet
48Kb / 3P
   16-Outlet Vertical Power Strip, 120V, 15A, NEMA 5-15P, 15 ft. (4.57 m) Cord, 48 in., Black Housing
More results

Similar Description - PS4816

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS7224 ETC2-PS7224 Datasheet
461Kb / 4P
   24-outlet Vertical Power Strip with 15-ft. Cord
PS3612 ETC2-PS3612 Datasheet
463Kb / 4P
   12-outlet Vertical Power Strip with 15-ft. Cord
PS2408 ETC2-PS2408 Datasheet
464Kb / 3P
   8-outlet Vertical Power Strip with 15-ft. Cord
PS6020 ETC2-PS6020 Datasheet
462Kb / 4P
   20-outlet Vertical Power Strip with 15-ft. Cord
SS7415-15 ETC2-SS7415-15 Datasheet
464Kb / 4P
   16 outlet, 15-ft cord, 450 joule Power Strip with Surge Suppression
PS7224-20 ETC2-PS7224-20 Datasheet
463Kb / 4P
   24-outlet Vertical Power Strip with 15-ft. Cord and 20A Circuit Breaker
logo
Tripp Lite. All Rights ...
PS4816 TRIPPLITE-PS4816 Datasheet
47Kb / 3P
   16-Outlet Vertical Power Strip, 15 ft. (4.57 m) Cord, 5-15P, 48 in.
logo
List of Unclassifed Man...
UL24CB-15 ETC2-UL24CB-15 Datasheet
479Kb / 4P
   Waber-by-Tripp Lite 6-outlet Power Strip with 15-ft. Cord
602-15 ETC2-602-15 Datasheet
483Kb / 4P
   Waber-by-Tripp Lite 5-outlet Power Strip with 15-ft. Cord
6SPDX-15 ETC2-6SPDX-15 Datasheet
484Kb / 3P
   Waber-by-Tripp Lite 6-outlet Power Strip with 15-ft. Cord
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com