Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

06-02-3042 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 06-02-3042
Description  Flat Blade Appliance Defrost Timer Crimp Housing, 4 Circuit, 4 Circuits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

06-02-3042 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  06-02-3042 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 08/11/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
06-02-3042
Status:
Active
Overview:
Flat Blade
Description:
Flat Blade Appliance Defrost Timer Crimp Housing, 4 Circuit, 4 Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
UL
E29179
General
Product Family
Crimp Housings
Series
42400
Application
Power
Overview
Flat Blade
Product Name
Flat Blade
UPC
800754942676
Physical
Circuits (maximum)
4
Color - Resin
Natural
Flammability
94V-2
Gender
Female
Glow-Wire Compliant
No
Keying to Mating Part
Yes
Lock to Mating Part
None
Material - Resin
Nylon
Net Weight
4.408/g
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
5.56mm, 9.63mm
Pitch - Termination Interface
5.56mm, 9.63mm
Stackable
No
Temperature Range - Operating
-40°C to +75°C
Material Info
Old Part Number
42400-0001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
42400Series
Mates With
Appliance Timer
Use With
41422
This document was generated on 08/11/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 06-02-3042

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
06-02-3042 MOLEX1-06-02-3042 Datasheet
201Kb / 4P
   Flat Blade Appliance Defrost Timer Crimp Housing, 4 Circuit, 4 Circuits
More results

Similar Description - 06-02-3042

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0006023042 MOLEX1-0006023042 Datasheet
201Kb / 4P
   Flat Blade Appliance Defrost Timer Crimp Housing, 4 Circuit, 4 Circuits
42400-0004 MOLEX11-42400-0004 Datasheet
38Kb / 1P
   Flat Blade Appliance Defrost Timer Connector, 4 Circuit
0424002001 MOLEX5-0424002001 Datasheet
186Kb / 4P
   Flat Blade Appliance Defrost Timer Connector, 4 Circuit
0424000004 MOLEX5-0424000004 Datasheet
186Kb / 4P
   Flat Blade Appliance Defrost Timer Connector, 4 Circuit
42400-2001 MOLEX11-42400-2001 Datasheet
38Kb / 1P
   Flat Blade Appliance Defrost Timer Connector, 4 Circuit
0432751024 MOLEX5-0432751024 Datasheet
131Kb / 2P
   Flat Blade Appliance Timer Crimp Housing, 24 Circuit
0437965024 MOLEX6-0437965024 Datasheet
115Kb / 2P
   Flat Blade Appliance Timer Crimp Housing, 24 Circuit, Black Color
43796-5024 MOLEX11-43796-5024 Datasheet
64Kb / 1P
   Flat Blade Appliance Timer Crimp Housing, 24 Circuit, Black Color
43275-1024 MOLEX11-43275-1024 Datasheet
64Kb / 1P
   Flat Blade Appliance Timer Crimp Housing, 24 Circuit, Natural Color
0006023103 MOLEX1-0006023103 Datasheet
123Kb / 2P
   Flat Blade Appliance Motor Switch Crimp Housing, 10 Circuit, 10 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com