Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6NX6 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 6NX6
Description  Waber-by-Tripp Lite 6-outlet Power Strip with 6-ft. Cord
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

6NX6 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  6NX6 Datasheet HTML 1Page - List of Unclassifed Manufacturers 6NX6 Datasheet HTML 2Page - List of Unclassifed Manufacturers 6NX6 Datasheet HTML 3Page - List of Unclassifed Manufacturers 6NX6 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Waber-by-Tripp Lite 6-outlet Power Strip with 6-ft.
Cord
MODEL NUMBER: 6NX6
Description
Tripp Lite's 6NX6 Power Strip offers a convenient method of power distribution in workbench, wallmount or floor
mount applications. Includes 6 NEMA 5-15R output receptacles with 1.520-in. center-to-center spacing, 6-ft. AC
line cord and keyhole mounting tabs for installation in a wide variety of applications. Corded, multi-outlet strip reduces cabling clutter and enables the
connection of multiple electrical devices to a single AC wall socket. Unfiltered electrical pass-through makes the 6NX6 ideal for distributing alternate waveform
UPS or generator power. Features rugged metal housing, lighted power switch with integrated 15A resettable circuit breaker and attractive beige housing with
black receptacles.
PLUG/OUTLETS - Input: NEMA 5-15P/Output: 6 NEMA 5-15R
ELECTRICAL - 120VAC, 50/60Hz, 15A (Requires standard NEMA 5-15R wall receptacle)
FORMAT - Corded power distribution strip
Features
Multi-outlet power strip offers convenient power distribution in workbench, wallmount or floor mount applications
Includes 6 NEMA 5-15R output receptacles with 1.520-in. center-to-center spacing
Lighted combination power switch with integrated circuit breaker
Keyhole mounting tabs for installation on a wide variety of applications
UL1363 (USA), cUL (Canada)
15A power handling capacity
6-ft. AC line cord
Specifications
OVERVIEW
Highlights
6 outlets
6-ft. cord
12.5-in. length
Master on/off switch
All-metal housing
Applications
Offers multiple outlet power
distribution in workbench,
wallmount or floor mount
applications. Unfiltered electrical
pass-through makes the 6NX6
ideal for distributing alternate
waveform UPS or generator
power to protected equipment.
Package Includes
6NX6 Power Strip
Warranty information
Instruction manual
1 / 3


Similar Description - 6NX6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UL24CB-15 ETC2-UL24CB-15 Datasheet
479Kb / 4P
   Waber-by-Tripp Lite 6-outlet Power Strip with 15-ft. Cord
4SPDX ETC2-4SPDX Datasheet
483Kb / 4P
   Waber-by-Tripp Lite 4-outlet Power Strip with 6-ft. Cord
6SPDX-15 ETC2-6SPDX-15 Datasheet
484Kb / 3P
   Waber-by-Tripp Lite 6-outlet Power Strip with 15-ft. Cord
6SPDX ETC2-6SPDX Datasheet
483Kb / 3P
   Waber-by-Tripp Lite 6-outlet Power Strip with Illuminated Master Switch and 6-ft. Cord
602-15 ETC2-602-15 Datasheet
483Kb / 4P
   Waber-by-Tripp Lite 5-outlet Power Strip with 15-ft. Cord
logo
Tripp Lite. All Rights ...
UL17CB-15 TRIPPLITE-UL17CB-15 Datasheet
479Kb / 3P
   Waber-by-Tripp Lite 9-outlet Power Strip with 15-ft. Cord
logo
List of Unclassifed Man...
UL603CB-6 ETC2-UL603CB-6 Datasheet
484Kb / 4P
   Waber-by-Tripp Lite 4-outlet Power Strip with Transparent Power Switch Cover and 6-ft. Cord
UL24RA-15 ETC2-UL24RA-15 Datasheet
481Kb / 4P
   Waber-by-Tripp Lite Power Strip with 6 Right-Angle Outlets and 15-ft. Cord
UL800CB-15 ETC2-UL800CB-15 Datasheet
481Kb / 4P
   Waber-by-Tripp Lite Power Strip with 10 Side-by-Side Outlets and 15-ft. Cord
UL620-15 ETC2-UL620-15 Datasheet
481Kb / 4P
   Waber-by-Tripp Lite Power Strip with 6 NEMA 5-15/20R Outlets and 15-ft. Cord with NEMA 5-20P Plug
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com