Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4247-16 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # P4247-16
Description  InSb photovoltaic detector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

P4247-16 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  P4247-16 Datasheet HTML 1Page - Hamamatsu Corporation P4247-16 Datasheet HTML 2Page - Hamamatsu Corporation P4247-16 Datasheet HTML 3Page - Hamamatsu Corporation P4247-16 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
InSb photovoltaic detector
P5968/P4247 series
CHOPPER
1200 Hz
BLACK BODY
500 K
DETECTOR
BAND-PASS
FILTER
r.m.s.
METER
fo=1200 Hz
,f=120 Hz
INCIDENT ENERGY: 2.64 µW/cm
2
I Spectral response
KIRDB0063EC
WAVELENGTH (µm)
(Typ. T= -196 ˚C)
10
11
10
12
1
10
10
6
2345
I S, N vs. chopping frequency
KIRDB0065ED
CHOPPING FREQUENCY (Hz)
(Typ.)
10
2
10
3
10
1
10
0
10
3
10
4
10
5
10
6
10
2
S
N
LOAD RESISTANCE: 1 k
SUPPLY VOLTAGE: 0 V
ELEMENT TEMPERATURE: -196 ˚C
I Measurement circuit
KIRDC0004EA
2


Similar Part No. - P4247-16

ManufacturerPart #DatasheetDescription
logo
International Rectifier
P424 IRF-P424 Datasheet
90Kb / 7P
   PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
logo
Advanced Technical Mate...
P424 ATM-P424 Datasheet
122Kb / 1P
   2WAY - 4WAY - 8WAY POWER DIVIDERS & COMBINERS
logo
Vishay Siliconix
P424 VISHAY-P424 Datasheet
122Kb / 6P
   Passivated Assembled Circuit Elements, 40 A
Revision: 05-Nov-09
logo
Hamamatsu Corporation
P4245 HAMAMATSU-P4245 Datasheet
196Kb / 2P
   Infrared detector module with preamp
P4249-08 HAMAMATSU-P4249-08 Datasheet
141Kb / 3P
   MCT photoconductive detector
More results

Similar Description - P4247-16

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
P5968 HAMAMATSU-P5968_15 Datasheet
549Kb / 4P
   InSb photovoltaic detectors
P6606 HAMAMATSU-P6606_04 Datasheet
117Kb / 4P
   InSb photoconductive detector
P6606 HAMAMATSU-P6606 Datasheet
155Kb / 4P
   InSb photoconductive detector
P10090 HAMAMATSU-P10090 Datasheet
72Kb / 4P
   InAs photovoltaic detector
P8079 HAMAMATSU-P8079_07 Datasheet
83Kb / 4P
   InAs photovoltaic detector
P8079-01 HAMAMATSU-P8079-01 Datasheet
154Kb / 4P
   InAs photovoltaic detector
P11120-201 HAMAMATSU-P11120-201_15 Datasheet
218Kb / 6P
   InAsSb photovoltaic detector
P12691-201 HAMAMATSU-P12691-201_15 Datasheet
540Kb / 5P
   InAsSb photovoltaic detector
P9697 HAMAMATSU-P9697 Datasheet
86Kb / 2P
   MCT photovoltaic detector Photovoltaic detector with high-speed response and low noise
logo
List of Unclassifed Man...
HW-305B ETC1-HW-305B Datasheet
42Kb / 2P
   InSb Hall Element
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com