Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2038-02 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # P2038-02
Description  PbSe photoconductive detector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

P2038-02 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  P2038-02 Datasheet HTML 1Page - Hamamatsu Corporation P2038-02 Datasheet HTML 2Page - Hamamatsu Corporation P2038-02 Datasheet HTML 3Page - Hamamatsu Corporation P2038-02 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PbSe photoconductive detector
P791/P2038/P2680 series, P3207-05
I Connection example (P2680-03)
C3757-02
C1103-04
P2680-03
+
A3179-01
AMP
TEMPERATURE
CONTROLLER
DETECTOR AND
HEATSINK
C3871
POWER SUPPLY FOR PREAMP
C4696
CHOPPER
CABLE (SUPPLIED WITH C1103-04)
BNC CONNECTOR CABLE
(SOLD SEPARATELY)
Connect C1103-04 and C3871
ground terminals together.
SIGNAL
PROCESSING
CIRCUIT
LOCK-IN AMP or
SPECTRUM ANALYZER
2-CONDUCTOR
SHIELDED CABLE
CABLE (SUPPLIED WITH C3757-02)
I Photo sensitivity linearity
INCIDENT ENERGY (W/cm
2)
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
(Typ. Ta=25 ˚C, FULLY ILLUMINATED)
DEPENDENT ON NEP
I Cooling characteristics of TE-cooler
20
0
0.4
0.8
1.2
1.6
0.2
0.6
1.0
1.4
CURRENT (A)
0
-40
-60
-20
40
(Typ. Ta=25 ˚C, Thermal resistance of heatsink=3 ˚C/W)
ONE-STAGE
TE-COOLED
TWO-STAGE
TE-COOLED
I Current vs. voltage characteristics of the TE-cooler
VOLTAGE (V)
(Typ. Ta=25 ˚C, Thermal resistance of heatsink=3 ˚C/W)
0
1.6
0.6
1.4
0.2
1.0
0.4
1.2
0.8
0
0.8
0.6
0.4
0.2
1.2
1.0
ONE-STAGE
TE-COOLED
TWO-STAGE
TE-COOLED
I Thermistor temperature characteristic
ELEMENT TEMPERATURE (˚C)
10
3
(Typ.)
10
4
10
5
10
6
-40
-20
0
20
-30
-10
10
30
KIRDB0056EA
KIRDB0185EA
KIRDB0115EB
KIRDB0116EA
KIRDC0045EA
By making the incident light spot smaller
than the active area, the upper limit of
the linearity becomes lower.
3


Similar Part No. - P2038-02

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
P2038-02 HAMAMATSU-P2038-02 Datasheet
93Kb / 4P
   PbSe photoconductive detector
More results

Similar Description - P2038-02

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
P9696 HAMAMATSU-P9696 Datasheet
109Kb / 2P
   PbSe photoconductive detector
P791 HAMAMATSU-P791_07 Datasheet
93Kb / 4P
   PbSe photoconductive detector
P3207-08 HAMAMATSU-P3207-08_15 Datasheet
239Kb / 7P
   PbSe photoconductive detectors
P9217 HAMAMATSU-P9217_07 Datasheet
95Kb / 3P
   PbS photoconductive detector
P6606 HAMAMATSU-P6606_04 Datasheet
117Kb / 4P
   InSb photoconductive detector
P2748 HAMAMATSU-P2748 Datasheet
172Kb / 4P
   MCT photoconductive detector
P6606 HAMAMATSU-P6606 Datasheet
155Kb / 4P
   InSb photoconductive detector
P2532-01 HAMAMATSU-P2532-01 Datasheet
82Kb / 4P
   PbS photoconductive detector
P3257 HAMAMATSU-P3257 Datasheet
141Kb / 3P
   MCT photoconductive detector
P9217 HAMAMATSU-P9217 Datasheet
91Kb / 3P
   PbS photoconductive detector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com