Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P9217 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # P9217
Description  PbS photoconductive detector
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

P9217 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  P9217 Datasheet HTML 1Page - Hamamatsu Corporation P9217 Datasheet HTML 2Page - Hamamatsu Corporation P9217 Datasheet HTML 3Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
P9217
Features
Applications
INFRARED
DETECTOR
PbS photoconductive detector
l Resistance to high temperatures, stability
l Lower temperature detection limit: 100 ˚C approx.
l Radiation thermometers
l Flame monitors
l Water content analyzers
l Food ingredient analysis
l Spectrophotometers
Infrared detectors utilizing photoconductive effects
P9217 is a PbS photoconductive detector with greatly improved stability and resistance to high temperatures when compared to conventional types.
PRELIMINARY DATA
Jun. 2003
Accessories (Optional)
l Preamplifier for PbS/PbSe photoconductive detector C3757-02
l Power supply for amplifier
C3871
1
1
s Specification
Parameter
Specification
Unit
Window material
Borosilicate glass
-
Package
TO-5
-
Cooling
Non-cooled
-
Active area
1 × 5
mm
s Absolute maximum ratings
Parameter
Symbol
Value
Unit
Supply voltage
-
100
V
Operating temperature
Topr
-30 to +65
°C
Storage temperature
Tstg
-55 to +65
°C
s Electrical and optical characteristics (T=25 °C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Peak sensitivity wavelength
λp-
2.2
-
µm
Cut-off wavelength
λc
-
2.9
-
µm
Photo sensitivity *
1
S
λ=λp, Vs=15 V
4 × 10
4
1 × 10
5
-V/W
(500, 600, 1)
5 × 10
8
1 × 10
9
-
Detectivity
D*
(
λp, 600, 1)
-
1 × 10
11
-
cm · Hz
1/2/W
Rise time
tr
0 to 63 %
-
-
250
µs
Dark resistance
Rd
0.05
-
1
M
*1: Chopping frequency: 600 Hz, load resistance: nearly equal to detector element dark resistance.


Similar Part No. - P9217

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
P9217 HAMAMATSU-P9217 Datasheet
95Kb / 3P
   PbS photoconductive detector
P9217-02 HAMAMATSU-P9217-02 Datasheet
95Kb / 3P
   PbS photoconductive detector
P9217-03 HAMAMATSU-P9217-03 Datasheet
95Kb / 3P
   PbS photoconductive detector
P9217-04 HAMAMATSU-P9217-04 Datasheet
95Kb / 3P
   PbS photoconductive detector
P9217 HAMAMATSU-P9217_07 Datasheet
95Kb / 3P
   PbS photoconductive detector
More results

Similar Description - P9217

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
P9217 HAMAMATSU-P9217_07 Datasheet
95Kb / 3P
   PbS photoconductive detector
P2532-01 HAMAMATSU-P2532-01 Datasheet
82Kb / 4P
   PbS photoconductive detector
P9696 HAMAMATSU-P9696 Datasheet
109Kb / 2P
   PbSe photoconductive detector
P791 HAMAMATSU-P791_07 Datasheet
93Kb / 4P
   PbSe photoconductive detector
P6606 HAMAMATSU-P6606_04 Datasheet
117Kb / 4P
   InSb photoconductive detector
P2748 HAMAMATSU-P2748 Datasheet
172Kb / 4P
   MCT photoconductive detector
P6606 HAMAMATSU-P6606 Datasheet
155Kb / 4P
   InSb photoconductive detector
P791-11 HAMAMATSU-P791-11 Datasheet
174Kb / 4P
   PbSe photoconductive detector
P3257 HAMAMATSU-P3257 Datasheet
141Kb / 3P
   MCT photoconductive detector
P2748 HAMAMATSU-P2748_07 Datasheet
85Kb / 4P
   MCT photoconductive detector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com