Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLP10-155 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # PLP10-155
Description  HIGH-REPETITION PICOSECOND LIGHT PULSER Model PLP-10
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

PLP10-155 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  PLP10-155 Datasheet HTML 1Page - Hamamatsu Corporation PLP10-155 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Caution Label
LASER SAFETY
SPECIFICATIONS
18.1
86
117.4
40
60
86
114
14.7
9.4
+2
0
40
60
170 ±2
232 ±1
255 ±2
304.2 ±1
28 ±2
POWER
EXT.TRIG.
LEVEL
INTERNAL TRIGGER
EXT.
TRIG.
(50
Ω)
80M
8M
800K
80K
8K
800
80
8
EXT.
OPERATION FREQUENCY (Hz)
X1
X1/2
X1/5
OPTICAL OUTPUT
SYNC.
OUT.
(50
Ω)
SYNC.DELAY
(ns)
POWER
ADJUST.
HEAD DRIVE
READY
EMISSION
Description Label (Sample)
Parameter
Unit
Emission wavelength
nm
405
635
650
670
780
850
1300
1550
Wavelength tolerance
nm
<
±10
Spectral half-width
nm
<10
<5
<5
<5
<5
<5
<10
<20
max.
ps
100
110
100
100
100
100
100
100
Pulse width
typ.
Beam divergence angle*
θ ||
deg.
16
15
12
25
25
θ
34
35
35
40
30
32
30
30
typ
.
100
70
70
70
70
100
20
10
Peak
min.
50
30
30
30
30
50
10
5
power
typ
.
mW
50
30
30
30
30
50
10
5
FC connector output
min.
25
10
10
10
10
25
*Measured using a window output type.
70
90
70
70
70
70
70
70
Homepage Address http://www.hamamatsu.com
5 Product and software package names noted in this documentation are trademarks or registered trademarks of their respective manufacturers.
q
Subject to local technical requirements and regulations, availability of products included in this promotional material may vary. Please consult with our sales office.
.
q
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications and external appearance are subject to change without notice..
© 2003 Hamamatsu Photonics K.K.
ISO 9001
Certificate: 09 105 79045
HAMAMATSU PHOTONICS K.K., Systems Division
812 Joko-cho, Hamamatsu City, 431-3196, Japan, Telephone: (81)53-431-0124, Fax: (81)53-435-1574, E-mail:export@sys.hpk.co.jp
U.S.A. and Canada: Hamamatsu Photonic Systems: 360 Foothill Road, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1)908-231-1116, Fax: (1)908-231-0852, E-mail: usa@hamamatsu.com
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49)8152-375-0, Fax: (49)8152-2658, E-mail: info@hamamatsu.de
,
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: (33)1 69 53 71 00, Fax: (33)1 69 53 71 10, E-mail: infos@hamamatsu.fr
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10Tewin Road, Welwyn Garden City, Hertfordshire, AL7 1BW, U.K., Telephone: (44) 1707-294888, Fax: (44) 1707-325777, E-mail: info@hamamatsu.co.uk
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171-41 Solna, Sweden, Telephone: (46)8-509-031-00, Fax: (46)8-509-031-01, E-mail: info@hamamatsu.se
-
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Mois, 1/E 20020 Arese (Milano), Italy, Telephone: (39)02-935 81 733, Fax: (39)02-935 81 741, E-mail: info@hamamatsu.it
Cat. No. SSCS1055E02
AUG/2003 HPK
Created in Japan (PDF)
New
from
Hamamatsu
DIMENSIONAL OUTLINES (Unit: mm)
q M8903 Laser diode head (approx. 0.5 kg)
q C8898 Controller (approx. 5.1 kg)
q M8903 Laser diode head
q C8898 Controller
• Repetition frequency (Hz)
External trigger ......................................... Single shot to 50 MHz
Amplitude ...........................................................
Minimum pulse width ........................................................... 10 ns
• Synchronous trigger output
Amplitude (Selectable) ..................................... +2 to +3 V / 50
or -500 to 700 mV / 50
Pulse width ................................................................. 5 ns
± 3 ns
before or after optical output (selectable)
Delay time .... t0 (reference time)
±∆t; ∆t= 0 ns, 20 ns, 40 ns, 60 ns
80 ns 100 ns
• Ambient operating temperature ................................ +10 to +30˚C
• Ambient storage temperature ................................... –10 to +50˚C
• Ambient operating/storage humidity 70% or less (non-condensing)
• Line voltage ......................................... 100 to 240 V AC 50/60 Hz
• Power consumption .............................................................. 90 VA
...
PLP10-063
PLP10-063C
PLP10-065
PLP10-065C
PLP10-067
PLP10-067C
5
2
PLP10-078
PLP10-078C
PLP10-085
PLP10-085C
PLP10-130
PLP10-130C
PLP10-155
PLP10-155C
PLP10-041
PLP10-041C
<
±10
<
±10
<
±10
<
±20
<
±10
<
±30
<
±30
10
11
10
Window output
Output form type: window: PLP10-xxx / FC connector (for multi-mode optical fiber) : PLP10-xxxC
Note: Measured with 100MHz. The values can be changed depending on the frequency. The PLP head should be selected according to wavelength and output form and can be exchangeable with the
controller C8898.
Internal trigger ....... 100 MHz, 50 MHz, 20 MHz, 10 MHZ, 5 MHz,
2 MHz, 1 MHz, 500 kHz, 200 kHz, 100 kHz,
50 kHz, 20 kHz, 10 kHz, 5 kHz, 2 kHz, 1 kHz,
500 Hz, 200 Hz, 100 Hz, 50 Hz, 20 Hz, 10 Hz,
5 Hz, 2 Hz
• External trigger output
–4 to +4 V/50
Timing ........................
q Common specifications
Hamamatsu model PLP-10 uses lasers to be classified, Class 3B.
Conforming to international laser safety standards (USA:21 CFR 1040.10
CDRH, other areas: IEC Pub.825), which obligate manufacturers to provide
preventive safety measures, Hamamatsu lasers are classified, and
appropriate safety measures and labeling are provided. Duaring operation,
users must also use their preventive safety measures according to laser-
related regulations.
q Labels
- Window output type -
- FC connector output type -
375
<
±10
<10
100
15
30
70
30
***
***
80
PLP10-038
******
440
<
±10
<10
100
13
28
80
40
20
10
80
PLP10-044
PLP10-044C


Similar Part No. - PLP10-155

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLP1000 ETC2-PLP1000 Datasheet
1Mb / 37P
   PowerLINE 1000, 1010 and 1200 Adapters
logo
Toshiba Semiconductor
PLP1000A TOSHIBA-PLP1000A Datasheet
414Kb / 9P
   THSHIBA PHOTOINTERRUPTER INFRARED LEDPHOTO IC
PLP1001A TOSHIBA-PLP1001A Datasheet
414Kb / 9P
   THSHIBA PHOTOINTERRUPTER INFRARED LEDPHOTO IC
More results

Similar Description - PLP10-155

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C4258 HAMAMATSU-C4258 Datasheet
74Kb / 2P
   PICOSECOND PHOTODETECTOR
logo
Panasonic Semiconductor
CGA533048 PANASONIC-CGA533048 Datasheet
201Kb / 1P
   LIGHT WEIGHT PRISMATIC MODEL
logo
Texas Instruments
LM96551 TI1-LM96551 Datasheet
1Mb / 14P
[Old version datasheet]   Ultrasound Transmit Pulser
logo
Supertex, Inc
HV739 SUTEX-HV739 Datasheet
640Kb / 7P
   High Speed 짹100V 3.0A Ultrasound Pulser
logo
Texas Instruments
LM96550 TI1-LM96550_14 Datasheet
416Kb / 15P
[Old version datasheet]   Ultrasound Transmit Pulser
LM96551 TI1-LM96551_16 Datasheet
1Mb / 17P
[Old version datasheet]   Ultrasound Transmit Pulser
logo
Good Will Instrument Co...
GLP-1A GWINSTEK-GLP-1A Datasheet
106Kb / 1P
   LOGIC PROBE & PULSER
logo
Supertex, Inc
HV732DB1 SUTEX-HV732DB1 Datasheet
802Kb / 8P
   High Speed 짹100V 2A Integrated Ultrasound Pulser Demo Board
HV758 SUTEX-HV758 Datasheet
656Kb / 7P
   Quad High Speed 짹90V 2.2A Ultrasound Pulser
HV748 SUTEX-HV748 Datasheet
581Kb / 7P
   Quad High Speed 짹75V 1.25A Ultrasound Pulser
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com