Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCD210DC Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # BCD210DC
Description  Bluetooth-serial Module
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BCD210DC Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button BCD210DC Datasheet HTML 7Page - List of Unclassifed Manufacturers BCD210DC Datasheet HTML 8Page - List of Unclassifed Manufacturers BCD210DC Datasheet HTML 9Page - List of Unclassifed Manufacturers BCD210DC Datasheet HTML 10Page - List of Unclassifed Manufacturers BCD210DC Datasheet HTML 11Page - List of Unclassifed Manufacturers BCD210DC Datasheet HTML 12Page - List of Unclassifed Manufacturers BCD210DC Datasheet HTML 13Page - List of Unclassifed Manufacturers BCD210DC Datasheet HTML 14Page - List of Unclassifed Manufacturers BCD210DC Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
PARANI-BCD210
Page 11 of 25
2. 전기적 특성
2.1 절대적 한계치
Ratings
Min
Max
Unit
Storage Temperature
-40
+85
°C
Operating Temperature
-40
+85
°C
Supply voltage
+3V3
-0.4
3.6
V
Other terminal voltages
GND - 0.4
VCC + 0.4
V
2.2 권장 동작 범위
Ratings
Min
Typ
Max
Unit
Operating Temperature
-40
25
+85
°C
Supply voltage
+3V3
2.7
3.3
3.6
V
UART
3.0
3.3
3.6
V
USB
3.1
3.3
3.6
V
Supply current
+3V3
60
80
100
mA
2.3 전력 소모
Operation Mode
Connection
Type
UART Rate
(Kbps)
Current
(Average)
Unit
Power on (Standby)
-
115.2
1.4
mA
Inpuiry Scan
-
115.2
42
mA
Connected (No data)
Slave
115.2
21
mA
Connected (File transfer)
Slave
115.2
29
mA
Connected (No data)
Master
115.2
5
mA
Connected (File transfer)
Master
115.2
28
mA
Sniff Mode
Master
115.2
1.7
mA


Similar Part No. - BCD210DC

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
BCD210 DBLECTRO-BCD210 Datasheet
375Kb / 2P
   Bluetooth v2.0 EDR specification
More results

Similar Description - BCD210DC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ESD100 ETC-ESD100 Datasheet
921Kb / 2P
   Bluetooth-serial Module
ESD100V2 ETC-ESD100V2 Datasheet
501Kb / 2P
   Bluetooth-serial Module
logo
National Semiconductor ...
LMX9820 NSC-LMX9820 Datasheet
567Kb / 40P
   Bluetooth Serial Port Module
LMX9820A NSC-LMX9820A Datasheet
579Kb / 44P
   Bluetooth Serial Port Module
logo
Texas Instruments
LMX9838SB TI-LMX9838SB Datasheet
1Mb / 38P
[Old version datasheet]   Bluetooth Serial Port Module
logo
List of Unclassifed Man...
ESD1000 ETC2-ESD1000 Datasheet
395Kb / 2P
   OEM Bluetooth-Serial Module
logo
National Semiconductor ...
LMX9838 NSC-LMX9838 Datasheet
1Mb / 26P
   Bluetooth Serial Port Module
logo
List of Unclassifed Man...
HC-05 ETC-HC-05 Datasheet
812Kb / 13P
   Bluetooth to Serial Port Module
06.18.2010
logo
Texas Instruments
LMX9838 TI1-LMX9838 Datasheet
688Kb / 42P
[Old version datasheet]   LMX9838 Bluetooth Serial Port Module
logo
List of Unclassifed Man...
SD200 ETC-SD200 Datasheet
536Kb / 2P
   Bluetooth-serial adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com