Selected language     English  Ôľ╝


H-XM Datasheet(PDF) 4 Page - Microdc power Technology Co., Ltd

Part No. H-XM
Description  1W,Isolated 6000VDC Unregulated Single&Dual Output DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICRODC [Microdc power Technology Co., Ltd]
Homepage  http://www.microdc.cn/
Logo 

   
 4 page
background image
H
H-X
-XM&G
M&G-X
-XM
M S
Series
eries
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 4 of 4
PACKAGE
PACKAGE SPECIFICATIONS
SPECIFICATIONS
MECHANICAL
MECHANICAL DIMENSIONS
DIMENSIONS
SIP
SIP package
package
*Pin not fitted on single output variants.
All dimensions in inches ┬▒0.01(mm┬▒0.25mm).All pins on a 0.1(2.54) pitch and within ┬▒0.01(0.25)of true
position.
Weight: 4.0g
PIN
PIN CONNECTIONS
CONNECTIONS
SINGLE
SINGLE OUTPUT
OUTPUT
DUAL
DUAL OUTPUT
OUTPUT
PIN
PIN CONNECTIONS-7
CONNECTIONS-7 PIN
PIN SIP
SIP
pin
Function
1
1
+VIN
+VIN
2
2
-VIN
-VIN
5
5
-VOUT
-VOUT
7
7
+VOUT
+VOUT
PIN
PIN CONNECTIONS-7
CONNECTIONS-7 PIN
PIN SIP
SIP
pin
Function
1
1
+VIN
+VIN
2
2
-VIN
-VIN
5
5
-VOUT
-VOUT
6
6
0V(COMMON)
0V(COMMON)
7
7
+VOUT
+VOUT
RECOMMENDED
RECOMMENDED FOOTPRINT
FOOTPRINT DETAILS
DETAILS
7 Pin SIP Package
*Hole not required for single output variants.
Unless otherwise stated all dimensions in inches ┬▒0.01(mm ┬▒0.25mm).
TUBE
TUBE OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS
7 Pin SIP Tube
Unless otherwise stated all dimensions in inches ┬▒0.02(mm ┬▒0.5mm).
Tube length(7 Pin SIP):20.669(525mm┬▒2mm).
Tube Quantity:25
Microdc Professional Power Module,Inc.
Tel:0086-20-86000646 E-mail:tech@microdc.cn
Website:http://www.microdc.cn
Microdc Professional Power module,Inc.makes no representation that
the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or
future patent rights. Specifications are subject to change without notice.
2010 Microdc Professional Power Module, Inc. Guangzhou
RoHS COMPLIANT INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature
of 300┬░C for 10 seconds.
The pin termination finish on the SIP package type is Tin Plate, Hot Dipped over Matte Tin
with Nickel Preplate. The DIP types are Matte Tin over Nickel Preplate. Both types in this
series are backward compatible with Sn/Pb soldering systems.
REACH COMPLIANT INFORMATION
This series has proven that this product does not contain harmful chemicals, it also has
harmful chemical substances through the registration, inspection and approval.




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved┬ę Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl