Selected language     English  ▼


H-XS Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part No. H-XS
Description  1W,Isolated 6000VDC Unregulated Single&Dual Output DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICRODC [Microdc power Technology Co., Ltd]
Homepage  http://www.microdc.cn/
Logo 

   
 2 page
background image
H
H-X
-XS&G
S&G-X
-XS
S S
Serie
eriess
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 4
OUTPUT
OUTPUT CHARACTERISTICS
CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated Power1
TA=-40℃~60℃
0.1
1
W
Voltage Set Point
See tolerance envelope
Line regulation
High Vin to low Vin
1.0
1.2
%%
Load regulation
Single outputs
10% load to rated load,xx03
10.0
15.0
%
10% load to rated load,0505
7.0
10.0
10% load to rated load,0509,0512,0515
6.0
10.0
10% load to rated load,12xx
5.0
7.0
Load regulation
Dual outputs
10% load to rated load,5V output types
10.0
15.0
10% load to rated load,9V output types
6.0
10.0
%
10% load to rated load,12V output types
6.0
10.0
10% load to rated load,15V output types
6.0
10.0
Zero Load Power
All types
250
MW
ISOLATION
ISOLATION CHARACTERISTICS
CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation test voltage
Flash tested for 1 second
5200
VDC
Resistance
Viso=500VDC
1
GENERAL
GENERAL CHARACTERISTICS
CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
Single output
45
kHz
Dual output
70
TEMPERATURE
TEMPERATURE CHARACTERISTICS
CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Specification
All output types
-40
60
Storage
-55
130
Case Temperature above
All output types
33
TEMPERATURE
TEMPERATURE DERATING
DERATING GRAPH
GRAPH
TOLERANCE
TOLERANCE ENVELOPE
ENVELOPE
H-XS/G-XS
3.3V in,3V out type only
1.See derating graph.
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.Another 24V& 48V products, please inquire Our technical department!




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl