Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H-XVD Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part # H-XVD
Description  1W,FIXED INPUT,6000V ISOLATED&UNREGULATED SINGLE/DUAL OUTPUT DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

H-XVD Datasheet(HTML) 2 Page - Microdc power Technology Co., Ltd

  H-XVD Datasheet HTML 1Page - Microdc power Technology Co., Ltd H-XVD Datasheet HTML 2Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
H
H-X
-XVD&G
VD&G-X
-XVD
VD S
Series
eries
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 2
OUTPUT
OUTPUT SPECIFICATIONS
SPECIFICATIONS
Item
Test conditions
Min
Typ
Max
Units
Output power
0.1
1
W
Line regulation
For Vin change of 1%
±
1.2
%
Load regulation
10% to 100% load 5V output
10
15
10% to 100% load 9V output
8.3
15
10% to 100% load 12V output
6.8
15
10% to 100% load 15V output
6.3
15
Output voltage accuracy
See tolerance envelope graph
Temperature drift
100% full load
0.03
%/℃
Ripple & Noise*
20MHz Bandwidth
150
200
mVp-p
Switching frequency
Full load
nominal input
5V input
250
KHz
12V input
50
*Test ripple and noise by "parallel cable"method.
See detailed operation instructions at Testing of Power Converter section, application notes.
Note:
Note: Dual
Dual output
output models
models unbalanced
unbalanced load:
load: ±5%.
%.
Recommended testing and application circuit
If
you want
to
further
decrease
the
input/output ripple, an
LC ” filtering network may be connected to
the
input
and
output
ends of the DC/DC converter, see (Figure 1).
It should also be noted that the inductance and the frequency of the
"LC" filtering network should be staggered with the DC/DC frequency to
avoid mutual interference. However, the capacitance of the output
filter capacitor must be proper. If the capacitance is too big, a
startup problem might arise. For every channel of output,
provided the safe and reliable operation is ensured, the greatest
capacitance of its filter capacitor sees (Table 1).
EXTERNAL CAPACITOR TABLE (Table 1)
Vin
(VDC)
Cin
(uF)
Single
Vout
(VDC)
Cout
(uF)
Dual
Vout
(VDC)
Cout
(uF)
5
4.7
5
10
±
5
4.7
12
2.2
9
4.7
±
9
2.2
24
1
12
2.2
±
12
1
-
-
15
1
±
15
1
It not recommend to connect any external capacitor in the
application field with less than 0.5 watt output.
Output Voltage Regulation and Over-voltage Protection Circuit
The simplest device for output voltage regulation, over-voltage and
over-current protection is a linear voltage regulator with overheat
protection that is connected to the input or output end in series (Figure 2).
Dual Output
Overload Protection
Under normal operating conditions, the output circuit of
these products has no protection against overload. The simplest
method is to connect a self-recovery fuse in series at the input
end or add a circuit breaker to the circuit.
No parallel connection or plug and play
Note:
1. All specifications measured at Ta=25, humidity<75%,nominal input
voltage and rated output load unless otherwise specified.
2. Only typical models listed, other models may be different,
please contact our technical person for more details.
3. Operation under minimum load will not damage the
converter; However, they may not meet all specification listed.
TYPICAL
TYPICAL CHARACTERISTICS
CHARACTERISTICS
OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS &
& PIN
PIN CONNECTIONS
CONNECTIONS
Microdc Professional Power Module,Inc.
Tel:0086-20-86000646 E-mail:tech@microdc.cn
Website:http://www.microdc.cn
Microdc Professional Power module,Inc.makes no representation that
the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or
future patent rights. Specifications are subject to change without notice.
2010 Microdc Professional Power Module, Inc. Guangzhou
RoHS COMPLIANT INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature
of 300°C for 10 seconds.
The pin termination finish on the SIP package type is Tin Plate, Hot Dipped over Matte Tin
with Nickel Preplate. The DIP types are Matte Tin over Nickel Preplate. Both types in this
series are backward compatible with Sn/Pb soldering systems.
REACH COMPLIANT INFORMATION
This series has proven that this product does not contain harmful chemicals, it also has
harmful chemical substances through the registration, inspection and approval.


Similar Part No. - H-XVD

ManufacturerPart #DatasheetDescription
logo
Leach International Cor...
H-X0X LEACH-H-X0X Datasheet
802Kb / 5P
   CONTACTOR 60 AMP
logo
Microdc power Technolog...
H-XD-1W MICRODC-H-XD-1W Datasheet
486Kb / 2P
   1W,FIXED INPUT,6000V ISOLATED&UNREGULATED SINGLE/DUAL OUTPUT DC-DC CONVERTER
H-XD-2W MICRODC-H-XD-2W Datasheet
510Kb / 2P
   FIXED INPUT,ISOLATED&UNREGULATED Single?뷗ual Output DC?뷗C Converter
H-XM MICRODC-H-XM Datasheet
603Kb / 4P
   1W,Isolated 6000VDC Unregulated Single&Dual Output DC/DC Converters
H-XPD-2W MICRODC-H-XPD-2W Datasheet
422Kb / 2P
   5.2 KVISOLATED 2WREGULATED SINGLE OUTPUT DIP24 Converters
More results

Similar Description - H-XVD

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
H-XD-1W MICRODC-H-XD-1W Datasheet
486Kb / 2P
   1W,FIXED INPUT,6000V ISOLATED&UNREGULATED SINGLE/DUAL OUTPUT DC-DC CONVERTER
logo
Crystek Corporation
H0505RN-2W CRYSTEKCRYSTAL-H0505RN-2W_12 Datasheet
314Kb / 3P
   2W, FIXED INPUT,6000V ISOLATED & UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
F0505T-1W CRYSTEKCRYSTAL-F0505T-1W_10 Datasheet
327Kb / 3P
   1W, FIXED INPUT, ISOLATED & UNREGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1S7E GAPTEC-1S7E Datasheet
1Mb / 5P
   1W - Dual/Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7E-3UP GAPTEC-1S7E-3UP Datasheet
1Mb / 4P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7B GAPTEC-1S7B Datasheet
2Mb / 4P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7A GAPTEC-1S7A Datasheet
1Mb / 4P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7B-6U GAPTEC-1S7B-6U Datasheet
650Kb / 3P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7B-4UP GAPTEC-1S7B-4UP Datasheet
696Kb / 3P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T10A-3U GAPTEC-1T10A-3U Datasheet
1Mb / 3P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com