Electronic Components Datasheet Search
Selected language     English  ▼


G0515XS Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part No. G0515XS
Description  1W,Isolated 6000VDC Unregulated Single&Dual Output DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICRODC [Microdc power Technology Co., Ltd]
Homepage  http://www.microdc.cn/
Logo 

   
 1 page
background image
H
H-X
-XS&G
S&G-X
-XS
S S
Serie
eriess
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 4
SELECTION
SELECTION GUIDE
GUIDE
Order code
Input
Voltage
(V)
Output
Voltage
(V)
Output
Current
(MA)
Ripple&Noise2
(MA)
Efficiency
(%)
Isolation
Capacitive
(PF)
MTTF1
(KHRS)
G0505XS
5
±5
±100
40
60
3.0
4950
G0509XS
5
±9
±55
30
65
3.0
3832
G0512XS
5
±12
±42
20
65
3.0
2770
G0515XS
5
±15
±33
20
65
3.0
1903
G1205XS
12
±5
±100
40
60
3.0
3688
G1209XS
12
±9
±55
30
65
3.0
3029
G1212XS
12
±12
±42
20
65
3.0
2324
G1215XS
12
±15
±33
20
65
3.0
1682
H0303XS
3.3
3.3
303
70
66
3.0
13780
H0503XS
5
3.3
303
60
64
3.0
13460
H0505XS
5
5
200
50
68
3.0
13360
H0509XS
5
9
111
50
72
3.0
12700
H0512XS
5
12
83
50
71
3.0
11490
H0515XS
5
15
66
50
71
3.0
9980
H1205XS
12
5
200
50
69
3.0
8447
H1209XS
12
9
111
50
73
3.0
8176
H1212XS
12
12
83
50
73
3.0
7660
H1215XS
12
15
66
50
74
3.0
6950
MODEL
MODEL SELECTION
SELECTION
H
H
05
05
05
05
X
X
S
S
Product Series
Input Voltage
Output Voltage
Fixed Input
SIP Package
MICRODC R ESERVES THE COPYRIGHT
1W,Isolated 6000VDC Unregulated Single&Dual Output DC/DC Converters
FEATURES
FEATURES
RoHS compliant
Efficiency up to 80%
Power density up to 0.42W/cm3
Wide temperature performance at full 1 Watt
load,-40°C to 85 °C
Single and dual output
UV 94V-0 package material
No heatsink required
3.3V,5V,12V input
Industry standard pinout
Footprint 1.91cm2
6KVDC isolation
3.3V,5V,9V,12V and 15V output
Internal SMD construction
Fully encapsulated with toroidal Magnetics
No external components required
MTTF up to 13 million hours
No electrolytic or tantalum capacitors
Custom solutions available
APPLICATIONS
APPLICATIONS
The H-XS&G-XS series are dual and single output DC/DC
converters in a 7 pin SIP package style offering pin and
functionality compatibility with the E series SIP DC/DC
converters.
The H-XS&G-XS series is Ul60950 recognized and suitable
for applications where safety and miniaturization are of
paramount
importance.Isolation
barrier
approved
for
supplementary/reinforced insulation.
ABSOLUTE
ABSOLUTE MAXIMUM
MAXIMUM RATINGS
RATINGS
Short-circuit protection3
1 second
Lead temperature 1.5mm from case for 10 seconds
300°C
Input voltage VIN,H/G03 types
5V
Input voltage VIN,H/G05 types
7V
Input voltage VIN,H/G12 types
15V
1.Calculated using MIL-HDBK-217FN2 calculation model with nominal input voltage at full load.
2.See ripple&noise test method.
3.Supply voltage must be disconnected at the end of the short circuit duration.
All specifications typical at TA=25°C,nominal input voltage and rated output current unless otherwise
specified.
INPUT
INPUT CHARACTERISTICS
CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max
Units
Voltage range
Continuous operation,3V input types
2.97
3.3
3.63
V
Continuous operation,5V input types
4.5
5
5.5
Continuous operation,12V input types
10.8
12
13.2




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl