Selected language     English  ▼


G0509XVD Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part No. G0509XVD
Description  1W,FIXED INPUT,6000V ISOLATED&UNREGULATED SINGLE/DUAL OUTPUT DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICRODC [Microdc power Technology Co., Ltd]
Homepage  http://www.microdc.cn/
Logo 

   
 1 page
background image
H
H-X
-XVD&G
VD&G-X
-XVD
VD S
Series
eries
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 2
PRODUCT
PRODUCT PROGRAM
PROGRAM
Order code
Input
Output
Efficiency
(%,Typ)
Switching
Frequency
(KHz,Typ)
Voltage(VDC)
Voltage
(VDC)
Current
Nominal
Range
Max
Min
H0505XVD
5
4.5-5.5
5
200
20
70
UL
H0509XVD
9
111
12
72
UL
H0512XVD
12
84
9
73
UL
H0515XVD
15
67
7
74
UL
G0505XVD
±
5
±
100
±
10
70
UL
G0509XVD
±
9
±
56
±
6
71
UL
G0512XVD
±
12
±
42
±
5
72
UL
G0515XVD
±
15
±
33
±
4
73
UL
H1205XVD
12
10.8-13.2
5
200
20
70
UL
H1209XVD
9
111
12
71
UL
H1212XVD
12
84
9
72
UL
H1215XVD
15
67
7
74
UL
G1205XVD
±
5
±
100
±
10
70
UL
G1209XVD
±
9
±
56
±
6
71
UL
G1212XVD
±
12
±
42
±
5
72
UL
G1215XVD
±
15
±
33
±
4
75
UL
MODEL
MODEL SELECTION
SELECTION
H
H
05
05
05
05
X
X
V
V
D
D
Product Series
Input Voltage
Output Voltage
Fixed Input
Footprint Rank Shape ⑥DIP24 Package
MICRODC R ESERVES THE COPYRIGHT
1W,FIXED INPUT,6000V ISOLATED&UNREGULATED SINGLE/DUAL OUTPUT DC-DC CONVERTER
FEATURES
FEATURES
Small Footprint
DIP24 Package
6KVDC Isolation
Temperature Range: -40℃~+85℃
No Heat Sink Require
No External Component Require
Internal SMD Construction
Industry Standard Pin out
RoHS Compliance
APPLICATIONS
APPLICATIONS
The G-XVD& H-XVD Series are
specially designed for applications where a
group of polar power supplies are isolated
from the input power supply in a distributed
power supply system on a circuit board.
These products apply to:
1) Where the voltage of the input power
supply is fixed (voltage variation ≤10%);
2) Where isolation is necessary between
input and output (isolation voltage
≤6000VDC);
3) Where the regulation of the output
voltage and the output ripple noise are not
demanded.
Such as: purely digital circuits, ordinary low
frequency analog circuits, and IGBT power
device driving circuits.
ISOLATION
ISOLATION
SPECIFICATIONS
SPECIFICATIONS
Item
Test Conditions
Min
Typ
Max
Units
Isolation voltage
Tested for 1 minute and 1mA max
6000
VDC
Isolation resistance
Test at 1000VDC
1000
Isolation capacitance
3.5
pF
COMMON
COMMON SPECIFICATIONS
SPECIFICATIONS
Item
Test Conditions
Min
Typ
Max
Units
Storage humidity range
Operating temperature
-40
95
85
%
Storage temperature
-55
125
Temp. rise at full load
15
30
Lead temperature
1.5mm from case for 10 seconds
300
Short circuit protection*
5V input voltage
1
S
12V input voltage
Continuous
Cooling
Free air convection
Case material
Plastic(UL94-V0)
MTBF
3500
K hours
Weight
8.2
g
* When input voltage (Nominal) is 5V, Supply voltage must be discontinued at the end of short circuit
duration.




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl