Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H1205XM Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # H1205XM
Description  1W,Isolated 6000VDC Unregulated Single&Dual Output DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

H1205XM Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  H1205XM Datasheet HTML 1Page - Microdc power Technology Co., Ltd H1205XM Datasheet HTML 2Page - Microdc power Technology Co., Ltd H1205XM Datasheet HTML 3Page - Microdc power Technology Co., Ltd H1205XM Datasheet HTML 4Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
H
H-X
-XM&G
M&G-X
-XM
M S
Series
eries
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 4
SELECTION
SELECTION GUIDE
GUIDE
Order code
Input
Voltage
(V)
Output
Voltage
(V)
Output
Current
(MA)
Ripple&Noise2
(MA)
Efficiency
(%)
Isolation
Capacitate
(PF)
MTTF1
(KHRS)
G0505XM
5
±5
±100
40
60
3.0
4950
G0509XM
5
±9
±55
30
65
3.0
3832
G0512XM
5
±12
±42
20
65
3.0
2770
G0515XM
5
±15
±33
20
65
3.0
1903
G1205XM
12
±5
±100
40
60
3.0
3688
G1209XM
12
±9
±55
30
65
3.0
3029
G1212XM
12
±12
±42
20
65
3.0
2324
G1215XM
12
±15
±33
20
65
3.0
1682
G2424XM
24
±24
±21
20
64
3.0
1580
H0303XM
3.3
3.3
303
70
66
3.0
13780
H0503XM
5
3.3
303
60
64
3.0
13460
H0505XM
5
5
200
50
68
3.0
13360
H0509XM
5
9
111
50
72
3.0
12700
H0512XM
5
12
83
50
71
3.0
11490
H0515XM
5
15
66
50
71
3.0
9980
H1205XM
12
5
200
50
69
3.0
8447
H1209XM
12
9
111
50
73
3.0
8176
H1212XM
12
12
83
50
73
3.0
7660
H1215XM
12
15
66
50
74
3.0
6950
H2424XM
24
24
42
50
74
3.0
6840
MODEL
MODEL SELECTION
SELECTION
H
H
05
05
05
05
X
X
M
M
Product Series
Input Voltage
Output Voltage
Fixed Input
Mini SIP7 Package
MICRODC R ESERVES THE COPYRIGHT
1W,Isolated 6000VDC Unregulated Single&Dual Output DC/DC Converters
FEATURES
FEATURES
RoHS compliant
Efficiency up to 80%
Power density up to 0.42W/cm3
Wide temperature performance at full 1 Watt
load,-40℃~85℃
Single and dual output
UV 94V-0 package material
No heat sink required
3.3V,5V,12V,24V input
Industry standard pin out
Footprint 1.91cm2
6KVDC isolation
3.3V,5V,9V,12V and 15V output
Single-in-Line Package (SIP7)
Low coupling capacity
No external components required
MTTF up to 1.3 million hours
Physical Clearance of Isolation Barrier 2.5 mm min.
Custom solutions available
APPLICATIONS
APPLICATIONS
The H-XM&G-XM series are dual and single output DC/DC
converters in a 7 pin SIP package style offering pin and
functionality compatibility with the E series SIP DC/DC
converters.
The H_XM&G_XM series is Ul60950 recognized and suitable for
applications where safety and miniaturization are of paramount
importance.Isolation
barrier
approved
for
supplementary/reinforced insulation.
INPUT
INPUT CHARACTERISTICS
CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max
Units
Voltage range
Continuous operation,3V input types
2.97
3.3
3.63
V
Continuous operation,5V input types
4.5
5
5.5
V
Continuous operation,12V input types
10.8
12
13.2
V
Continuous operation,24V input types
21.6
24
26.4
V
Input current no load
5 Vin models
55
mA
12 Vin models
30
mA
Input current full load
5 Vin models
300
mA
12 Vin models
125
mA
Reverse voltage protection
0.3
A
Input filter
Internal capacitor
ABSOLUTE
ABSOLUTE MAXIMUM
MAXIMUM RATINGS
RATINGS
Short-circuit protection3
1 second
Lead temperature 1.5mm from case for 10 seconds
300℃
Input voltage VIN,H/G03 types
5V
Input voltage VIN,H/G05 types
7V
Input voltage VIN,H/G12 types
15V
Ripple and noise (20 MHz Bandwidth)
120 mV pk-pk typ.
Voltage set accuracy
±
3 %
Voltage balance (dual output models)
±
1 % max.
Temperature coefficient
±
0.02 % / K
Frequency change over line and load
±
30 % max.
Humidity (non condensing)
95 % rel H max.
Derating above 85℃
5 % / K
1.Calculated using MIL-HDBK-217FN2 calculation model with nominal input voltage at full load.
2.See ripple & noise test method.
3.Supply voltage must be disconnected at the end of the short circuit duration.
All specifications typical at TA=25°C,nominal input voltage and rated output current unless otherwise specified.


Similar Part No. - H1205XM

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
H1205XD-1W MICRODC-H1205XD-1W Datasheet
486Kb / 2P
   1W,FIXED INPUT,6000V ISOLATED&UNREGULATED SINGLE/DUAL OUTPUT DC-DC CONVERTER
H1205XD-2W MICRODC-H1205XD-2W Datasheet
510Kb / 2P
   FIXED INPUT,ISOLATED&UNREGULATED Single?뷗ual Output DC?뷗C Converter
H1205XES MICRODC-H1205XES Datasheet
283Kb / 3P
   Isolated 2W Single Output DC/DC Converters
H1205XS MICRODC-H1205XS Datasheet
605Kb / 4P
   1W,Isolated 6000VDC Unregulated Single&Dual Output DC/DC Converters
H1205XS-1W MICRODC-H1205XS-1W Datasheet
857Kb / 4P
   Isolated 1W Single&Dual Output DC/DC Converters
More results

Similar Description - H1205XM

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
H-XS MICRODC-H-XS Datasheet
605Kb / 4P
   1W,Isolated 6000VDC Unregulated Single&Dual Output DC/DC Converters
logo
RSG Electronic Componen...
DS3-XX3.3D RSG-DS3-XX3.3D Datasheet
60Kb / 1P
   Dual output unregulated DC/DC converters 1W
DS3-XX3.3 RSG-DS3-XX3.3 Datasheet
59Kb / 1P
   Single output unregulated DC/DC converters 1W
logo
Microdc power Technolog...
B-XS-1WP MICRODC-B-XS-1WP Datasheet
1Mb / 5P
   1W,Fixed Input ,Isolated & Unregulated Single Output DC/DC Converters
E-XSD MICRODC-E-XSD Datasheet
657Kb / 4P
   Isolated 1W Dual Single Output DC/DC Converters
H-XS-1W MICRODC-H-XS-1W Datasheet
857Kb / 4P
   Isolated 1W Single&Dual Output DC/DC Converters
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP01B TI-DCP01B Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010507DBP-UE4 TI1-DCP010507DBP-UE4 Datasheet
626Kb / 22P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com