Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP404 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TLP404
Description  4 outlets, 4-ft cord, 450 joules Protect It! Surge Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TLP404 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TLP404 Datasheet HTML 1Page - List of Unclassifed Manufacturers TLP404 Datasheet HTML 2Page - List of Unclassifed Manufacturers TLP404 Datasheet HTML 3Page - List of Unclassifed Manufacturers TLP404 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Network (Ethernet) Protection
No
PHYSICAL
Shipping Dimensions (HWD/in)
7.72 x 3.74 x 1.02
Shipping Dimensions (HWD/cm)
19.6 x 9.5 x 2.6
Shipping weight (lbs)
1.2
Shipping weight (kg)
.45
Unit Dimensions (HWD/in)
1.2 x 1.85 x 8.1
Unit Dimensions (HWD/cm)
3 x 4.7 x 20.6
Unit weight (lbs)
1
Unit weight (kg)
.45
Material of construction
Plastic
Integrated keyhole mounting tabs
Keyhole mounting tabs enable wall mounting
Housing Color
Light Gray
Receptacle Color
Light Gray
AC line cord color
Light Gray
Style
Strip
Outlets center to center
measurement
28.6mm
Keyhole slot center to center
measurement
Distance between slots = 57.5mm; Distance between slot height = 26mm
CERTIFICATIONS
UL1449 3rd Edition (AC
Suppression)
UL1449 3rd Edition
UL1363 (Power Tap)
UL1363
cUL / CSA (Canada)
cUL
Approvals
Exceeds IEEE 587 category A&B specifications
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
Connected Equipment Insurance
(U.S., Canada & Puerto Rico)
$1,000 Ultimate Lifetime Insurance
© 2014 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
3 / 3


Similar Part No. - TLP404

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP4006G TOSHIBA-TLP4006G Datasheet
377Kb / 8P
   TOSHIBA Photocoupler Photorelay
2019-06-24
TLP4007G TOSHIBA-TLP4007G Datasheet
156Kb / 7P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4007G TOSHIBA-TLP4007G Datasheet
174Kb / 7P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4007G TOSHIBA-TLP4007G_07 Datasheet
174Kb / 7P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4026G TOSHIBA-TLP4026G Datasheet
399Kb / 8P
   TOSHIBA Photocoupler Photorelay
2019-06-24
More results

Similar Description - TLP404

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLP602 ETC2-TLP602 Datasheet
480Kb / 4P
   6-outlet 2-ft cord 180 joules Protect It! Surge Suppressor
TLP604TEL ETC2-TLP604TEL Datasheet
505Kb / 5P
   6-outlets, 4-ft cord, 790 joule strip, RJ11 protection - Protect It! Surge Suppressor
TLP604 ETC2-TLP604 Datasheet
496Kb / 4P
   6 outlet, 4-ft cord, 790 joule strip - Protect It! Surge Suppressor
TLP707TEL ETC2-TLP707TEL Datasheet
499Kb / 5P
   7 outlet, 7-ft cord, 1080 joules, tel/modem protection - Protect It! Surge Suppressor
SUPER7TEL ETC2-SUPER7TEL Datasheet
502Kb / 5P
   7-outlet, 7-ft cord, 2520 joules, Modem/Fax Protection Protect It! Surge Suppressor
ISOTEL ETC2-ISOTEL Datasheet
500Kb / 5P
   4 outlet, 6-ft cord, 3330 joules Isobar Surge Suppressor
TLP608 ETC2-TLP608 Datasheet
481Kb / 4P
   6-outlets, 8-ft cord, 990 joule strip, Flat Plug - Protect It! Surge Suppressor
logo
Tripp Lite. All Rights ...
TLP66NET TRIPPLITE-TLP66NET Datasheet
129Kb / 3P
   6-outlet, 6ft cord, 1080 joules, RJ45 protection - Protect It! Surge Suppressor
logo
List of Unclassifed Man...
TLP810SAT ETC2-TLP810SAT Datasheet
518Kb / 5P
   8 outlet, 10-ft cord, 3240 joules, Coax/Modem/Fax protection - Protect It! Surge Suppressor
TLP810NET ETC2-TLP810NET Datasheet
514Kb / 5P
   8-outlet, 10-ft cord, 3240 joules, Tel/Modem, Ethernet, Coaxial protection - Protect It! Surge Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com