Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP404 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TLP404
Description  4 outlets, 4-ft cord, 450 joules Protect It! Surge Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TLP404 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TLP404 Datasheet HTML 1Page - List of Unclassifed Manufacturers TLP404 Datasheet HTML 2Page - List of Unclassifed Manufacturers TLP404 Datasheet HTML 3Page - List of Unclassifed Manufacturers TLP404 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
4 outlets, 4-ft cord, 450 joules Protect It! Surge
Suppressor
MODEL NUMBER: TLP404
Description
Tripp Lite's TLP404 offers economical AC surge suppression for protection of workstations, desktop PCs, telecom systems and other sensitive electronics.
Built-in AC surge suppression shields connected equipment from damage and performance problems due to transient surges. TLP404 offers 4 total outlets, 4
foot cord and diagnostic LED to warn of suppressor damage. AC suppression rated at 450 joules shields equipment from surges and line noise. Attractive
white suppressor housing with keyhole mounting tabs and 1 designated transformer plug outlet offers convenient protection of desktop computer equipment
and accessories. $1,000 Ultimate Lifetime Insurance (USA & Canada Only).
PLUG/OUTLETS: Input: NEMA5-15P/Output: 4 NEMA5-15R/4-ft. AC line cord
ELECTRICAL: 120V AC, 50/60Hz, 15A (Requires NEMA5-15R wall receptacle)
FORMAT: Corded multi-outlet strip with 1 transformer spaced outlet
SUPPRESSION: AC: 150V RMS Clamping/450 joules/500V UL1449 3rd Edition
Features
4 outlets
4-ft. cord
Surge suppression rating: 450 joules
EMI/RFI noise filtering
15 amp resettable circuit breaker
Diagnostic LED confirms surge protection status
Includes full normal mode (H-N) and common mode (N-G/H-G) line surge suppression
Can accommodate 1 large transformer plug without covering remaining outlets, 2 total transformers
Keyhole supports for wall mounting
Lighted power switch
$1,000 Ultimate Lifetime Insurance (USA and Canada Only)
Specifications
Highlights
4 outlets / 4-ft. cord
450 joule rating
$1000 Ultimate Lifetime
Insurance (USA, Puerto Rico &
Canada only)
Applications
Ideal for any desktop, network or
home computing application
requiring AC line protection
Package Includes
TLP404 surge suppressor
Instruction manual with warranty
information
1 / 3


Similar Part No. - TLP404

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP4006G TOSHIBA-TLP4006G Datasheet
377Kb / 8P
   TOSHIBA Photocoupler Photorelay
2019-06-24
TLP4007G TOSHIBA-TLP4007G Datasheet
156Kb / 7P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4007G TOSHIBA-TLP4007G Datasheet
174Kb / 7P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4007G TOSHIBA-TLP4007G_07 Datasheet
174Kb / 7P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4026G TOSHIBA-TLP4026G Datasheet
399Kb / 8P
   TOSHIBA Photocoupler Photorelay
2019-06-24
More results

Similar Description - TLP404

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLP602 ETC2-TLP602 Datasheet
480Kb / 4P
   6-outlet 2-ft cord 180 joules Protect It! Surge Suppressor
TLP604TEL ETC2-TLP604TEL Datasheet
505Kb / 5P
   6-outlets, 4-ft cord, 790 joule strip, RJ11 protection - Protect It! Surge Suppressor
TLP604 ETC2-TLP604 Datasheet
496Kb / 4P
   6 outlet, 4-ft cord, 790 joule strip - Protect It! Surge Suppressor
TLP707TEL ETC2-TLP707TEL Datasheet
499Kb / 5P
   7 outlet, 7-ft cord, 1080 joules, tel/modem protection - Protect It! Surge Suppressor
SUPER7TEL ETC2-SUPER7TEL Datasheet
502Kb / 5P
   7-outlet, 7-ft cord, 2520 joules, Modem/Fax Protection Protect It! Surge Suppressor
ISOTEL ETC2-ISOTEL Datasheet
500Kb / 5P
   4 outlet, 6-ft cord, 3330 joules Isobar Surge Suppressor
TLP608 ETC2-TLP608 Datasheet
481Kb / 4P
   6-outlets, 8-ft cord, 990 joule strip, Flat Plug - Protect It! Surge Suppressor
logo
Tripp Lite. All Rights ...
TLP66NET TRIPPLITE-TLP66NET Datasheet
129Kb / 3P
   6-outlet, 6ft cord, 1080 joules, RJ45 protection - Protect It! Surge Suppressor
logo
List of Unclassifed Man...
TLP810SAT ETC2-TLP810SAT Datasheet
518Kb / 5P
   8 outlet, 10-ft cord, 3240 joules, Coax/Modem/Fax protection - Protect It! Surge Suppressor
TLP810NET ETC2-TLP810NET Datasheet
514Kb / 5P
   8-outlet, 10-ft cord, 3240 joules, Tel/Modem, Ethernet, Coaxial protection - Protect It! Surge Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com