Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1924A Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # R1924A
Description  PHOTOMULTIPLIER TUBE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R1924A Datasheet(HTML) 2 Page - Hamamatsu Corporation

  R1924A Datasheet HTML 1Page - Hamamatsu Corporation R1924A Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PHOTOMULTIPLIER TUBE R1924A
TPMH1280E01
MAR. 2003 IP
HAMAMATSU PHOTONICS K.K., Electron Tube Center
314-5, Shimokanzo, Toyooka-village, Iwata-gun, Shizuoka-ken, 438-0193, Japan, Telephone: (81)539/62-5248, Fax: (81)539/62-2205
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P. O. Box 6910, Bridgewater. N.J. 08807-0910, U.S.A., Telephone: (1)908-231-0960, Fax: (1)908-231-1218 E-mail: usa@hamamatsu.com
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49)8152-375-0, Fax: (49)8152-2658 E-mail: info@hamamatsu.de
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: (33)1 69 53 71 00, Fax: (33)1 69 53 71 10 E-mail: infos@hamamatsu.fr
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road Welwyn Garden City Hertfordshire AL7 1BW, United Kingdom, Telephone: 44-(0)1707-294888, Fax: 44(0)1707-325777 E-mail: info@hamamatsu.co.uk
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171-41 SOLNA, Sweden, Telephone: (46)8-509-031-00, Fax: (46)8-509-031-01 E-mail: info@hamamatsu.se
Italy: Hamamatsu Photonics Italia: S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39)02-935 81 733, Fax: (39)02-935 81 741 E-mail: info@hamamatsu.it
WEB SITE http://www.hamamatsu.com
Figure 1: Typical Spectral Response
TPMHB0204EA
Figure 2: Typical Gain and Dark Current Characteristics
TPMHB0551EB
Figure 3: Dimensional Outline and Basing Diagram (Unit: mm)
TPMHA0040EC
TACCA0004EA
Socket E678-14C
(Supplied)
200
800
600
400
0.01
0.1
1
10
100
WAVELENGTH (nm)
CATHODE
RADIANT
SENSITIVITY
QUANTUM
EFFICIENCY
26
35
44
25
2- 3.5
1
2
3
4
5
6
7
8
9
10
11
12
13
14
K
DY1
DY6
DY5
DY7
DY9
PIC
IC
DY10
DY8
DY3
DY4
DY2
SHORT PIN
25.4
± 0.5
22 MIN.
FACEPLATE
PHOTOCATHODE
14 PIN
GLASS BASE
500
600
700
800
1000
1200
1400
10-10
10-8
10-7
10-6
10-11
SUPPLY VOLTAGE (V)
10-9
103
105
106
107
102
104
GAIN
ANODE
D
ARK
CU
RRE
N
T


Similar Part No. - R1924A

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R1924A HAMAMATSU-R1924A_15 Datasheet
50Kb / 2P
   PHOTOMULTIPLIER TUBE
More results

Similar Description - R1924A

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R1477-06 HAMAMATSU-R1477-06 Datasheet
76Kb / 4P
   PHOTOMULTIPLIER TUBE
R374 HAMAMATSU-R374 Datasheet
28Kb / 2P
   PHOTOMULTIPLIER TUBE
R943-02 HAMAMATSU-R943-02 Datasheet
167Kb / 4P
   PHOTOMULTIPLIER TUBE
R1250 HAMAMATSU-R1250 Datasheet
23Kb / 2P
   PHOTOMULTIPLIER TUBE
R1893 HAMAMATSU-R1893 Datasheet
33Kb / 2P
   PHOTOMULTIPLIER TUBE
R1464 HAMAMATSU-R1464 Datasheet
40Kb / 4P
   PHOTOMULTIPLIER TUBE
R2078 HAMAMATSU-R2078_07 Datasheet
96Kb / 2P
   PHOTOMULTIPLIER TUBE
R9182-01 HAMAMATSU-R9182-01 Datasheet
217Kb / 2P
   PHOTOMULTIPLIER TUBE
R4124 HAMAMATSU-R4124_15 Datasheet
40Kb / 2P
   PHOTOMULTIPLIER TUBE
R3998-02 HAMAMATSU-R3998-02_15 Datasheet
50Kb / 2P
   PHOTOMULTIPLIER TUBE
R3896 HAMAMATSU-R3896_15 Datasheet
215Kb / 4P
   PHOTOMULTIPLIER TUBE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com