Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QA2415XS Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part # QA2415XS
Description  0.25W, FIXED INPUT, ISOLATED&UNREGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

QA2415XS Datasheet(HTML) 2 Page - Microdc power Technology Co., Ltd

  QA2415XS Datasheet HTML 1Page - Microdc power Technology Co., Ltd QA2415XS Datasheet HTML 2Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Q
QA-XS&
A-XS&Q
QB-XLS
B-XLS
Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 2
APPLICATION
APPLICATION NOTE
NOTE
Requirement on output load
To ensure this module can operate efficiently and
reliably, During operation, the minimum output load
is not less than 10% of the full load, and that this
product should never be operated under no load! If
the actual output power is very small, please connect
a resistor with proper resistance at the output end in
parallel to increase the load.
Overload Protection
Under normal operating conditions, the output
circuit of these products has no protection against
overload. The simplest method is to connect a
self-recovery fuse in series at the input end or add a
circuit breaker to the circuit.
Recommended circuit
If you want to further decrease the input/output
ripple, an "LC" filtering network may be connected to
the input and output ends of the DC/DC converter,
see (Figure 1).
it should also be noted that the inductance and the
frequency of the "LC" filtering network should be
staggered with the DC/DC frequency to avoid mutual
interference. However, the capacitance of the output
filter capacitor must be proper. If the capacitance is
too big, a startup problem might arise. It's not
recommended to connect any external capacitor in
the application field.
Output Voltage Regulation and
Over-voltage
Protection Circuit
The simplest device for output voltage regulation,
over-voltage and over-current protection is a linear
voltage regulator with overheat protection that is
connected to the input or output end in series (Figure
2).
No parallel connection or plug and play.
ISOLATION
ISOLATION SPECIFICATIONS
SPECIFICATIONS
Item
Test conditions
Min
Typ
Max
Units
Isolation voltage
Tested for 1 minute and 1 mA max
1000
VDC
Isolation resistance
Test at 500VDC
1000
OUTPUT
OUTPUT SPECIFICATIONS
SPECIFICATIONS
Item
Test conditions
Min
Typ
Max
Units
Output power
0.25
W
Line regulation
For Vin change
of ±1%
(3.3V input)
±
1.5
%
(Others input)
±
1.2
Load regulation
10% to 100%
load
(3.3V output)
12
20
(5V output)
10.5
15
(9V output)
8.3
15
(12V output)
6.8
15
(15V output)
6.3
15
Output voltage
accuracy
See tolerance envelope graph
Temperature drift
100% full load
0.03
%/℃
Ripple & Noise*
20MHz Bandwidth
50
75
mVp-p
Switching frequency
Full load, nominal input
100
KHz
*Test ripple and noise by "parallel cable" method. See detailed operation instructions at Testing .
Note:
1. All specifications measured at T A =25℃, humidity<75%, nominal input voltage and rated output load unless otherwise
specified.
2. See below recommended circuits for more details.
3. Dual output models unbalanced load: ±5%.
TYPICAL
TYPICAL CHARACTERISTICS
CHARACTERISTICS
OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS &
& PIN
PIN CONNECTIONS
CONNECTIONS


Similar Part No. - QA2415XS

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
QA2415XT MICRODC-QA2415XT Datasheet
559Kb / 3P
   0.25W, Fixed Input, Isolated Dual/Single Output SMD DC-DC CONVERTER
More results

Similar Description - QA2415XS

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
A-XS-W25 MICRODC-A-XS-W25 Datasheet
673Kb / 2P
   0.25W, FIXED INPUT, ISOLATED&UNREGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
QD8E-3U GAPTEC-QD8E-3U Datasheet
835Kb / 5P
   0.25W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
logo
Microdc power Technolog...
QF-XMS MICRODC-QF-XMS Datasheet
422Kb / 3P
   0.25W, FIXED INPUT, ISOLATED UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
QT8E-3UP GAPTEC-QT8E-3UP Datasheet
1Mb / 4P
   0.25W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
QD8E GAPTEC-QD8E Datasheet
835Kb / 5P
   0.25W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
QS4A GAPTEC-QS4A Datasheet
989Kb / 3P
   0.25W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
QS7B GAPTEC-QS7B Datasheet
758Kb / 3P
   0.25W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
QT8A GAPTEC-QT8A Datasheet
1Mb / 4P
   0.25W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
QT8A-3UP GAPTEC-QT8A-3UP Datasheet
1Mb / 4P
   0.25W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
QT8E GAPTEC-QT8E Datasheet
657Kb / 3P
   0.25W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com