Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT1010SAT3 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HT1010SAT3
Description  10 outlet, 10ft cord, 3345 joule rating, 3-line coaxial and 1-line tel/modem/ethernet protection - Home/Business Theater Surge Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT1010SAT3 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HT1010SAT3 Datasheet HTML 1Page - List of Unclassifed Manufacturers HT1010SAT3 Datasheet HTML 2Page - List of Unclassifed Manufacturers HT1010SAT3 Datasheet HTML 3Page - List of Unclassifed Manufacturers HT1010SAT3 Datasheet HTML 4Page - List of Unclassifed Manufacturers HT1010SAT3 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2 diagnostic LEDs alert user to protection and grounding status
Keyhole slots provide convenient wall or cabinet mounting
Master switch provides one-touch power control over all components. Circuit breaker protects against dangerous system overload
High-impact plastic housing (black) stands up to the most demanding environments
UL and cUL listed
Lifetime product warranty
Specifications
OVERVIEW
Intended Application
Audio/Video
OUTPUT
Frequency compatibility
50 / 60 Hz
Output watts
1800
Circuit Breaker (amps)
15
Outlet quantity / type
10 NEMA 5-15R
Transformer accommodation
Accommodates 5 transformers
INPUT
Recommended Electrical Service
120V (110-125V)
Input connection type
NEMA 5-15P
Input plug features
Space-saving right-angle input plug
Input cord length (ft.)
10
Input cord length (m)
3
Input cord gauge, type
14 gauge, SJT
Voltage compatibility (VAC)
120
LEDS ALARMS & SWITCHES
Switches
Combination AC circuit breaker and 2-position on/off power switch
Diagnostic LEDs
Built-in LEDs confirm protection and grounding status
SURGE / NOISE SUPPRESSION
AC suppression joule rating
3345
AC suppression response time
< 1 ns
Protection modes
Includes full normal mode (H-N) and common mode (N-G / H-G) line surge suppression
Clamping voltage (RMS)
150
2 / 4


Similar Part No. - HT1010SAT3

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1015 HOLTEK-HT1015 Datasheet
607Kb / 14P
   Voltage Regulator
HT1015-1 HOLTEK-HT1015-1 Datasheet
169Kb / 12P
   1.5V Low Power LDO
HT1015-1 HOLTEK-HT1015-1_16 Datasheet
167Kb / 9P
   1.5V Low Power LDO
HT1016 HOLTEK-HT1016 Datasheet
607Kb / 14P
   Voltage Regulator
logo
Cornell Dubilier Electr...
HT101K CDE-HT101K Datasheet
201Kb / 2P
   Ceramic Capacitors
More results

Similar Description - HT1010SAT3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLP810NET ETC2-TLP810NET Datasheet
514Kb / 5P
   8-outlet, 10-ft cord, 3240 joules, Tel/Modem, Ethernet, Coaxial protection - Protect It! Surge Suppressor
TLP606RNET ETC2-TLP606RNET Datasheet
550Kb / 4P
   6 Outlets, 6ft cord, 1440 Joules, 1-line rotating gold coaxial 1-line tel/modem protection - Surge Suppressor
ISOBAR6DBS ETC2-ISOBAR6DBS Datasheet
505Kb / 5P
   6 outlet, 6ft cord, 2850 joules, 2-line coaxial, 1-line tel/modem, All-metal housing Isobar Surge
ISOTEL6ULTRA ETC2-ISOTEL6ULTRA Datasheet
505Kb / 5P
   6-Outlet Isobar Surge Protector with 6-ft Cord and 2-Line Tel/Modem Protection
TLP1210SATG ETC2-TLP1210SATG Datasheet
528Kb / 5P
   12 outlet, 10-ft cord, 3600 joules, 2-line coax, 1-line RJ11/RJ45 combo protection Eco Home/Business
TLP707TEL ETC2-TLP707TEL Datasheet
499Kb / 5P
   7 outlet, 7-ft cord, 1080 joules, tel/modem protection - Protect It! Surge Suppressor
TLP808TELTV ETC2-TLP808TELTV Datasheet
514Kb / 5P
   8-outlet, 8-ft cord, 2160 joule, RJ11 and coaxial protection - Protect It! Surge Suppressor
TLP808NETG ETC2-TLP808NETG Datasheet
534Kb / 5P
   8 outlet, 8-ft cord, 2160 joules, 1-line tel/network protection Eco Energy-Saving Surge Suppressor
TRAVELERC8 ETC2-TRAVELERC8 Datasheet
517Kb / 4P
   2 (C8) 2-prong connectors, in-line surge with Tel/Modem/Ethernet Protection - Protect It! Surge Suppressor
TRAVELERC6 ETC2-TRAVELERC6 Datasheet
503Kb / 4P
   2 (C6) 3-prong connectors, in-line surge suppressor with 1 in/1 out tel/modem/ethernet combo
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com