Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IB8RM Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # IB8RM
Description  8 outlet, 12ft cord, 3840 Joules, Remote on/off switch, All-metal housing - Isobar Surge Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IB8RM Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  IB8RM Datasheet HTML 1Page - List of Unclassifed Manufacturers IB8RM Datasheet HTML 2Page - List of Unclassifed Manufacturers IB8RM Datasheet HTML 3Page - List of Unclassifed Manufacturers IB8RM Datasheet HTML 4Page - List of Unclassifed Manufacturers IB8RM Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
cUL / CSA (Canada)
Approved for Canada by ETL
Approvals
Exceeds IEEE 587 category A&B specifications
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
Connected Equipment Insurance
(U.S., Canada & Puerto Rico)
$50,000 Ultimate Lifetime Insurance
© 2014 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
4 / 4


Similar Part No. - IB8RM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IB815 ETC2-IB815 Datasheet
1Mb / 1P
   Intel짰 Atom??D525 5.25" Disk-Size SBC w/ Intel짰 ICH8M Chipset
IB827 ETC2-IB827 Datasheet
1Mb / 1P
   6x SATA II, 2x COM, 6x USB 2.0, Watchdog timer
IB883 ETC2-IB883 Datasheet
1Mb / 1P
   3.5" Disk-Size SBC
IB884T ETC2-IB884T Datasheet
941Kb / 1P
   Supports CRT and LVDS (24-bit single channel)
IB884T-11 ETC2-IB884T-11 Datasheet
941Kb / 1P
   Supports CRT and LVDS (24-bit single channel)
More results

Similar Description - IB8RM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IBAR12 ETC2-IBAR12 Datasheet
486Kb / 5P
   12 outlet, 15-ft cord, 3840 joules, All metal housing Rackmount Isobar Surge Suppressor
IBAR12-20ULTRA ETC2-IBAR12-20ULTRA Datasheet
485Kb / 5P
   12 outlet, 15-ft cord, 3840 joules, Rackmount Isobar Surge Suppressor
logo
Tripp Lite. All Rights ...
ISOBAR12 TRIPPLITE-ISOBAR12 Datasheet
480Kb / 3P
   12 outlet, 15-ft cord, 3840 joules, Rackmount Isobar Surge Suppressor
logo
List of Unclassifed Man...
ISOTEL4ULTRA ETC2-ISOTEL4ULTRA Datasheet
506Kb / 5P
   4-outlet, 6-ft cord, 3330 joules, Modem/fax protection, All metal housing Isobar Surge Suppressor
ULTRAFAX ETC2-ULTRAFAX Datasheet
532Kb / 5P
   2 outlet, Direct plug-in, 1410 joules, All-Metal Housing Isobar Surge Suppressor
ISOTEL8ULTRA ETC2-ISOTEL8ULTRA Datasheet
500Kb / 5P
   8-outlets, 12-ft cord, 3840 joule, RJ11 protection, All metal housing Isobar Surge Suppressor
logo
Tripp Lite. All Rights ...
ISOBAR8ULTRA TRIPPLITE-ISOBAR8ULTRA Datasheet
177Kb / 4P
   Isobar 8-Outlet Surge Protector, 12 ft. Cord with Right-Angle Plug, 3840 Joules, Diagnostic LEDs, Metal Housing
logo
List of Unclassifed Man...
ISOBAR4ULTRA ETC2-ISOBAR4ULTRA Datasheet
496Kb / 5P
   4 outlets, 6ft cord, 3330 joules, All-metal housing with LEDs - Isobar Surge Suppressor
ISOTEL ETC2-ISOTEL Datasheet
500Kb / 5P
   4 outlet, 6-ft cord, 3330 joules Isobar Surge Suppressor
logo
Tripp Lite. All Rights ...
IBR12 TRIPPLITE-IBR12 Datasheet
164Kb / 4P
   Isobar 12-Outlet Network Server Surge Protector, 15 ft. Cord, 3840 Joules, Diagnostic LEDs, 1U Rack-Mount, Metal Housing
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com