Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISOTEL8ULTRA Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ISOTEL8ULTRA
Description  8-outlets, 12-ft cord, 3840 joule, RJ11 protection, All metal housing Isobar Surge Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ISOTEL8ULTRA Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ISOTEL8ULTRA Datasheet HTML 1Page - List of Unclassifed Manufacturers ISOTEL8ULTRA Datasheet HTML 2Page - List of Unclassifed Manufacturers ISOTEL8ULTRA Datasheet HTML 3Page - List of Unclassifed Manufacturers ISOTEL8ULTRA Datasheet HTML 4Page - List of Unclassifed Manufacturers ISOTEL8ULTRA Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
8-outlets, 12-ft cord, 3840 joule, RJ11 protection, All
metal housing Isobar Surge Suppressor
MODEL NUMBER: ISOTEL8ULTRA
Description
For more than 20 years, America's leading companies have trusted Tripp Lite's Isobar Premium surge and noise
suppressors to protect sensitive computer, networking and telecom equipment. With more than 18 million
satisfied customers, the Isobar remains the world's #1 selling premium surge suppressor. Loaded with a
generous combination of high quality components, near indestructible all-metal case, unique noise filtration
system and built-in single line phone suppression for modems, the Isobar/Isotel series offers the highest level of
protection attainable in a multi-outlet strip. Robust surge suppression circuits with sine-wave tracking offer
extreme levels of protection against the heaviest surge conditions exceeding IEEE 587 category A & B
specifications and reducing 6,000V test surges to harmless levels under 35 volts. Isobar's unique protection
system combines large toroidal chokes, ferrite rod-core inductors, HF/VHF capacitors and multiple layers of
metal oxide varistors into exclusive isolated filter banks that remove EMI/RFI interference, even noise generated
by other pieces of connected equipment. ISOTEL8ULTRA offers 8 outlets arranged in four filter banks to prevent
system crashes, reboots and performance problems common as noisy system peripherals are powered off and on. Surge suppression rated at 3840
joules/92,000 amps offers network-grade protection. Widely spaced NEMA 5-15 outlets accommodate up to 4 large transformer plugs without blocking outlets.
Pair of RJ11 jacks offer single phone line surge suppression for modems, fax machines and cordless phones. Diagnostic LEDs confirm power availability, line
fault and protection status. Includes 12 foot AC line cord with space-saving angled input plug, keyhole mounting tabs and a set of 4 child safety covers.
PLUG/OUTLETS: Input: NEMA 5-15P/Output: 8 NEMA5-15R/12-ft. AC line cord
ELECTRICAL: 120V AC, 50/60Hz (Requires NEMA 5-15R wall receptacle)
SUPPRESSION: AC: 140V RMS Clamping/3840 joules/92,000 amps PHONE: Single line protection starts at 260V
Features
Tripp Lite's ISOBAR/ISOTEL is the world's #1 selling premium suppressor series with more than 18 million satisfied customers and a safety-tested history
of 20+ years
Robust surge suppression with sine-wave tracking protects against the heaviest of surge conditions, exceeding IEEE category A&B specifications and
reducing 6,000V test surges to harmless levels less than 35 volts
Multi-component suppression circuits combine toroidal chokes, ferrite rod-core inductors, HF/VHF capacitors and multiple layers of metal oxide varistors
Highlights
8 outlets / 12-ft. cord
3840 joule rating
All metal housing with LEDs
Isolated filter banks
Modem/fax surge protection
$50,000 Ultimate Lifetime
Insurance (USA, Puerto Rico &
Canada only)
Applications
Ideal for premium AC and phone
line protection for personal
computers with peripherals,
network and CAD/CAM/CAE
workstations, internetworking
accessories, telecommunications
systems, point of sale
equipment, audio/video and
home theater systems in any
home, office or industrial
application.
Package Includes
ISOTEL8ULTRA Surge
Suppressor
RJ11 telephone cable
Set of 4 outlet safety covers
Instruction manual with warranty
information
1 / 4


Similar Part No. - ISOTEL8ULTRA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISOTEL ETC2-ISOTEL Datasheet
500Kb / 5P
   4 outlet, 6-ft cord, 3330 joules Isobar Surge Suppressor
ISOTEL4ULTRA ETC2-ISOTEL4ULTRA Datasheet
506Kb / 5P
   4-outlet, 6-ft cord, 3330 joules, Modem/fax protection, All metal housing Isobar Surge Suppressor
ISOTEL6ULTRA ETC2-ISOTEL6ULTRA Datasheet
505Kb / 5P
   6-Outlet Isobar Surge Protector with 6-ft Cord and 2-Line Tel/Modem Protection
logo
Tripp Lite. All Rights ...
ISOTEL6ULTRA TRIPPLITE-ISOTEL6ULTRA Datasheet
167Kb / 4P
   Isobar 6-Outlet Surge Protector, 6 ft. Cord with Right-Angle Plug, 3300 Joules, Diagnostic LEDs, Tel/Fax/Modem, Metal
More results

Similar Description - ISOTEL8ULTRA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IBAR12 ETC2-IBAR12 Datasheet
486Kb / 5P
   12 outlet, 15-ft cord, 3840 joules, All metal housing Rackmount Isobar Surge Suppressor
TLP604TEL ETC2-TLP604TEL Datasheet
505Kb / 5P
   6-outlets, 4-ft cord, 790 joule strip, RJ11 protection - Protect It! Surge Suppressor
IBAR12-20ULTRA ETC2-IBAR12-20ULTRA Datasheet
485Kb / 5P
   12 outlet, 15-ft cord, 3840 joules, Rackmount Isobar Surge Suppressor
logo
Tripp Lite. All Rights ...
ISOBAR12 TRIPPLITE-ISOBAR12 Datasheet
480Kb / 3P
   12 outlet, 15-ft cord, 3840 joules, Rackmount Isobar Surge Suppressor
logo
List of Unclassifed Man...
TLM615SA ETC2-TLM615SA Datasheet
495Kb / 4P
   6-outlets, 15-ft cord, 2700 joule rating, all-metal housing - Safety Surge Suppressor - Rugged
ISOBAR2-6 ETC2-ISOBAR2-6 Datasheet
500Kb / 5P
   2-outlet, 6-ft cord, 1410 joule, All metal housing Isobar Surge Suppressor - Premium surge, spike and line noise protection
TLP808TELTV ETC2-TLP808TELTV Datasheet
514Kb / 5P
   8-outlet, 8-ft cord, 2160 joule, RJ11 and coaxial protection - Protect It! Surge Suppressor
IB8RM ETC2-IB8RM Datasheet
486Kb / 5P
   8 outlet, 12ft cord, 3840 Joules, Remote on/off switch, All-metal housing - Isobar Surge Suppressor
ISOBAR4ULTRA ETC2-ISOBAR4ULTRA Datasheet
496Kb / 5P
   4 outlets, 6ft cord, 3330 joules, All-metal housing with LEDs - Isobar Surge Suppressor
ISOBAR8ULTRA ETC2-ISOBAR8ULTRA Datasheet
491Kb / 5P
   8-Outlet Premium Isobar Surge Protector with 12-ft Cord and All-Metal Housing
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com