Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMBTA56 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GMBTA56
Description  The GMBTA56 is amplifier applications.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GMBTA56 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GMBTA56 Datasheet HTML 1Page - E-Tech Electronics LTD GMBTA56 Datasheet HTML 2Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
G
G M
M B
B T
TA
A5566
P
P N
N P
P S
S II LL II C
C O
O N
N T
T R
R A
A N
N S
S II S
S T
T O
O R
R
Description
The GMBTA56 is amplifier applications.
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
3.10
G
1.90 REF.
B
2.40
2.80
H
1.00
1.30
C
1.40
1.60
K
0.10
0.20
D
0.35
0.50
J
0.40
-
E
0
0.10
L
0.85
1.15
F
0.45
0.55
M
0 C
10 C
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
Storage Temperature
Tstg
-55 ~ +150
Collector to Base Voltage
VCBO
-80
V
Collector to Emitter Voltage
VCEO
-80
V
Emitter to Base Voltage
VEBO
-4
V
Collector Current
IC
-500
mA
Total Power Dissipation
PD
225
mW
Characteristics at Ta = 25 ::::
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-80
-
-
V
IC=-100uA , IE=0
BVCEO
-80
-
-
V
IC=-1mA, IB=0
BVEBO
-4
-
-
V
IE=-100uA, IC=0
ICBO
-
-
-100
nA
VCB=-80V, IE=0
ICEO
-
-
-100
nA
VCE=-60V
VCE(sat)
-
-
-250
mV
IC=-100mA, IB=-10mA
VBE(on)
-
-
-1.2
V
VCE=-1V, IC=-100mA
HFE1
50
-
-
VCE=-1V, IC=-10mA
HFE2
50
VCE=-1V, IC=-100mA
fT
100
-
-
MHz
VCE=-2V, IC=-10mA, f=1MHz


Similar Part No. - GMBTA56

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GMBTA56 GTM-GMBTA56 Datasheet
223Kb / 2P
   PNP SILICON TRANSISTOR
More results

Similar Description - GMBTA56

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GMBTA06 ETL-GMBTA06 Datasheet
233Kb / 2P
   The GMBTA06 is designed for general purpose amplifier applications
G9014 ETL-G9014 Datasheet
184Kb / 3P
   The G9014 is designed for general purpose amplifier applications
GMSD1664 ETL-GMSD1664 Datasheet
193Kb / 2P
   The GMSD1664 is designed for general purpose amplifier applications.
GSB1694 ETL-GSB1694 Datasheet
125Kb / 2P
   The GSB1694 is designed for general purpose amplifier applications
G8550S ETL-G8550S Datasheet
177Kb / 3P
   The G8550S is designed for general purpose amplifier applications
GS123 ETL-GS123 Datasheet
157Kb / 2P
   The GS123 is designed for general purpose amplifier applications.
G2N4403 ETL-G2N4403 Datasheet
113Kb / 2P
   The G2N4403 is designed for general purpose switching and amplifier applications.
G2N3906 ETL-G2N3906 Datasheet
206Kb / 1P
   The G2N3906 is designed for general purpose switching and amplifier applications
G2N4401 ETL-G2N4401 Datasheet
132Kb / 2P
   The G2N4401 is designed for general purpose switching and amplifier applications.
G2N5551 ETL-G2N5551 Datasheet
154Kb / 3P
   The G2N5551 is designed for general purpose switching and amplifier applications.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com