Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMBZ5222B Datasheet(PDF) 2 Page - E-Tech Electronics LTD

Part # GMBZ5222B
Description  ZENER DIODES
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GMBZ5222B Datasheet(HTML) 2 Page - E-Tech Electronics LTD

  GMBZ5222B Datasheet HTML 1Page - E-Tech Electronics LTD GMBZ5222B Datasheet HTML 2Page - E-Tech Electronics LTD GMBZ5222B Datasheet HTML 3Page - E-Tech Electronics LTD GMBZ5222B Datasheet HTML 4Page - E-Tech Electronics LTD GMBZ5222B Datasheet HTML 5Page - E-Tech Electronics LTD GMBZ5222B Datasheet HTML 6Page - E-Tech Electronics LTD GMBZ5222B Datasheet HTML 7Page - E-Tech Electronics LTD GMBZ5222B Datasheet HTML 8Page - E-Tech Electronics LTD GMBZ5222B Datasheet HTML 9Page - E-Tech Electronics LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2/11
Test
Current
Zener Voltage
Vz(V)
ZZK
IZ=0.25mA
ZZT
IZ=IZT
Max. Reverse
Current
Device
Type Code
IZT(mA)
Min
Nominal
Max
ÆÆÆÆMax
ÆÆÆÆMax
IR(uA)
@VR(V)
GMBZ5238B
8N-
20
8.265
8.7
9.135
600
8.0
3.0
6.5
GMBZ5239B
8P-
20
8.645
9.1
9.555
600
10
3.0
7.0
GMBZ5240B
8Q-
20
9.500
10
10.500
600
17
3.0
8.0
GMBZ5241B
8R-
20
10.450
11
11.550
600
22
2.0
8.4
GMBZ5242B
8S-
20
11.400
12
12.600
600
30
1.0
9.1
GMBZ5243B
8T-
9.5
12.350
13
13.650
600
13
0.5
9.9
GMBZ5244B
8U-
9.0
13.300
14
14.700
600
15
0.1
10
GMBZ5245B
8V-
8.5
14.250
15
15.750
600
16
0.1
11
GMBZ5246B
8W-
7.8
15.200
2
16
16.800
600
17
0.1
12
GMBZ5247B
8X-
7.4
16.150
17
17.850
600
19
0.1
13
GMBZ5248B
8Y-
7.0
17.100
18
18.900
600
21
0.1
14
GMBZ5249B
8Z-
6.6
18.050
19
19.950
600
23
0.1
14
GMBZ5250B
81A-
6.2
19.000
20
21.000
600
25
0.1
15
GMBZ5251B
81B-
5.6
20.900
22
23.100
600
29
0.1
17
GMBZ5252B
81C-
5.2
22.800
24
25.200
600
33
0.1
18
GMBZ5253B
81D-
5.0
23.750
25
26.250
600
35
0.1
19
GMBZ5254B
81E-
4.6
25.650
27
28.350
600
41
0.1
21
GMBZ5255B
81F-
4.5
26.600
28
29.400
600
44
0.1
21
GMBZ5256B
81G-
4.2
28.500
30
31.500
600
49
0.1
23
GMBZ5257B
81H-
3.8
31.350
33
34.650
700
58
0.1
25
GMBZ5258B
81J-
3.4
34.200
36
37.800
700
70
0.1
27
GMBZ5259B
81K-
3.2
37.050
39
40.950
800
80
0.1
30
GMBZ5260B
81L-
3.0
40.850
43
45.150
900
93
0.1
33
GMBZ5261B
81M-
2.7
44.650
47
49.350
1000
105
0.1
36
GMBZ5262B
81N-
2.5
48.450
51
53.550
1100
125
0.1
39
GMBZ5263B
81P-
2.2
53.200
56
58.800
1300
150
0.1
43
GMBZ5264B
81Q-
2.1
57.000
60
63.000
1400
170
0.1
46
GMBZ5265B
81R-
2.0
58.900
62
65.100
1400
185
0.1
47
GMBZ5266B
81S-
1.8
64.600
68
71.400
1600
230
0.1
52
GMBZ5267B
81T-
1.7
71.250
75
78.750
1700
270
0.1
56
GMBZ5268B
81U-
1.5
77.900
82
86.100
2000
330
0.1
62
GMBZ5269B
81V-
1.4
82.650
87
91.35
2200
370
0.1
68
GMBZ5270B
81W-
1.4
86.450
91
95.550
2300
400
0.1
69


Similar Part No. - GMBZ5222B

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GMBZ5221B GTM-GMBZ5221B Datasheet
854Kb / 11P
   ZENER DIODES
More results

Similar Description - GMBZ5222B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com