Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GSB772SS Datasheet(PDF) 3 Page - E-Tech Electronics LTD

Part # GSB772SS
Description  The GSB772SS is a medium power low voltage transistor, designed for audio power amplifier, DC-DC converter and voltage regulator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GSB772SS Datasheet(HTML) 3 Page - E-Tech Electronics LTD

  GSB772SS Datasheet HTML 1Page - E-Tech Electronics LTD GSB772SS Datasheet HTML 2Page - E-Tech Electronics LTD GSB772SS Datasheet HTML 3Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
GSB772SS
Page: 3/3
ISSUED DATE :2005/11/07
REVISED DATE :
Important Notice:
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of GTM.
GTM reserves the right to make changes to its products without notice.
GTM semiconductor products are not warranted to be suitable for use in life-support Applications, or systems.
GTM assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
Taiwan: No. 17-1 Tatung Rd. Fu Kou Hsin-Chu Industrial Park, Hsin-Chu, Taiwan, R. O. C.
TEL : 886-3-597-7061 FAX : 886-3-597-9220, 597-0785
China: (201203) No.255, Jang-Jiang Tsai-Lueng RD. , Pu-Dung-Hsin District, Shang-Hai City, China
TEL : 86-21-5895-7671 ~ 4 FAX : 86-21-38950165


Similar Part No. - GSB772SS

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSB772SS GTM-GSB772SS Datasheet
275Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - GSB772SS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3319 STMICROELECTRONICS-AN3319 Datasheet
1Mb / 25P
   The SPV1040 is a high efficiency, low power and low voltage DC-DC converter
logo
E-Tech Electronics LTD
GSB772S ETL-GSB772S Datasheet
131Kb / 2P
   The GSB772S is designed for using in output stage of 0.75W amplifier, voltage regulator, DC-DC converter and driver.
logo
STMicroelectronics
AN3392 STMICROELECTRONICS-AN3392 Datasheet
5Mb / 57P
   The SPV1020 is a monolithic DC-DC boost converter designed
logo
Guilin Strong Micro-Ele...
GMD882 GSME-GMD882 Datasheet
256Kb / 3P
   NPN Si transistor suited for the output stage of 3W audio amplifier, voltage regulator, DC-DC converter and relay driver
GMB772 GSME-GMB772 Datasheet
256Kb / 3P
   PNP Si transistor suited for the output stage of 3W audio amplifier, voltage regulator, DC-DC converter and relay driver
logo
Estek Electronics Co. L...
ET-LM386 ESTEK-ET-LM386 Datasheet
293Kb / 1P
   The MIK386 is a power amplifier designed for use in low voltage consumer applications
logo
NEC
2SD882 NEC-2SD882 Datasheet
165Kb / 2P
   NPN(for the output stage of 3 watts audio amplifier, voltage regulator, DC-DC converter and relay driver)
logo
KEC(Korea Electronics)
KTA1705 KEC-KTA1705 Datasheet
252Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (AUDIO AMPLIFIER, VOLTAGE REGULATOR DC-DC CONVERTER, RELAY DRIVER)
KTC2804 KEC-KTC2804 Datasheet
254Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (AUDIO AMPLIFIER, VOLTAGE REGULATOR DC-DC CONVERTER, RELAY DRIVER)
logo
Fairchild Semiconductor
KSA1156OS FAIRCHILD-KSA1156OS Datasheet
96Kb / 5P
   High Voltage Switching Low Power Switching Regulator DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com