Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L-90PL024D-I Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # L-90PL024D-I
Description  Pontiac Coil - Arkansas is an ISO 9001:2000 Certified Company
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

L-90PL024D-I Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  L-90PL024D-I Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Model L-90 DC Solenoid
Open Frame, Pull Type
2110 Queensway Searcy, AR 72143
Phone 501-268-6877
Website: www.pontiaccoil.com
Pontiac Coil - Arkansas is an ISO 9001:2000 Certified Company
*Resistance values are ± 10% at 25°C
Model Code
Part No.
Voltage
Duty Cycle
Power (W)
Resistance (Ω)*
Current (A)
L-90PL012D-C
F0461A
12VDC
Continuous
13
11.0
1.1
L-90PL012D-I
F0462A
12VDC
Intermittent
48
3.0
4.0
L-90PL024D-C
F0463A
24VDC
Continuous
13
44.0
0.6
L-90PL024D-I
F0464A
24VDC
Intermittent
48
12.0
2.0
Definition of Duty Cycles:
Continuous = indefinite activation; Intermittent = 1 minute ON and 3 minutes OFF; Pulse = 100 msec. ON and 900 msec. OFF
Special order options: 6 to 48 volts DC or AC. Consult factory for other available modifications.
Stroke (in.):
Sealed
1/8
1/4
3/8
1/2
3/4
1
1-1/4
Cont. Duty force
212 oz.
114 oz.
62 oz.
35 oz.
23 oz.
13 oz.
8 oz.
5 oz.
Int. Duty force
250 oz.
176 oz.
131 oz.
95 oz.
72 oz.
44 oz.
28 oz.
16 oz.
Typical force values when operated at 100% rated voltage at 25°C. Derating required for lower voltage and higher temperature.
Minumum lead length 6 inches
Solenoid shown energized, with plunger seated
Insulation Materials: UL Construction, Class B 130°C
Copper magnet wire insulation rated 155°C (class F)
Voltage Breakdown Strength: 1500 VAC RMS
Life Expectancy: 10 million operations


Similar Part No. - L-90PL024D-I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L-914 ETC-L-914 Datasheet
179Kb / 6P
   RECTANGULAR SOLID LAMPS
L-914AD ETC-L-914AD Datasheet
179Kb / 6P
   RECTANGULAR SOLID LAMPS
L-914AT ETC-L-914AT Datasheet
179Kb / 6P
   RECTANGULAR SOLID LAMPS
L-914ED ETC-L-914ED Datasheet
179Kb / 6P
   RECTANGULAR SOLID LAMPS
L-914ET ETC-L-914ET Datasheet
179Kb / 6P
   RECTANGULAR SOLID LAMPS
More results

Similar Description - L-90PL024D-I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F0434A ETC2-F0434A Datasheet
74Kb / 1P
   Pontiac Coil - Arkansas is an ISO 9001:2000 Certified Company
logo
Mean Well Enterprises C...
MWP-602A MEANWELL-MWP-602A Datasheet
108Kb / 2P
   SWITCHING POWER SUPPLY ISO-9001 CERTIFIED MANUFACTURER
logo
Total Power Internation...
QP-375 TOTAL-POWER-QP-375 Datasheet
150Kb / 5P
   SWITCHING POWER SUPPLY ISO-9001 CERTIFIED MANUFACTURER
logo
List of Unclassifed Man...
SUS01L ETC1-SUS01L Datasheet
100Kb / 4P
   SWITCHING POWER SUPPLY ISO-9001 CERTIFIED MANUFACTURER
PM30-12T05-12 ETC2-PM30-12T05-12 Datasheet
213Kb / 3P
   An Invensys company
logo
Future Technology Devic...
UMFT51AA FTDI-UMFT51AA Datasheet
867Kb / 16P
   UMFT51AA is an FT51A DIP module that is compatible with an 8051 microcontroller
logo
Anaren Microwave
A8520E24A91-EM2 ANAREN-A8520E24A91-EM2_14 Datasheet
966Kb / 3P
   The A8520E24A91-EM2 is a high-performance, interface board with an FCC & IC certified and ETSI-compliant
logo
List of Unclassifed Man...
FNA41560B2 ETC2-FNA41560B2 Datasheet
3Mb / 16P
   UL Certified No. E209204, Isolation Rating of 2000 Vrms / min
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5903 AVAGO-HFBR-5903 Datasheet
213Kb / 16P
   Manufactured in an ISO 9002 certifi ed facility
logo
Renesas Technology Corp
BCR16CS RENESAS-BCR16CS Datasheet
183Kb / 12P
   MITSUBISHI SEMICONDUCTOR 〈TRIAC〉
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com