Electronic Components Datasheet Search |
|
N800701 Datasheet(PDF) 1 Page - E-SWITCH |
|
N800701 Datasheet(HTML) 1 Page - E-SWITCH |
|
1 / 1 page P.C.B. MOUNTING TITLE SCALE DATE DR DWG REV THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED SHEET OF REV PCR NO DESCRIPTION DATE BY KAE01SGGR 3/14/2013 N800701 A EBP 1 1 2 1 CIRCUIT - 1 POSITION 2 1 3.05 [.120 in] 3.58 [.141 in] 6.30 [.248 in] 1.00 [.039 in] TRAVEL A 21064 RELEASED FOR PRODUCTION 3/14/13 EBP NOTES: 1. ALL DIMENSIONS IN MM [INCH]. 2. GENERAL TOLERANCE: X.X=±0.4 X.XX=±0.25 3. TERM. NOS. FOR REFERENCE ONLY. 4. CONTACT RATINGS: 25mA @24VDC. (SWITCH) 100mA @50VDC. (CARRY) 5. CONTACT MATERIAL: CONTACTS: (MOVABLE) COPPER W/GOLD PLATE. TERMINALS: BRASS w/GOLD PLATE. 6. INSULATION RESISTANCE; 100 MΩ MIN. @500VDC. 7. CONTACT RESISTANCE; 50 mΩ MAX INITIAL. 8. OPERATING TEMP: -20 ~C TO +85~C. 9. STORAGE TEMP: -40 ~C TO +85~C. 10. ELECTRICAL LIFE: 2000 CYCLES. 11. PACKAGE: TAPE AND REEL (800 PER REEL) WITH ALL POLES IN THE "OFF" POSITION. 12. DENOTES CRITICAL PARAMETER. 13. DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE. 14. OPERATING FORCE: 1000 GRAMS MAX. 15. 2002/95/EC (ROHS) COMPLIANT. POS. 1 DESIGNATE PIN #1 LOCATION 7.40 [.291 in] 10.40 [.409 in] 1.10 [.043 in] .075 `.075 .003 `.003 in [ ] 3.13 [.123 in] .50 [.020 in] 9.8 `.3 .39 `.01 in [ ] |
Similar Part No. - N800701 |
|
Similar Description - N800701 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |